Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SNJ54ALS165J Datasheet(PDF) 5 Page - Texas Instruments

Part # SNJ54ALS165J
Description  PARALLEL-LOAD 8-BIT REGISTERS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SNJ54ALS165J Datasheet(HTML) 5 Page - Texas Instruments

  SNJ54ALS165J Datasheet HTML 1Page - Texas Instruments SNJ54ALS165J Datasheet HTML 2Page - Texas Instruments SNJ54ALS165J Datasheet HTML 3Page - Texas Instruments SNJ54ALS165J Datasheet HTML 4Page - Texas Instruments SNJ54ALS165J Datasheet HTML 5Page - Texas Instruments SNJ54ALS165J Datasheet HTML 6Page - Texas Instruments SNJ54ALS165J Datasheet HTML 7Page - Texas Instruments SNJ54ALS165J Datasheet HTML 8Page - Texas Instruments SNJ54ALS165J Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
SN54ALS165, SN74ALS165
PARALLELLOAD 8BIT REGISTERS
SDAS157B − JUNE 1982 − REVISED DECEMBER 1994
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
switching characteristics (see Figures 1, 2, and 3)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 4.5 V to 5.5 V,
CL = 50 pF,
RL = 500 Ω,
TA = MIN to MAX†
UNIT
PARAMETER
(INPUT)
(OUTPUT)
SN54ALS165
SN74ALS165
UNIT
MIN
MAX
MIN
MAX
fmax
35
45
MHz
tPLH
SH/LD
Any
4
23
4
20
ns
tPHL
SH/LD
Any
4
23
4
22
ns
tPLH
CLK
Any
3
14
3
13
ns
tPHL
CLK
Any
3
15
3
14
ns
tPLH
H
QH
3
14
3
13
ns
tPHL
H
QH
3
18
3
16
ns
tPLH
H
QH
2
17
2
15
ns
tPHL
H
QH
3
17
3
16
ns
† For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
PARAMETER MEASUREMENT INFORMATION
tw(load)
tw(load)
(disable while
clock is high)
3.5 V
0.3 V
3.5 V
0.3 V
3.5 V
0.3 V
3.5 V
0.3 V
VOH
VOL
VOH
VOL
Vref
tsu1
tw(CLK)
tw(CLK)
tsu2
tsu2
Vref
tPHL
tPLH
tPHL
tPLH
tPHL
tPLH
Vref
Vref
tPLH
tPHL
tPLH
tPHL
tPLH
tPHL
Vref
CLK INH
CLK
F and H
Inputs
(see Notes
A and B)
SH/LD
Output
QH
Output
QH
Vref
Vref
Vref
Vref
Vref
Vref
Vref
Vref
Vref
Vref
Vref
Vref
Vref
Vref
Vref
Vref
Vref
Vref
NOTES: A. The remaining six data inputs and SER are low.
B. Prior to test, high-level data is loaded into the H input.
C. The input pulse generators have the following characteristics: PRR
≤ 1 MHz, duty cycle ≤ 50%, tr = tf = 2 ns.
D. Vref = 1.3 V
Figure 1. Voltage Waveforms


Similar Part No. - SNJ54ALS165J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SNJ54ALS165J TI-SNJ54ALS165J Datasheet
419Kb / 1P
[Old version datasheet]   PARALLEL-LOAD 8-BIT REGISTERS
More results

Similar Description - SNJ54ALS165J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALS165 TI-SN74ALS165 Datasheet
419Kb / 1P
[Old version datasheet]   PARALLEL-LOAD 8-BIT REGISTERS
SN54ALS165 TI-SN54ALS165 Datasheet
114Kb / 7P
[Old version datasheet]   PARALLEL-LOAD 8-BIT REGISTERS
SN54LV166A TI-SN54LV166A_08 Datasheet
525Kb / 18P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN74LV165A TI-SN74LV165A Datasheet
472Kb / 17P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54LV165A TI-SN54LV165A_07 Datasheet
735Kb / 19P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54166 TI1-SN54166_15 Datasheet
974Kb / 21P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54HC165 TI-SN54HC165 Datasheet
579Kb / 19P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN54LV165 TI-SN54LV165 Datasheet
168Kb / 8P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54HC166 TI-SN54HC166_07 Datasheet
636Kb / 19P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN54LV165A_101 TI-SN54LV165A_101 Datasheet
730Kb / 22P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com