Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S8377-128Q Datasheet(PDF) 5 Page - Hamamatsu Corporation

Part # S8377-128Q
Description  CMOS linear image sensor Built-in timing generator and signal processing circuit; single 5 V supply operation
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S8377-128Q Datasheet(HTML) 5 Page - Hamamatsu Corporation

  S8377-128Q Datasheet HTML 1Page - Hamamatsu Corporation S8377-128Q Datasheet HTML 2Page - Hamamatsu Corporation S8377-128Q Datasheet HTML 3Page - Hamamatsu Corporation S8377-128Q Datasheet HTML 4Page - Hamamatsu Corporation S8377-128Q Datasheet HTML 5Page - Hamamatsu Corporation S8377-128Q Datasheet HTML 6Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
CMOS linear image sensor
S8377/S8378 series
5
s Dimensional outlines (unit: mm)
KMPDA0150EC
S8377-128Q, S8378-256Q
S8377-256Q, S8378-512Q
KMPDA0151EC
KMPDA0152EC
S8377-512Q, S8378-1024Q
0.51
7.62
2.54
ACTIVE AREA
6.4 × 0.5
3.2 ± 0.3
15.8
* Optical distance from the outer surface
of the quartz window to the chip surface
7.62
0.25
CHIP
ACTIVE AREA
12.8 × 0.5
6.4 ± 0.3
22.2
7.62
2.54
0.51
* Optical distance from the outer surface
of the quartz window to the chip surface
7.62
0.25
CHIP
ACTIVE AREA
25.6 × 0.5
12.8 ± 0.3
35.0
7.62
2.54
0.51
* Optical distance from the outer surface
of the quartz window to the chip surface
7.62
0.25
CHIP


Similar Part No. - S8377-128Q

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S8377 HAMAMATSU-S8377_15 Datasheet
847Kb / 7P
   CMOS linear image sensors
More results

Similar Description - S8377-128Q

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S9226 HAMAMATSU-S9226 Datasheet
106Kb / 4P
   CMOS linear image sensor Built-in timing generator and signal processing circuit; single 3.3 V supply operation
logo
List of Unclassifed Man...
HV7131GP ETC-HV7131GP Datasheet
2Mb / 61P
   CMOS Image Sensor with Image Signal Processing
logo
Hynix Semiconductor
HV7151SP HYNIX-HV7151SP Datasheet
863Kb / 89P
   CMOS Image Sensor with Image Signal Processing
logo
List of Unclassifed Man...
HV7131RP ETC-HV7131RP Datasheet
1Mb / 79P
   CMOS Image Sensor with Image Signal Processing
HV7161SPA2 ETC-HV7161SPA2 Datasheet
1Mb / 72P
   CMOS Image Sensor with Image Signal Processing
logo
Hamamatsu Corporation
S10077 HAMAMATSU-S10077 Datasheet
117Kb / 5P
   CMOS linear image sensor Digital output, built-in 8/10-bit AD converter, single power supply operation
logo
Sony Corporation
CXD3406GA SONY-CXD3406GA Datasheet
384Kb / 46P
   Timing Generator and Signal Processor for Frame Readout CCD Image Sensor
logo
List of Unclassifed Man...
CXD3423GA ETC-CXD3423GA Datasheet
531Kb / 54P
   Timing Generator and Signal Processor for Frame Readout CCD Image Sensor
logo
Sony Corporation
CXD3412GA SONY-CXD3412GA Datasheet
383Kb / 46P
   Timing Generator and Signal Processor for Frame Readout CCD Image Sensor
CXD3408GA SONY-CXD3408GA Datasheet
404Kb / 47P
   Timing Generator and Signal Processor for Frame Readout CCD Image Sensor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com