Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FX20KMJ-03 Datasheet(PDF) 2 Page - Powerex Power Semiconductors

Part # FX20KMJ-03
Description  Pch POWER MOSFET HIGH-SPEED SWITCHING USE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

FX20KMJ-03 Datasheet(HTML) 2 Page - Powerex Power Semiconductors

  FX20KMJ-03 Datasheet HTML 1Page - Powerex Power Semiconductors FX20KMJ-03 Datasheet HTML 2Page - Powerex Power Semiconductors FX20KMJ-03 Datasheet HTML 3Page - Powerex Power Semiconductors FX20KMJ-03 Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PRELIMINARY
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.
Jan.1999
V (BR) DSS
IGSS
IDSS
VGS (th)
rDS (ON)
rDS (ON)
VDS (ON)
yfs
Ciss
Coss
Crss
td (on)
tr
td (off)
tf
VSD
Rth (ch-c)
trr
V
µA
mA
V
V
S
pF
pF
pF
ns
ns
ns
ns
V
°C/W
ns
–30
–1.3
–1.8
0.11
0.21
–1.1
5.8
1130
232
83
15
33
49
26
–1.0
50
±0.1
–0.1
–2.3
0.13
0.29
–1.3
–1.5
6.25
ELECTRICAL CHARACTERISTICS (Tch = 25°C)
Drain-source breakdown voltage
Gate-source leakage current
Drain-source leakage current
Gate-source threshold voltage
Drain-source on-state resistance
Drain-source on-state resistance
Drain-source on-state voltage
Forward transfer admittance
Input capacitance
Output capacitance
Reverse transfer capacitance
Turn-on delay time
Rise time
Turn-off delay time
Fall time
Source-drain voltage
Thermal resistance
Reverse recovery time
Symbol
Unit
Parameter
Test conditions
Limits
Min.
Typ.
Max.
PERFORMANCE CURVES
ID = –1mA, VDS = 0V
VGS = ±20V, VDS = 0V
VDS = –30V, VGS = 0V
ID = –1mA, VDS = –10V
ID = –10A, VGS = –10V
ID = –2A, VGS = –4V
ID = –10A, VGS = –10V
ID = –10A, VDS = –5V
VDS = –10V, VGS = 0V, f = 1MHz
VDD = –15V, ID = –10A, VGS = –10V, RGEN = RGS = 50
IS = –10A, VGS = 0V
Channel to case
IS = –10A, dis/dt = 50A/
µs
0
8
16
24
32
40
0
200
50
100
150
0
–4
–8
–12
–16
–20
0
–1.0
–2.0
–3.0
–4.0
–5.0
0
–2
–4
–6
–8
–10
0
–0.4
–0.8
–1.2
–1.6
–2.0
–100
–2
–3
–5
–7
–101
–2
–2
–3
–5
–7
–102
–2
–3
–5
–7
–2
–100
–3 –5–7
–2
–101
–3 –5–7
–2
–102
–3 –5–7
–2
tw = 10
µs
TC = 25°C
Pulse Set
100
µs
10ms
1ms
DC
Tc = 25°C
Pulse Test
–6V
–7V
–8V
PD =
20W
VGS =
–10V
–4V
–3V
–5V
–4V
–3V
VGS = –10V
–8V
–6V
Tc = 25°C
Pulse Test
–5V
POWER DISSIPATION DERATING CURVE
CASE TEMPERATURE TC (°C)
MAXIMUM SAFE OPERATING AREA
DRAIN-SOURCE VOLTAGE VDS (V)
OUTPUT CHARACTERISTICS
(TYPICAL)
DRAIN-SOURCE VOLTAGE VDS (V)
OUTPUT CHARACTERISTICS
(TYPICAL)
DRAIN-SOURCE VOLTAGE VDS (V)
MITSUBISHI Pch POWER MOSFET
FX20KMJ-03
HIGH-SPEED SWITCHING USE


Similar Part No. - FX20KMJ-03

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FX20KMJ-03 MITSUBISHI-FX20KMJ-03 Datasheet
50Kb / 4P
   HIGH-SPEED SWITCHING USE
logo
Renesas Technology Corp
FX20KMJ-03 RENESAS-FX20KMJ-03 Datasheet
209Kb / 7P
   High-Speed Switching Use Pch Power MOS FET
FX20KMJ-03-A8 RENESAS-FX20KMJ-03-A8 Datasheet
209Kb / 7P
   High-Speed Switching Use Pch Power MOS FET
More results

Similar Description - FX20KMJ-03

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
FX30KMJ-2 POWEREX-FX30KMJ-2 Datasheet
56Kb / 4P
   Pch POWER MOSFET HIGH-SPEED SWITCHING USE
FX50KMJ-03 POWEREX-FX50KMJ-03 Datasheet
55Kb / 4P
   Pch POWER MOSFET HIGH-SPEED SWITCHING USE
FX30KMJ-3 POWEREX-FX30KMJ-3 Datasheet
55Kb / 4P
   Pch POWER MOSFET HIGH-SPEED SWITCHING USE
FX50SMJ-2 POWEREX-FX50SMJ-2 Datasheet
63Kb / 4P
   Pch POWER MOSFET HIGH-SPEED SWITCHING USE
FX6KMJ-2 POWEREX-FX6KMJ-2 Datasheet
56Kb / 4P
   Pch POWER MOSFET HIGH-SPEED SWITCHING USE
FX3ASJ-3 POWEREX-FX3ASJ-3 Datasheet
50Kb / 4P
   Pch POWER MOSFET HIGH-SPEED SWITCHING USE
FX50KMJ-06 POWEREX-FX50KMJ-06 Datasheet
56Kb / 4P
   Pch POWER MOSFET HIGH-SPEED SWITCHING USE
FX20KMJ-2 POWEREX-FX20KMJ-2 Datasheet
56Kb / 4P
   Pch POWER MOSFET HIGH-SPEED SWITCHING USE
FX30ASJ-03 POWEREX-FX30ASJ-03 Datasheet
49Kb / 4P
   Pch POWER MOSFET HIGH-SPEED SWITCHING USE
FX30KMJ-06 POWEREX-FX30KMJ-06 Datasheet
56Kb / 4P
   Pch POWER MOSFET HIGH-SPEED SWITCHING USE
FX50KMJ-2 POWEREX-FX50KMJ-2 Datasheet
56Kb / 4P
   Pch POWER MOSFET HIGH-SPEED SWITCHING USE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com