Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE7105 Datasheet(PDF) 2 Page - NTE Electronics

Part # NTE7105
Description  Integrated Circuit Dual 10W 10W Stereo Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE7105 Datasheet(HTML) 2 Page - NTE Electronics

  NTE7105 Datasheet HTML 1Page - NTE Electronics NTE7105 Datasheet HTML 2Page - NTE Electronics NTE7105 Datasheet HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical Characteristics (Cont’d): (TA = +25°C, VS = 24V, Gv = 36dB unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ Max Unit
Total Harmonic Distortion
(E h Ch
l)
THD
f = 1kHz PO = 0.1 to 7W, RL = 4Ω
0.2
%
(Each Channel)
PO = 0.1 to 3.5W, RL = 8Ω
0.1
%
VS = 18V PO = 0.1 to 5W, RL = 4Ω
0.2
%
PO = 0.1 to 2.5W, RL = 8Ω
0.1
%
Crosstalk
CT
RL = ∞, Rg = 10kΩ
f = 1kHz
60
dB
f = 10kHz
50
dB
Input Saturation Voltage (rms)
VI
300
mV
Input Resistance
RI
f = 1kHz, Non−Inverting Input
70
200
k
Ω
Low Frequency Roll−Off (−3dB)
fL
RL = 4Ω
20
Hz
High Frequency Roll−Off (−3dB)
fH
RL = 4Ω
80
kHz
Voltage Gain
GV
f = 1kHz
35.5 36.0 36.5
dB
Closed Loop Gain Matching
ΔGV
0.5
dB
Total Input Noise Voltage
eN
Rg= 10kΩ
1.5
μV
Rg = 10kΩ, Note 1
2.5
8.0
μV
Supply Voltage Rejection
(Each Channel)
SVR
Rg = 10kΩ, fripple = 100Hz,
Vripple = 500mV
55
dB
Thermal Shutdown Junction
Temperature
TJ
145
°C
Note 1. 22Hz to 22kHz
(+) VS
Pin Connection Diagram
(Front View)
(−) Input 2
N.C.
(−) Input 1
(+) Input 2
Output 2
GND
N.C.
SVRR
(+) Input 1
Output 1
11
10
9
8
7
6
5
4
3
2
1


Similar Part No. - NTE7105

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7100 NTE-NTE7100 Datasheet
21Kb / 2P
   Integrated Circuit Protector IC for Stereo Power Amplifier
NTE7101 NTE-NTE7101 Datasheet
22Kb / 2P
   Integrated Circuit AF Power Amplifier, 7W
NTE7102 NTE-NTE7102 Datasheet
26Kb / 3P
   Integrated Circuit Dual Audio Power Amplifier, 5.5W/Ch (20W BTL)
NTE7103 NTE-NTE7103 Datasheet
23Kb / 2P
   Integrated Circuit 50W to 80W Power Amplifier, Driver
NTE7104 NTE-NTE7104 Datasheet
24Kb / 3P
   Integrated Circuit Vertical Deflection Output Circuit w/Drive Circuit for CRT Display
More results

Similar Description - NTE7105

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2830 PTC-PT2830 Datasheet
231Kb / 5P
   10W Stereo Integrated Audio Amplifier
logo
Unisonic Technologies
PA2009 UTC-PA2009_15 Datasheet
201Kb / 4P
   10W STEREO AMPLIFIER
TDA22003 UTC-TDA22003_15 Datasheet
239Kb / 6P
   10W STEREO AMPLIFIER
logo
STMicroelectronics
TDA7490SA STMICROELECTRONICS-TDA7490SA Datasheet
173Kb / 13P
   10W 10W Stereo Class-D Amplifier
TDA7297D STMICROELECTRONICS-TDA7297D Datasheet
177Kb / 11P
   10W10W DUAL BRIDGE AMPLIFIER
TDA7297SA STMICROELECTRONICS-TDA7297SA Datasheet
497Kb / 11P
   10W10W DUAL BRIDGE AMPLIFIER
TDA-2009A STMICROELECTRONICS-TDA-2009A Datasheet
575Kb / 12P
   10 10W STEREO AMPLIFIER
logo
Unisonic Technologies
TDA2009 UTC-TDA2009 Datasheet
123Kb / 6P
   10 10W STEREO AMPLIFIER
TDA22003 UTC-TDA22003 Datasheet
215Kb / 7P
   10 10W STEREO AMPLIFIER
PA2009 UTC-PA2009 Datasheet
167Kb / 5P
   10 10W STEREO AMPLIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com