Electronic Components Datasheet Search |
|
S29GL064M90BBIR13 Datasheet(PDF) 5 Page - SPANSION |
|
S29GL064M90BBIR13 Datasheet(HTML) 5 Page - SPANSION |
5 / 160 page April 30, 2004 S29GLxxxM_00A5 S29GLxxxM MirrorBitTM Flash Family 5 Figure 8. Toggle Bit Algorithm............................................ 118 DQ2: Toggle Bit II ..............................................................................................118 Reading Toggle Bits DQ6/DQ2 .....................................................................119 DQ5: Exceeded Timing Limits ....................................................................... 119 DQ3: Sector Erase Timer ................................................................................119 DQ1: Write-to-Buffer Abort .........................................................................120 Table 33. Write Operation Status ........................................120 Figure 9. Maximum Negative Overshoot Waveform............... 121 Figure 10. Maximum Positive Overshoot Waveform........................................................ 121 Operating Ranges . . . . . . . . . . . . . . . . . . . . . . . . . 121 DC Characteristics . . . . . . . . . . . . . . . . . . . . . . . . 122 Test Conditions . . . . . . . . . . . . . . . . . . . . . . . . . . . 123 Figure 11. Test Setup ....................................................... 123 Table 34. Test Specifications ..............................................123 Key to Switching Waveforms . . . . . . . . . . . . . . 123 Figure 12. Input Waveforms and Measurement Levels......................................................... 123 AC Characteristics . . . . . . . . . . . . . . . . . . . . . . . . 124 Read-Only Operations-S29GL256M only ..................................................124 Read-Only Operations-S29GL128M only ................................................... 124 Read-Only Operations-S29GL064M only .................................................. 125 Read-Only Operations-S29GL032M only .................................................. 125 Figure 13. Read Operation Timings..................................... 126 Figure 14. Page Read Timings............................................ 126 Hardware Reset (RESET#) ............................................................................. 127 Figure 15. Reset Timings................................................... 127 Erase and Program Operations-S29GL256M only ..................................128 Erase and Program Operations-S29GL128M only ...................................129 Erase and Program Operations-S29GL064M only .................................. 130 Erase and Program Operations-S29GL032M only ................................... 131 Figure 16. Program Operation Timings ................................ 132 Figure 17. Accelerated Program Timing Diagram .................. 132 Figure 18. Chip/Sector Erase Operation Timings................... 133 Figure 19. Data# Polling Timings (During Embedded Algorithms) .......................................... 134 Figure 20. Toggle Bit Timings (During Embedded Algorithms) 135 Figure 21. DQ2 vs. DQ6 .................................................... 135 Temporary Sector Unprotect .......................................................................136 Figure 22. Temporary Sector Group Unprotect Timing Diagram ......................................................................... 136 Figure 23. Sector Group Protect and Unprotect Timing Diagram ......................................................................... 137 Alternate CE# Controlled Erase and Program Operations-S29GL256M ..................................................................................138 Alternate CE# Controlled Erase and Program Operations-S29GL128M ..................................................................................139 Alternate CE# Controlled Erase and Program Operations-S29GL064M .................................................................................140 Alternate CE# Controlled Erase and Program Operations-S29GL032M ...................................................................................141 Figure 24. Alternate CE# Controlled Write (Erase/Program) Operation Timings............................................................ 142 Erase And Programming Performance . . . . . . . .143 TSOP Pin and BGA Package Capacitance . . . . .144 Physical Dimensions . . . . . . . . . . . . . . . . . . . . . . .145 TS040—40-Pin Standard Thin Small Outline Package ...........................145 TS048—48-Pin Standard/Reverse Thin Small Outline Package (TSOP) .................................................................................................147 TSR048—48-Pin Standard/Reverse Thin Small Outline Package (TSOP) .................................................................................................148 TS056/TSR056—56-Pin Standard/Reverse Thin Small Outline Package (TSOP) ..................................................................................................................149 LAA064—64-Ball Fortified Ball Grid Array (FBGA) ..............................150 LAC064—64-Pin 18 x 12 mm package ..........................................................151 FBA048—48-Pin 6.15 x 8.15 mm package ...................................................152 FBC048—48-Pin 8 x 9 mm package ........................................................... 153 FBE063—63-Pin 12 x 11 mm package ............................................................154 FPT-48P-M19 ....................................................................................................... 155 FPT-56P-M01 .......................................................................................................156 BGA-48P-M20 .................................................................................................... 157 Revision Summary . . . . . . . . . . . . . . . . . . . . . . . . .158 Pin Description ..............................................................................................159 Logic Symbols .................................................................................................160 |
Similar Part No. - S29GL064M90BBIR13 |
|
Similar Description - S29GL064M90BBIR13 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |