Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NT78A5DC12V Datasheet(PDF) 2 Page - DB Lectro Inc

Part # NT78A5DC12V
Description  Low coil consumption.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

NT78A5DC12V Datasheet(HTML) 2 Page - DB Lectro Inc

  NT78A5DC12V Datasheet HTML 1Page - DB Lectro Inc NT78A5DC12V Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Release
Time
ms
15.7
12.3
14
Small size, light weight.
Low coil consumption.
PC board mounting.
Suitable for household electrical appliances, automation system, electronic equipment, instrument, meter,
telecommunication facilities and remote control facilities.
NT78 C
S 10 DC12V
0.6
1
2
3
4
5
6
Ordering Information
1 Part number NT78
2 Contact arrangement A:1A
B:1B
C:1C
U:1U
3 Enclosure
S: Sealed type NIL: Dust cover
4 Contact rating 5A,10A/14VDC
10A/120VAC 5A/250VAC
5 Coil rated voltage(V)
DC:6,9,12,24
6 Coil power consumption
0.6:0.6W
0.8:0.8W
Contact Data
Contact Arrangement
1A
SPSTNO
1B
SPSTNC
1C
SPDT(B-M)
1U
SPSTNODM
Contact Material
AgCdO AgSnO
AgSnO In O
22
2
3
NO:20A/14VDC 10A/120VAC,5A/250VAC
NC:15A/14VDC,10A/120VAC,5A/250VAC
Motor load : 1/2HP 125VAC
Lamp load : TV-5
Max. Switching Power
280W 1250VA
Max. Switching Voltage
42VDC 380VAC
Max. Switching Current:20A
Contact Resistance or Voltage drop
50m
Item 3.12 of IEC255-7
5
Operation
Electrical
10
Item 3.30 of IEC255-7
al
7
life
Mechanical
10
Item 3.31 of IEC255-7
IU:2
10A/14VDC
Coil Parameter
Dash
numbers
Coil voltage
VDC
Coil
resistance
10%
Pickup
voltage
VDC(max)
(80%of rated
voltage )
Release voltage
VDC(min)
(5% of rated
voltage)
Coil power
consumption
W
Operate
Time
ms
Rated
Max.
006-600
6
6.6
60
4.8
0.30
009-600
9
9.9
135
7.2
0.45
012-600
12
13.2
240
9.6
0.60
024-600
24
26.4
960
19.2
1.20
006-800
6
6.6
45
4.8
0.30
009-800
9
9.9
102
7.2
0.45
012-800
12
13.2
180
9.6
0.60
024-800
24
26.4
720
19.2
1.20
0.6
10
5
0.8
10
5
CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay.
2.Pickup and release voltage are for test purposes only and are not to be used as design criteria.
03001003504
E160644
Patent No.: 99206529.1
on Pending
Features
NT78
C
US
R
Operation condition
Insulation Resistance
100M
min (at 500VDC)
Item 7 of IEC255-5
Dielectric Strength
Between contacts
Between contact and coil
50Hz 500V
Item 6 of IEC255-5
50Hz 500V
Item 6 of IEC255-5
2
Shock resistance
100m/s
11ms
IEC68-2-27 Test Ea
Vibration resistance
10~55Hz double amplitude 1.5mm
IEC68-2-6 Test Fc
Terminals strength
10N
IEC68-2-21 Test Ua1
Solderability
235
2
3
0.5s
IEC68-2-20 Test Ta method 1
Ambient Temperature
-40~85
Relative Humidity
85% (at 20 )
IEC68-2-3Test Ca
Mass
6g
Qualification inspection:
Perform the qualification test as specified in the table
of IEC255-19-1 and minimum sample size 24.
Safety approvals
Safety approval
UL&CUR
CQC
Load
NO
20A/14VDC 10A/120VAC
NC
10A/14VDC
1/2HP 125VAC TV-5
5A/250VAC
Dimensions
Wiring diagram (Bottom view)
NOTES 1).Dimensions are in millimeters.
2).Inch equivalents are given for general information only.
Reference Data
NT78
Dimensions
Mounting (Bottom view)
mm /inch
0.055
0.401
0.098
0.043
0.016
0.484max.
0.618max.
0.057
Max.
Max.
Ningbo Huaguan Relay Corporation LTD.
200520013192.6
Contact Rating (resistive)
NHG RELAYS


Similar Part No. - NT78A5DC12V

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
NT78A5DC12V0.6 DBLECTRO-NT78A5DC12V0.6 Datasheet
284Kb / 2P
   Small size, light weight. / Low coil consumption.
NT78A5DC12V0.8 DBLECTRO-NT78A5DC12V0.8 Datasheet
284Kb / 2P
   Small size, light weight. / Low coil consumption.
More results

Similar Description - NT78A5DC12V

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
NT74 DBLECTRO-NT74 Datasheet
352Kb / 2P
   Low coil consumption
logo
CIT Relay & Switch
J118 CIT-J118 Datasheet
113Kb / 2P
   Low coil power consumption
logo
HuaXinAn Electronics CO...
JRC-23F HUAXINAN-JRC-23F Datasheet
305Kb / 1P
   Low coil power consumption.
logo
DB Lectro Inc
N4100 DBLECTRO-N4100 Datasheet
298Kb / 2P
   Low coil power consumption.
NT73-2 DBLECTRO-NT73-2_07 Datasheet
575Kb / 2P
   Low coil power consumption
NT73-3L DBLECTRO-NT73-3L Datasheet
437Kb / 2P
   Low coil power consumption
logo
HuaXinAn Electronics CO...
4117-22A HUAXINAN-4117-22A Datasheet
919Kb / 1P
   Low coil power consumption
logo
CIT Relay & Switch
J103 CIT-J103 Datasheet
112Kb / 3P
   Low coil power consumption
A61CS12VDC.9 CIT-A61CS12VDC.9 Datasheet
111Kb / 2P
   Low coil power consumption
logo
DB Lectro Inc
NT73 DBLECTRO-NT73_05 Datasheet
522Kb / 2P
   Low coil power consumption
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com