Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NT77A5DC6V Datasheet(PDF) 1 Page - DB Lectro Inc

Part # NT77A5DC6V
Description  Switching capacity up to 12A.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

NT77A5DC6V Datasheet(HTML) 1 Page - DB Lectro Inc

  NT77A5DC6V Datasheet HTML 1Page - DB Lectro Inc NT77A5DC6V Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Présente / Presents:
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com


Similar Part No. - NT77A5DC6V

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
NT77AS10DC12V DBLECTRO-NT77AS10DC12V Datasheet
310Kb / 2P
   Super light in weight. / Switching capacity up to 12A.
NT77AS10DC18V DBLECTRO-NT77AS10DC18V Datasheet
310Kb / 2P
   Super light in weight. / Switching capacity up to 12A.
NT77AS10DC24V DBLECTRO-NT77AS10DC24V Datasheet
310Kb / 2P
   Super light in weight. / Switching capacity up to 12A.
NT77AS10DC3V DBLECTRO-NT77AS10DC3V Datasheet
310Kb / 2P
   Super light in weight. / Switching capacity up to 12A.
NT77AS10DC5V DBLECTRO-NT77AS10DC5V Datasheet
310Kb / 2P
   Super light in weight. / Switching capacity up to 12A.
More results

Similar Description - NT77A5DC6V

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
NT77 DBLECTRO-NT77 Datasheet
310Kb / 2P
   Super light in weight. / Switching capacity up to 12A.
logo
CIT Relay & Switch
WJ152 CIT-WJ152 Datasheet
236Kb / 3P
   Switching capacity up to 10A
logo
DB Lectro Inc
NSAM DBLECTRO-NSAM Datasheet
225Kb / 2P
   Switching capacity up to 20A
NVFM DBLECTRO-NVFM Datasheet
181Kb / 2P
   Switching capacity up to 25A
NVF DBLECTRO-NVF Datasheet
180Kb / 2P
   Switching capacity up to 20A
N932 DBLECTRO-N932 Datasheet
44Kb / 2P
   Switching capacity up to 15A
NVFM DBLECTRO-NVFM_05 Datasheet
464Kb / 2P
   Switching capacity up to 25A
logo
CIT Relay & Switch
A10 CIT-A10 Datasheet
111Kb / 2P
   Switching capacity up to 30A
J098 CIT-J098 Datasheet
92Kb / 3P
   Switching capacity up to 6A
logo
DB Lectro Inc
NT76 DBLECTRO-NT76_05 Datasheet
538Kb / 2P
   Switching capacity up to 16A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com