Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NT75CS12DC24V Datasheet(PDF) 2 Page - DB Lectro Inc

Part # NT75CS12DC24V
Description  Switching capacity up to 16A.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

NT75CS12DC24V Datasheet(HTML) 2 Page - DB Lectro Inc

  NT75CS12DC24V Datasheet HTML 1Page - DB Lectro Inc NT75CS12DC24V Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NT75
Small size, light weight.
Low coil consumption.
Switching capacity up to 16A.
PC board mounting.
Suitable for household electrical appliances, automation system, electrical equipment, instrument, meter
telecommunication facilities and remote control facilities.
29
12.7
15.7
Ordering Information
NT75 C S
12 DC12V 0.25 3.5 N G
1
2
3
4
5
6
7
8
9
Rated
Max.
Dash
numbers
Coil voltage
VDC
Coil
resistance
10%
Pickup
voltage
VDC(max)
(70%of rated
voltage )
Release voltage
VDC(min)
(10% of rated
voltage)
Coil power
consumption
W
Operate
Time
ms
Release
Time
ms
Contact Data
Contact Arrangement
1A SPSTNO
1C
SPDT(B-M)
2A
DPSTNO
2C
DPDT(B-M)
Contact Material
AgNi AgSnO AgSnO In O
2
2
2
3
Contact Rating (resistive)
1A,1C;12A/250VAC,30VDC; 1A,1C(0.72W):16A/250VAC, 30VDC
2A,2C:8A/250VAC,30VDC
Max. Switching Power
480W 4000VA 2C:2 150W 2
1250VA
Max. Switching Voltage
125VDC 440VAC
Max. Switching Current:16A
Contact Resistance or Voltage drop
100m
Item 3.12 of IEC255-7
5
Operational
Electrical
10
Item 3.30 of IEC255-7
7
life
Mechanical
10
Item 3.31 of IEC255-7
Coil Parameter
5 Coil rated voltage(V): DC:5,6,9,12,24,48,60,110
6 Coil power consumption: 0.25:0.25W;0.41:0.41W;0.48:0.48W;0.72:0.72W
7 Pole-distance: 3.5:3.5mm;5.0:5.0mm
8 Contact meteial: NIL:AgSnO
N:AgNi
2
9 Contact plating: Nil:Standard; G:Gold plated
1 Part number:NT75
2 Contact arrangement:A:1A;C:1C
2A:2A;2C:2C
3 Enclosure:S: Sealed type
Z: Dust cove
4 Contact rating:1A,1C:12A/250VAC 30VDC;
1A,1C(0.72W):16A/250VAC 30VDC;
2A,2C(0.41W):8A/250VAC 30VDC
CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay.
2.Pickup and release voltage are for test purposes only and are not to be used as design criteria.
005-250
5
6.5
100
3.5
0.5
006-250
6
7.8
144
4.2
0.6
009-250
9
11.7
324
6.3
0.9
012-250
12
15.6
576
8.4
1.2
024-250
24
31.2
2304
16.8
2.4
048-250
48
62.4
9216
33.6
4.8
060-250
60
78
12857
42
6.0
005-410
5
6.5
61
3.5
0.5
006-410
6
7.8
88
4.2
0.6
009-410
9
11.7
198
6.3
0.9
012-410
12
15.6
351
8.4
1.2
024-410
24
31.2
1405
16.8
2.4
048-410
48
62.4
5620
33.6
4.8
060-480
60
78
7500/
15%
42
6.0
110-480
110
143
25200/
15%
77
11.0
005-720
5
6.5
34.7
3.5
0.5
006-720
6
7.8
50
4.2
0.6
009-720
9
11.7
112.5
6.3
0.9
012-720
12
15.6
200
8.4
1.2
024-720
24
31.2
800
16.8
2.4
048-720
48
62.4
3200
33.6
4.8
0.25
10
5
0.41
10
5
0.72
10
5
R2033977
Patent No.:
Features
0.48
Operation condition
Insulation Resistance
1000M
min (at 500VDC)
Item 7 of IEC255-5
Dielectric Strength
Between contacts
50Hz 1000V
Item 6 of IEC255-5
Between contact and coil
50Hz 5000V
Item 6 of IEC255-5
2
Shock resistance
100m/s
11ms
IEC68-2-27 Test Ea
Vibration resistance
10~55Hz double amplitude 1.5mm
IEC68-2-6 Test Fc
Terminals strength
10N
IEC68-2-21 Test Ua1
Solderability
235
2
3
0.5s
IEC68-2-20 Test Ta method 1
Ambient Temperature
-40~85
Relative Humidity
85% (at 40 )
IEC68-2-3Test Ca
Mass
11g 12g(NT75-2)
Qualification inspection:
Perform the qualification test as specified in the table
of IEC255-19-1 and minimum sample size 24.
Safety approvals
Safety approval
Load
16A/250VAC 30VDC
Dimensions
Reference Data
Wiring diagram
(Bottom view)
NOTES 1).Dimensions are in millimeters.
2).Inch equivalents are given for general information only.
NT75
T V
U
L:3.5mm or 5.0mm(0.138inch or 0.197inch)
Mounting (Bottom view)
Dimension
6- 1.3
8- 1.3
R
E158859
C
US
UL&CUR
1A,1C:16A/250VAC,30VDC
2A,2C:8A/250VAC,30VDC
CQC
1A,1C:16A/250VAC,30VDC
2A,2C:8A/250VAC,30VDC
04001010697
mm /inch
0.295
0.299
0.051
0.051
Ningbo Huaguan Relay Corporation LTD.
200520013535.9 200510050849.0 200620105885.2
1.142
0.008
0.500
0.008
0.051
0.016
0.024
0.020
0.031
29 0.2
12.7
0.2
6-0.5X0.8
2-0.4X0.6
1.9
1.3
0.075
7.6
7.6
VDE
On pending
NHG RELAYS


Similar Part No. - NT75CS12DC24V

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
NT75-1 DBLECTRO-NT75-1 Datasheet
238Kb / 2P
   Low coil consumption. / Switching capacity up to 16A.
logo
HuaXinAn Electronics CO...
NT75-1A HUAXINAN-NT75-1A Datasheet
421Kb / 1P
   Small size, light weight
logo
DB Lectro Inc
NT75-1AS12DC12V0.253.5 DBLECTRO-NT75-1AS12DC12V0.253.5 Datasheet
238Kb / 2P
   Low coil consumption. / Switching capacity up to 16A.
NT75-1AS12DC12V0.255.0 DBLECTRO-NT75-1AS12DC12V0.255.0 Datasheet
238Kb / 2P
   Low coil consumption. / Switching capacity up to 16A.
NT75-1AS12DC12V0.413.5 DBLECTRO-NT75-1AS12DC12V0.413.5 Datasheet
238Kb / 2P
   Low coil consumption. / Switching capacity up to 16A.
More results

Similar Description - NT75CS12DC24V

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
NT76 DBLECTRO-NT76_05 Datasheet
538Kb / 2P
   Switching capacity up to 16A
NT75-1 DBLECTRO-NT75-1 Datasheet
238Kb / 2P
   Low coil consumption. / Switching capacity up to 16A.
NT76 DBLECTRO-NT76 Datasheet
460Kb / 2P
   Super light in weight. / Switching capacity up to 16A.
logo
CIT Relay & Switch
J114AF CIT-J114AF Datasheet
105Kb / 3P
   Switching capacity 16A
J114FL CIT-J114FL Datasheet
104Kb / 4P
   Switching capacity 16A
WJ152 CIT-WJ152 Datasheet
236Kb / 3P
   Switching capacity up to 10A
logo
DB Lectro Inc
NSAM DBLECTRO-NSAM Datasheet
225Kb / 2P
   Switching capacity up to 20A
NVFM DBLECTRO-NVFM Datasheet
181Kb / 2P
   Switching capacity up to 25A
NVF DBLECTRO-NVF Datasheet
180Kb / 2P
   Switching capacity up to 20A
N932 DBLECTRO-N932 Datasheet
44Kb / 2P
   Switching capacity up to 15A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com