Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S8046 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # S8046
Description  Photo IC for optical link
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S8046 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  S8046 Datasheet HTML 1Page - Hamamatsu Corporation S8046 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
HAMAMATSU PHOTONICS K.K., Solid State Division
1126-1 Ichino-cho, Higashi-ku, Hamamatsu City, 435-8558 Japan, Telephone: (81) 53-434-3311, Fax: (81) 53-434-5184, www.hamamatsu.com
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P.O.Box 6910, Bridgewater, N.J. 08807-0910, U.S.A., Telephone: (1) 908-231-0960, Fax: (1) 908-231-1218
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49) 08152-3750, Fax: (49) 08152-2658
France: Hamamatsu Photonics France S.A.R.L.: 19, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: 33-(1) 69 53 71 00, Fax: 33-(1) 69 53 71 10
United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road, Welwyn Garden City, Hertfordshire AL7 1BW, United Kingdom, Telephone: (44) 1707-294888, Fax: (44) 1707-325777
North Europe: Hamamatsu Photonics Norden AB: Smidesvägen 12, SE-171 41 Solna, Sweden, Telephone: (46) 8-509-031-00, Fax: (46) 8-509-031-01
Italy: Hamamatsu Photonics Italia S.R.L.: Strada della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39) 02-935-81-733, Fax: (39) 02-935-81-741
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions.
Specifications are subject to change without notice. No patent rights are granted to any of the circuits described herein. ©2006 Hamamatsu Photonics K.K.
Cat. No. KPIC1041E06
Jun. 2006 DN
Photo IC for optical link
S8046
s Mode switching chart
5.0
5.2 ± 0.3
(INCLUDING BURR)
0.5
1.27
(SPECIFIED AT THE LEAD OUT)
1.27
1.27
0.4
(0.9)
10˚
10˚
5.0
Tolerance unless otherwise
noted: ±0.1, ±0.2˚
Shaded area indicates burr.
Values in parentheses indicate
reference value.
(0.9)
MODEOUT
GND
Vout
Vcc
1.77
0.97
0.69
0.25
tso
NOT FIXED
NOT FIXED
OPTICAL INPUT
INPUT SIGNAL DATA
Vml
Vmh
Voh
Vol
NO INPUT SIGNAL
MODE OUTPUT
OUTPUT VOLTAGE
OUTPUT DATA
tos
s Dimensional outline (unit: mm)
KPICC0066EA
KPICA0042EC
2


Similar Part No. - S8046

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
S8040N TECCOR-S8040N Datasheet
222Kb / 12P
   SCRs
logo
Littelfuse
S8040N LITTELFUSE-S8040N Datasheet
212Kb / 12P
   SCRs (1 A to 70 A)
S8040N LITTELFUSE-S8040N Datasheet
218Kb / 12P
   RoHS Compliant, Electrically-isolated package
logo
Teccor Electronics
S8040R TECCOR-S8040R Datasheet
222Kb / 12P
   SCRs
logo
Littelfuse
S8040R LITTELFUSE-S8040R Datasheet
212Kb / 12P
   SCRs (1 A to 70 A)
More results

Similar Description - S8046

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S7141-10 HAMAMATSU-S7141-10 Datasheet
71Kb / 2P
   Photo IC for optical link
L12557-01SR HAMAMATSU-L12557-01SR_15 Datasheet
273Kb / 4P
   Photo IC for optical link
S7727 HAMAMATSU-S7727_15 Datasheet
243Kb / 3P
   Photo IC for optical link
L11354-01 HAMAMATSU-L11354-01_15 Datasheet
683Kb / 12P
   Photo IC for optical link
L7140-10 HAMAMATSU-L7140-10 Datasheet
268Kb / 2P
   Red LED/Photo IC for optical link
L10064-01B HAMAMATSU-L10064-01B_15 Datasheet
247Kb / 2P
   Transmitter/Receiver photo IC for optical link
L8628 HAMAMATSU-L8628 Datasheet
160Kb / 2P
   Transmitter/receiver photo IC for optical link
S7727 HAMAMATSU-S7727 Datasheet
67Kb / 2P
   Photo IC for optical link Receiver for 156 Mbps POF communications
S11049 HAMAMATSU-S11049_15 Datasheet
473Kb / 6P
   Photo IC for optical switch
S6841 HAMAMATSU-S6841 Datasheet
320Kb / 4P
   Photo IC for optical switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com