Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S7847 Datasheet(PDF) 7 Page - Hamamatsu Corporation

Part # S7847
Description  CCD area image sensor High IR sensitivity, four-stage TE-cooled, front-illuminated FFT-CCDs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S7847 Datasheet(HTML) 7 Page - Hamamatsu Corporation

  S7847 Datasheet HTML 1Page - Hamamatsu Corporation S7847 Datasheet HTML 2Page - Hamamatsu Corporation S7847 Datasheet HTML 3Page - Hamamatsu Corporation S7847 Datasheet HTML 4Page - Hamamatsu Corporation S7847 Datasheet HTML 5Page - Hamamatsu Corporation S7847 Datasheet HTML 6Page - Hamamatsu Corporation S7847 Datasheet HTML 7Page - Hamamatsu Corporation S7847 Datasheet HTML 8Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
CCD area image sensor
S7847 series
KMPDC0089EA
q Line binning
Parameter
Symbol
Remark
Min.
Typ.
Max.
Unit
Pulse width
Tpwv
6 *19
--
µs
P1V, P2V, TG
Rise and fall time
Tprv, Tpfv
*18
200
-
-
ns
Pulse width
Tpwh
250
-
-
ns
Rise and fall time
Tprh, Tpfh
10
-
-
ns
P1H, P2H
Duty ratio
-
*18
-
50
-
%
Pulse width
Tpws
250
-
-
ns
Rise and fall time
Tprs, Tpfs
10
-
-
ns
SG
Duty ratio
-
-
-50
-
%
Pulse width
Tpwr
100
-
-
ns
RG
Rise and fall time
Tprr, Tpfr
-
5
-
-
ns
TG – P1H
Overlap time
Tovr
-
3
-
-
µs
*18: Symmetrical pulses should be overlapped at 50 % of maximum amplitude.
*19: In case of S7847-1007.
s Specifications of built-in TE-cooler
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Internal resistance
Rint
Ta=27 °C
-
1.6
-
Maximum current *20
Imax
Th *21=27 °C
∆T *22=∆Tmax
-
-
4.4
A
Maximum voltage
Vmax
Th*21=27 °C
∆T=∆Tmax
I=Imax
--
7.4
V
Maximum heat absorption *23
Qmax
Tc *24=Th *21=27 °C
I=Imax
-
-
3.0
W
Maximum temperature at hot side
-
-
-
50
°C
CCD temperature
-
Ta=25 °C
-
-70
-50
°C
*20: If the current is greater than Imax, the heat absorption begins to decrease due to the Joule heat. It should be noted that
this value is not a damage threshold. To protect the thermoelectric cooler (Peltier element) and maintain stable operation,
the supply current should be less than 60 % of this maximum current.
*21: Temperature at hot side of thermoelectric cooler.
*22:
∆T=Th - Tc
*23: This is a theoretical heat absorption level that offsets the temperature difference in the Peltier element when the maximum
current is supplied to the unit.
*24: Temperature at cool side of thermoelectric cooler.
INTEGRATION PERIOD
(Shutter must be open)
VERTICAL BINNING PERIOD
(Shutter must be closed)
3..126
3..254
127
255
128
256
P1V
P2V, TG
P1H
P2H, SG
READOUT PERIOD (Shutter must be closed)
124+4 (ISOLATION): S7847-1007
252+4 (ISOLATION): S7847-1008
Tpwv
Tovr
Tpwh, Tpws
Tpwr
12
3
1043
1044
4..1042
12
D19
D2
D1
D20
D3..D10, S1..S1024, D11..D18
RG
OS
7


Similar Part No. - S7847

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S7848 ETC-S7848 Datasheet
1Mb / 16P
   POSITION SENSITIVE DETECTOR
S7848-01 ETC-S7848-01 Datasheet
1Mb / 16P
   POSITION SENSITIVE DETECTOR
More results

Similar Description - S7847

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S9978 HAMAMATSU-S9978 Datasheet
159Kb / 6P
   CCD area image sensor Front-illuminated FFT-CCDs, high IR sensitivity
S9972 HAMAMATSU-S9972 Datasheet
166Kb / 9P
   CCD area image sensor Front-illuminated FFT-CCD, high IR sensitivity
S9972 HAMAMATSU-S9972_09 Datasheet
458Kb / 10P
   CCD area image sensor Front-illuminated FFT-CCD, high near IR sensitivity
S8984 HAMAMATSU-S8984 Datasheet
185Kb / 7P
   CCD area image sensor Front-illuminated FFT-CCDs for X-ray imaging
S8665-0909 HAMAMATSU-S8665-0909 Datasheet
184Kb / 9P
   CCD area image sensor Four-stage thermoelectric cooled, back-thinned FFT-CCD
S9736 HAMAMATSU-S9736 Datasheet
798Kb / 9P
   CCD area image sensor 512 횞 512 pixels, front-illuminated FFT-CCDs
S8982 HAMAMATSU-S8982 Datasheet
186Kb / 7P
   CCD area image sensor Front-illuminated FFT-CCDs for X-ray imaging
S7199-01 HAMAMATSU-S7199-01 Datasheet
143Kb / 7P
   CCD area image sensor Front-illuminated FFT-CCDs for X-ray imaging
S8986 HAMAMATSU-S8986 Datasheet
186Kb / 7P
   CCD area image sensor Front-illuminated FFT-CCDs for X-ray imaging
S9737 HAMAMATSU-S9737 Datasheet
796Kb / 9P
   CCD area image sensor 1024 횞 1024 pixels, front-illuminated FFT-CCDs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com