Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S7171-0909 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # S7171-0909
Description  CCD area image sensor 512512 pixels, Back-thinned FFT-CCD
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S7171-0909 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  S7171-0909 Datasheet HTML 1Page - Hamamatsu Corporation S7171-0909 Datasheet HTML 2Page - Hamamatsu Corporation S7171-0909 Datasheet HTML 3Page - Hamamatsu Corporation S7171-0909 Datasheet HTML 4Page - Hamamatsu Corporation S7171-0909 Datasheet HTML 5Page - Hamamatsu Corporation S7171-0909 Datasheet HTML 6Page - Hamamatsu Corporation S7171-0909 Datasheet HTML 7Page - Hamamatsu Corporation S7171-0909 Datasheet HTML 8Page - Hamamatsu Corporation S7171-0909 Datasheet HTML 9Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Hamamatsu developed Multi Pin-Phase (MPP) mode back-thinned FFT- CCDs S7170-0909, S7171-0909 specifically designed for low-light-level
detection in scientific applications. S7170-0909, S7171-0909 have sensitivity from the UV to near-IR as well as having low dark current and wide
dynamic range. Stability of the spectral response curve is also achieved for high precision measurements.
Either one-stage or two-stage thermoelectric cooler is built into the package (S7171-0909, S7172-0909). At room temperature operation, the
device can be cooled down to -10 ˚C by one-stage cooler and -30 ˚C by two-stage cooler, respectively. In addition since both the CCD chip and
the thermoelectric cooler are hermetically sealed, no dry air is required, thus allowing easy handling.
Features
l 512 × 512 pixel format
l Greater than 90 % quantum efficiency
at peak sensitivity wavelength
l Wide spectrum range
l Low readout noise
l Wide dynamic range
l MPP operation
l Non-cooled types: S7170-0909
One-stage TE-cooled types: S7171-0909
Applications
l Scientific measuring instrument
l Semiconductor inspection
l UV imaging
l Bio-photon observation
IMAGE
SENSOR
CCD area image sensor
512 × 512 pixels, Back-thinned FFT-CCD
S7170-0909, S7171-0909
s General ratings
Parameter
S7170-0909
S7171-0909
Pixel size
24 (H) × 24 (V) µm
Number of active pixels
512 (H) × 512 (V)
Vertical clock phase
2 phase
Horizontal clock phase
2 phase
Output circuit
One-stage MOSFET source follower
Package
24 pin ceramic DIP (refer to dimensional outlines)
Built-in cooler
-
One-stage
Window
Sapphire glass *1
*1: Window-less is available upon request.
s Selection guide
Type No.
Cooling
Number of total pixels
Number of active
pixels
Active area
[mm (H) × mm (V)]
S7170-0909
Non-cooled
532
× 520
512
× 512
12.288
× 12.288
S7171-0909
One-stage
TE-cooled
532
× 520
512
× 512
12.288
× 12.288
Note) Two-stage TE-cooled type (S7172-0909) is also available.
1


Similar Part No. - S7171-0909

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S7171-0909-01 HAMAMATSU-S7171-0909-01 Datasheet
273Kb / 12P
   512 횞 512 pixels, back-thinned FFT-CCD
More results

Similar Description - S7171-0909

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S8844-0909 HAMAMATSU-S8844-0909 Datasheet
171Kb / 9P
   CCD area image sensor 512 횞 512 pixels, Back-thinned FFT-CCD
S7170-0909 HAMAMATSU-S7170-0909_11 Datasheet
273Kb / 12P
   512 횞 512 pixels, back-thinned FFT-CCD
S9736 HAMAMATSU-S9736 Datasheet
798Kb / 9P
   CCD area image sensor 512 횞 512 pixels, front-illuminated FFT-CCDs
S8665-0909 HAMAMATSU-S8665-0909 Datasheet
184Kb / 9P
   CCD area image sensor Four-stage thermoelectric cooled, back-thinned FFT-CCD
S9037 HAMAMATSU-S9037 Datasheet
182Kb / 9P
   CCD image sensor High-speed operation, back-thinned FFT-CCD
S7030 HAMAMATSU-S7030 Datasheet
244Kb / 12P
   Back-thinned FFT-CCD
C7040 HAMAMATSU-C7040_10 Datasheet
308Kb / 10P
   Designed for back-thinned CCD area image sensor
C7043 HAMAMATSU-C7043_09 Datasheet
792Kb / 8P
   Designed for back-thinned CCD area image sensor
C7043 HAMAMATSU-C7043 Datasheet
300Kb / 7P
   Designed for back-thinned CCD area image sensor
C10150 HAMAMATSU-C10150_15 Datasheet
1Mb / 7P
   Designed for back-thinned CCD area image sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com