Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S7171-0909 Datasheet(PDF) 3 Page - Hamamatsu Corporation

Part # S7171-0909
Description  CCD area image sensor 512512 pixels, Back-thinned FFT-CCD
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S7171-0909 Datasheet(HTML) 3 Page - Hamamatsu Corporation

  S7171-0909 Datasheet HTML 1Page - Hamamatsu Corporation S7171-0909 Datasheet HTML 2Page - Hamamatsu Corporation S7171-0909 Datasheet HTML 3Page - Hamamatsu Corporation S7171-0909 Datasheet HTML 4Page - Hamamatsu Corporation S7171-0909 Datasheet HTML 5Page - Hamamatsu Corporation S7171-0909 Datasheet HTML 6Page - Hamamatsu Corporation S7171-0909 Datasheet HTML 7Page - Hamamatsu Corporation S7171-0909 Datasheet HTML 8Page - Hamamatsu Corporation S7171-0909 Datasheet HTML 9Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
CCD area image sensor
S7170-0909, S7171-0909
3
*9: Spectral response with sapphire window is decreased by
the transmittance
s Spectral response (without window) *9
s Spectral transmittance characteristic of window material
KMPDB0058EA
WAVELENGTH (nm)
(Typ. Ta=25 ˚C)
0
200
400
600
800
1000
1200
10
20
30
40
50
60
70
80
90
100
FRONT-SIDED
FRONT-SIDED
(UV COAT)
BACK-THINNED
0
10
100
200
WAVELENGTH (nm)
300
400
500
600
700
800
900 1000
20
30
40
50
60
70
80
90
100
(Typ. Ta=25 ˚C)
KMPDB0102EA
q Window material
Type No.
Window material
S7170-0909
S7171-0909
S7172-0909
(two-stage TE-
cooled type)
Sapphire glass *10
(option: window-less)
*10: Hermetic sealing
s Electrical and optical characteristics (Ta=25 °C, unless otherwise noted)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Saturation output voltage
Vsat
-
Fw × Sv
-
V
Vertical
150,000
300,000
-
Full well
capacity
Horizontal
Fw
300,000
600,000
-
e
-
CCD node sensitivity
Sv
1.8
2.2
-
µV/e
-
25 °C
-
4,000
12,000
Dark current *5
(MPP mode)
0 °C
DS
-
200
600
e
-/pixel/s
Readout noise *6
Nr
-
8
16
e
- rms
Line binning
18,750
75,000
-
-
Dynamic range *7
Area scanning
DR
9,375
37,500
-
-
Photo response non-uniformity *8
PRNU
-
±3
±10
%
Spectral response range
λ
-
200 to 1100
-
nm
*5: Dark current nearly doubles for every 5 to7 °C increase in temperature.
*6: Operating frequency is 150 kHz.
*7: Dynamic Range (DR) = Full well/Readout noise
*8: Measured at half of the full well capacity.
Photo Response Non-Uniformity (PRNU) [%] =
Signal
peak)
to
(peak
noise
pattern
Fixed
× 100


Similar Part No. - S7171-0909

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S7171-0909-01 HAMAMATSU-S7171-0909-01 Datasheet
273Kb / 12P
   512 횞 512 pixels, back-thinned FFT-CCD
More results

Similar Description - S7171-0909

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S8844-0909 HAMAMATSU-S8844-0909 Datasheet
171Kb / 9P
   CCD area image sensor 512 횞 512 pixels, Back-thinned FFT-CCD
S7170-0909 HAMAMATSU-S7170-0909_11 Datasheet
273Kb / 12P
   512 횞 512 pixels, back-thinned FFT-CCD
S9736 HAMAMATSU-S9736 Datasheet
798Kb / 9P
   CCD area image sensor 512 횞 512 pixels, front-illuminated FFT-CCDs
S8665-0909 HAMAMATSU-S8665-0909 Datasheet
184Kb / 9P
   CCD area image sensor Four-stage thermoelectric cooled, back-thinned FFT-CCD
S9037 HAMAMATSU-S9037 Datasheet
182Kb / 9P
   CCD image sensor High-speed operation, back-thinned FFT-CCD
S7030 HAMAMATSU-S7030 Datasheet
244Kb / 12P
   Back-thinned FFT-CCD
C7040 HAMAMATSU-C7040_10 Datasheet
308Kb / 10P
   Designed for back-thinned CCD area image sensor
C7043 HAMAMATSU-C7043_09 Datasheet
792Kb / 8P
   Designed for back-thinned CCD area image sensor
C7043 HAMAMATSU-C7043 Datasheet
300Kb / 7P
   Designed for back-thinned CCD area image sensor
C10150 HAMAMATSU-C10150_15 Datasheet
1Mb / 7P
   Designed for back-thinned CCD area image sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com