Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S7010-1006 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # S7010-1006
Description  CCD area image sensor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S7010-1006 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  S7010-1006 Datasheet HTML 1Page - Hamamatsu Corporation S7010-1006 Datasheet HTML 2Page - Hamamatsu Corporation S7010-1006 Datasheet HTML 3Page - Hamamatsu Corporation S7010-1006 Datasheet HTML 4Page - Hamamatsu Corporation S7010-1006 Datasheet HTML 5Page - Hamamatsu Corporation S7010-1006 Datasheet HTML 6Page - Hamamatsu Corporation S7010-1006 Datasheet HTML 7Page - Hamamatsu Corporation S7010-1006 Datasheet HTML 8Page - Hamamatsu Corporation S7010-1006 Datasheet HTML 9Page - Hamamatsu Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
S7010/S7011/S7015 series
S7010/S7011/S7015 series are families of FFT-CCD image sensors specifically designed for low-light-level detection in scientific applications. By
using the binning operation, S7010/S7011/S7015 series can be used as a linear image sensor having a long aperture in the direction of the
device length. This makes S7010/S7011/S7015 series ideally suited for use in spectrophotometry. The binning operation offers significant
improvement in S/N and signal processing speed compared with conventional methods by which signals are digitally added by an external circuit.
S7010/S7011/S7015 series also feature low noise and low dark signal (MPP mode operation). This enables low-light-level detection and long
integration time, thus achieving a wide dynamic range.
S7010/S7011/S7015 series have an effective pixel size of 24 × 24 µm and are available in image areas ranging from 12.288 (H) × 1.44 (V) mm2
(512 × 60 pixels) up to a large image area of 24.576 (H) × 6.048 (V) mm2 (1024 × 252 pixels).
Features
l 512 (H) × 60 (V) to 1024 (H) × 252 (V) pixel format
l Pixel size: 24 × 24 µm
l Line/pixel binning
l 100 % fill factor
l Wide dynamic range
l Low dark signal
l Low readout noise
l MPP operation
Applications
l Fluorescence spectrometer, ICP
l Raman spectrometer
l Industrial inspection requiring
l Semiconductor inspection
l DNA sequencer
l Low-light-level detection
IMAGE
SENSOR
CCD area image sensor
Front-illuminated FFT-CCD
I Selection guide
Type No.
Cooling
Number of total
pixels
Number of active
pixels
Active area
[mm(H) × mm(V)]
Suitable
multichannel
detector Head
S7010-0906
532 × 64
512 × 60
12.288 × 1.440
S7010-0907
532 × 128
512 × 124
12.288 × 2.976
S7010-0908
532 × 256
512 × 252
12.288 × 6.048
S7010-1006
1044 × 64
1024 × 60
24.576 × 1.440
S7010-1007
1044 × 128
1024 × 124
24.576 × 2.976
S7010-1008
Non-cooled
1044 × 256
1024 × 252
24.576 × 6.048
C7020
S7011-0906
532 × 64
512 × 60
12.288 × 1.440
S7011-0907
532 × 128
512 × 124
12.288 × 2.976
S7011-1006
1044 × 64
1024 × 60
24.576 × 1.440
S7011-1007
1044 × 128
1024 × 124
24.576 × 2.976
C7021
S7015-0908
532 × 256
512 × 252
12.288 × 6.048
S7015-1008
One-stage
TE-cooled
1044 × 256
1024 × 252
24.576 × 6.048
C7025
I General ratings
Parameter
Specification
Pixel size
24 (H) × 24 (V) µm
Vertical clock phase
2 phase
Horizontal clock phase
2 phase
Output circuit
One-stage MOSFET source follower
Package
24 pin ceramic DIP (refer to dimensional outlines)
Window *1
S7010 series: quartz glass
S7011 series: sapphire glass
S7015 series: quartz glass *2
*1: Window-less is available upon request.
*2: Sapphire glass is available upon request.
1


Similar Part No. - S7010-1006

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S7010 ETC2-S7010 Datasheet
1,009Kb / 2P
   Mainstream dual-socket server
logo
ITT Industries
S701031SS02B ITT-S701031SS02B Datasheet
398Kb / 5P
   Slide Switches
S701031SS02BE ITT-S701031SS02BE Datasheet
398Kb / 5P
   Slide Switches
S701031SS02DB ITT-S701031SS02DB Datasheet
398Kb / 5P
   Slide Switches
S701031SS02DBE ITT-S701031SS02DBE Datasheet
398Kb / 5P
   Slide Switches
More results

Similar Description - S7010-1006

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S10140-1007 HAMAMATSU-S10140-1007_15 Datasheet
679Kb / 13P
   CCD area image sensor
logo
Toshiba Semiconductor
TCD5130AC TOSHIBA-TCD5130AC Datasheet
613Kb / 14P
   CCD AREA IMAGE SENSOR
logo
Hamamatsu Corporation
S7017 HAMAMATSU-S7017 Datasheet
183Kb / 8P
   CCD area image sensor
S12071 HAMAMATSU-S12071_15 Datasheet
874Kb / 11P
   CCD area image sensor
S10747-0909 HAMAMATSU-S10747-0909_15 Datasheet
207Kb / 7P
   CCD area image sensor
S9972-1007 HAMAMATSU-S9972-1007_15 Datasheet
426Kb / 10P
   CCD area image sensor
S7033 HAMAMATSU-S7033 Datasheet
225Kb / 8P
   CCD area image sensor
S11500-1007 HAMAMATSU-S11500-1007_15 Datasheet
513Kb / 8P
   CCD area image sensor
S7030-0906 HAMAMATSU-S7030-0906_15 Datasheet
1Mb / 12P
   CCD area image sensor
logo
Toshiba Semiconductor
TCD5340C TOSHIBA-TCD5340C Datasheet
619Kb / 14P
   CCD AREA IMAGE SENSOR
logo
Hamamatsu Corporation
S9970-0906 HAMAMATSU-S9970-0906_15 Datasheet
446Kb / 11P
   CCD area image sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com