Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S7033 Datasheet(PDF) 3 Page - Hamamatsu Corporation

Part # S7033
Description  CCD area image sensor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S7033 Datasheet(HTML) 3 Page - Hamamatsu Corporation

  S7033 Datasheet HTML 1Page - Hamamatsu Corporation S7033 Datasheet HTML 2Page - Hamamatsu Corporation S7033 Datasheet HTML 3Page - Hamamatsu Corporation S7033 Datasheet HTML 4Page - Hamamatsu Corporation S7033 Datasheet HTML 5Page - Hamamatsu Corporation S7033 Datasheet HTML 6Page - Hamamatsu Corporation S7033 Datasheet HTML 7Page - Hamamatsu Corporation S7033 Datasheet HTML 8Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
CCD area image sensor
S7033/S7034 series
WAVELENGTH (nm)
(Typ. Ta=25 ˚C)
0
200
400
600
800
1000
1200
10
20
30
40
50
60
70
80
90
100
FRONT-SIDED
FRONT-SIDED
(UV COAT)
BACK-THINNED
*9: Spectral response with quartz glass or sapphire are
decreased by the transmittance.
s Spectral response (without window) *9
s Spectral transmittance characteristics of window material
KMPDB0058EA
0
10
100
200
WAVELENGTH (nm)
300
400
500
600
700
800
900 1000
20
30
40
50
60
70
80
90
100
(Typ. Ta=25 ˚C)
QUARTZ WINDOW
SAPPHIRE WINDOW
KMPDB0101EA
s Dark current vs. temperature
-50
-40
-30
-20
0
-10
10
20
30
TEMPERATURE (˚C)
0.1
1
10
100
1000
10000
(Typ.)
KMPDB0037EB
q Window material
Type No.
Window material
S7033 series
Quartz glass *10
(option: window-less,)
S7034 series
Sapphire *11
(option: window-less)
S7035 series
(two-stage
TE-cooled type)
Sapphire *11
(option: window-less)
*10: Resin sealing
*11: Hermetic sealing
3


Similar Part No. - S7033

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S7033-0907 HAMAMATSU-S7033-0907_15 Datasheet
376Kb / 12P
   CCD area image sensors
More results

Similar Description - S7033

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S10140-1007 HAMAMATSU-S10140-1007_15 Datasheet
679Kb / 13P
   CCD area image sensor
logo
Toshiba Semiconductor
TCD5130AC TOSHIBA-TCD5130AC Datasheet
613Kb / 14P
   CCD AREA IMAGE SENSOR
logo
Hamamatsu Corporation
S7017 HAMAMATSU-S7017 Datasheet
183Kb / 8P
   CCD area image sensor
S12071 HAMAMATSU-S12071_15 Datasheet
874Kb / 11P
   CCD area image sensor
S10747-0909 HAMAMATSU-S10747-0909_15 Datasheet
207Kb / 7P
   CCD area image sensor
S9972-1007 HAMAMATSU-S9972-1007_15 Datasheet
426Kb / 10P
   CCD area image sensor
S11500-1007 HAMAMATSU-S11500-1007_15 Datasheet
513Kb / 8P
   CCD area image sensor
S7030-0906 HAMAMATSU-S7030-0906_15 Datasheet
1Mb / 12P
   CCD area image sensor
logo
Toshiba Semiconductor
TCD5340C TOSHIBA-TCD5340C Datasheet
619Kb / 14P
   CCD AREA IMAGE SENSOR
logo
Hamamatsu Corporation
S9970-0906 HAMAMATSU-S9970-0906_15 Datasheet
446Kb / 11P
   CCD area image sensor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com