Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

S7010 Datasheet(PDF) 5 Page - Hamamatsu Corporation

Part No. S7010
Description  CCD area image sensor
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HAMAMATSU [Hamamatsu Corporation]
Homepage  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S7010 Datasheet(HTML) 5 Page - Hamamatsu Corporation

  S7010 Datasheet HTML 1Page - Hamamatsu Corporation S7010 Datasheet HTML 2Page - Hamamatsu Corporation S7010 Datasheet HTML 3Page - Hamamatsu Corporation S7010 Datasheet HTML 4Page - Hamamatsu Corporation S7010 Datasheet HTML 5Page - Hamamatsu Corporation S7010 Datasheet HTML 6Page - Hamamatsu Corporation S7010 Datasheet HTML 7Page - Hamamatsu Corporation S7010 Datasheet HTML 8Page - Hamamatsu Corporation S7010 Datasheet HTML 9Page - Hamamatsu Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
CCD area image sensor
S7010/S7011/S7015 series
INTEGRATION PERIOD
(Shutter must be open)
P1V
RG
OS
P2V, TG
P1H
P2H, SG
READOUT PERIOD (Shutter must be closed)
ENLARGED VIEW
Tpwv
Tovr
Tpwr
D1
D2
D3
D4
D18
D19
D20
P2V, TG
P1H
P2H, SG
RG
OS
Tpwh, Tpws
12
3
4.. 63
4..127
4..255
S1..S512
D5..D10, S1..S1024, D11..D17
: S701*-0906/-0907/-0908
: S701*-1006/-1007/-1008
64
← 60 + 4 (ISOLATION): S701*-0906/-1006
128
←124 + 4 (ISOLATION): S701*-0907/-1007
256
←252 + 4 (ISOLATION): S701*-0908/-1008
Parameter
Symbol
Remark
Min.
Typ.
Max.
Unit
Pulse width
Tpwv
6 *#
--
µs
P1V, P2V, TG
Rise and fall time
Tprv, Tpfv
*"
200
-
-
ns
Pulse width
Tpwh
500
-
-
ns
Rise and fall time
Tprh, Tpfh
10
-
-
ns
P1H, P2H
Duty ratio
-
*"
-
50
-
%
Pulse width
Tpws
500
-
-
ns
Rise and fall time
Tprs, Tpfs
10
-
-
ns
SG
Duty ratio
-
-
-50
-
%
Pulse width
Tpwr
100
-
-
ns
RG
Rise and fall time
Tprr, Tpfr
-
5
-
-
ns
TG – P1H
Overlap time
Tovr
-
3
-
-
µs
*14: Symmetrical pulses should be overlapped at 50 % of maximum amplitude.
*15: In case of S701*-0908/-1007.
KMPDC0124EA
Parameter
Symbol
Remark
Min.
Typ.
Max.
Unit
Pulse width
Tpwv
6 *%
--
µs
P1V, P2V, TG
Rise and fall time
Tprv, Tpfv
*$
200
-
-
ns
Pulse width
Tpwh
500
-
-
ns
Rise and fall time
Tprh, Tpfh
10
-
-
ns
P1H, P2H
Duty ratio
-
*$
-
50
-
%
Pulse width
Tpws
500
-
-
ns
Rise and fall time
Tprs, Tpfs
10
-
-
ns
SG
Duty ratio
-
-
-50
-
%
Pulse width
Tpwr
100
-
-
ns
RG
Rise and fall time
Tprr, Tpfr
-
5
-
-
ns
TG - P1H
Overlap time
Tovr
-
3
-
-
µs
*16: Symmetrical pulses should be overlapped at 50 % of maximum amplitude.
*17: In case of S701*-0908/-1007.
Area scanning 2: large full well mode
5


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn