Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

QM30TF-HB Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part No. QM30TF-HB
Description  MEDIUM POWER SWITCHING USE INSULATED TYPE
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo 

QM30TF-HB Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Feb.1999
Conditions
IC=1A, VEB=2V
VEB=2V
Emitter open
Collector open
DC
DC (forward diode current)
TC=25
°C
DC
Peak value of one cycle of 60Hz (half wave)
Charged part to case, AC for 1 minute
Mounting screw M5
Typical value
Ratings
600
600
600
7
30
30
250
1.8
300
–40~+150
–40~+125
2500
1.47~1.96
15~20
230
ABSOLUTE MAXIMUM RATINGS (Tj=25
°C, unless otherwise noted)
Symbol
VCEX (SUS)
VCEX
VCBO
VEBO
IC
–IC
PC
IB
–ICSM
Tj
Tstg
Viso
Parameter
Collector-emitter voltage
Collector-emitter voltage
Collector-base voltage
Emitter-base voltage
Collector current
Collector reverse current
Collector dissipation
Base current
Surge collector reverse current
(forward diode current)
Junction temperature
Storage temperature
Isolation voltage
Mounting torque
Weight
Unit
V
V
V
V
A
A
W
A
A
°C
°C
V
N·m
kg·cm
g
MITSUBISHI TRANSISTOR MODULES
QM30TF-HB
MEDIUM POWER SWITCHING USE
INSULATED TYPE
ELECTRICAL CHARACTERISTICS (Tj=25
°C, unless otherwise noted)
Unit
mA
mA
mA
V
V
V
µs
µs
µs
°C/W
°C/W
°C/W
Limits
Min.
750
Symbol
ICEX
ICBO
IEBO
VCE (sat)
VBE (sat)
–VCEO
hFE
ton
ts
tf
Rth (j-c) Q
Rth (j-c) R
Rth (c-f)
Parameter
Collector cutoff current
Collector cutoff current
Emitter cutoff current
Collector-emitter saturation voltage
Base-emitter saturation voltage
Collector-emitter reverse voltage
DC current gain
Switching time
Thermal resistance
(junction to case)
Contact thermal resistance
(case to fin)
Test conditions
VCE=600V, VEB=2V
VCB=600V, Emitter open
VEB=7V
IC=30A, IB=40mA
–IC=30A (diode forward voltage)
IC=30A, VCE=2.5V
VCC=300V, IC=30A, IB1=60mA, IB2=–0.6A
Transistor part (per 1/6 module)
Diode part (per 1/6 module)
Conductive grease applied (per 1/6 module)
Typ.
Max.
1.0
1.0
60
2.5
3.0
1.8
2.0
8.0
3.0
0.5
2.0
0.35


Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CM15MD-12HMEDIUM POWER SWITCHING USE INSULATED TYPE 1 2 3 4 5 Mitsubishi Electric Semiconductor
CM20MD3-12HMEDIUM POWER SWITCHING USE FLAT-BASE TYPE INSULATED TYPE 1 2 3 4 5 Mitsubishi Electric Semiconductor
CM30TF-24HMEDIUM POWER SWITCHING USE INSULATED TYPE 1 2 3 4 Mitsubishi Electric Semiconductor
CM50MD1-12HMEDIUM POWER SWITCHING USE FLAT-BASE TYPE INSULATED TYPE 1 2 3 4 5 Mitsubishi Electric Semiconductor
QM30TX-HMEDIUM POWER SWITCHING USE INSULATED TYPE 1 2 3 4 5 Mitsubishi Electric Semiconductor
QM50HA-HBMEDIUM POWER SWITCHING USE INSULATED TYPE 1 2 3 4 5 Mitsubishi Electric Semiconductor
CM15MD-24HMEDIUM POWER SWITCHING USE INSULATED TYPE 1 2 3 4 5 Mitsubishi Electric Semiconductor
CM20TF-12HMEDIUM POWER SWITCHING USE INSULATED TYPE 1 2 3 4 Mitsubishi Electric Semiconductor
CM50TF-12HMEDIUM POWER SWITCHING USE INSULATED TYPE 1 2 3 4 Mitsubishi Electric Semiconductor
QM30TX-HBMEDIUM POWER SWITCHING USE INSULATED TYPE 1 2 3 4 5 Mitsubishi Electric Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn