Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

QM30TF-HB Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part No. QM30TF-HB
Description  MEDIUM POWER SWITCHING USE INSULATED TYPE
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo 

QM30TF-HB Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Feb.1999
–1
10
–3
10
–2
10
–1
10
0
10
3
10
2
10
1
10
0
10
4
10
3
10
2
10
1
10
0
10
7
5
4
3
2
–2
10
7
5
4
3
2
2.2
2.6
3.0
3.4
3.8
4.2
VCE=2.5V
Tj=25°C
1
10
7
5
4
3
2
0
10
7
5
4
3
2
–1
10
0
10
23 4 5 7
1
10
23 4 5 7
2
10
Tj=25°C
Tj=125°C
IB=40mA
VBE(sat)
VCE(sat)
100
80
60
40
20
0
0
1
2
345
Tj=25°C
IB=200mA
IB=20mA
IB=10mA
IB=0.5A
IB=100mA
7
5
3
2
7
5
3
2
7
5
3
2
7
5
3
2
7
5
3
2
7
5
3
2
44
4
VCE=2.5V
Tj=25°C
Tj=125°C
VCE=5.0V
0
7
5
3
2
7
5
3
2
7
5
3
2
5
4
3
2
1
44
4
IC=10A
Tj=25°C
Tj=125°C
IC=30A
IC=20A
1
10
7
5
4
3
2
0
10
7
5
4
3
2
–1
10
0
10
23 4 5 7
1
10
23 4 5 7
2
10
tf
ton
Tj=25°C
Tj=125°C
IB2=–0.6A
VCC=300V
IB1=60mA
ts
PERFORMANCE CURVES
COMMON EMITTER OUTPUT
CHARACTERISTICS (TYPICAL)
COMMON EMITTER INPUT
CHARACTERISTIC (TYPICAL)
SATURATION VOLTAGE
CHARACTERISTICS (TYPICAL)
COLLECTOR-EMITTER SATURATION
VOLTAGE (TYPICAL)
SWITCHING TIME VS. COLLECTOR
CURRENT (TYPICAL)
DC CURRENT GAIN VS.
COLLECTOR CURRENT (TYPICAL)
COLLECTOR-EMITTER VOLTAGE
VCE (V)
COLLECTOR CURRENT
IC (A)
COLLECTOR CURRENT
IC (A)
BASE-EMITTER VOLTAGE
VBE (V)
BASE CURRENT
IB (A)
COLLECTOR CURRENT
IC (A)
MITSUBISHI TRANSISTOR MODULES
QM30TF-HB
MEDIUM POWER SWITCHING USE
INSULATED TYPE


Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CM15MD-12HMEDIUM POWER SWITCHING USE INSULATED TYPE 1 2 3 4 5 Mitsubishi Electric Semiconductor
CM20MD3-12HMEDIUM POWER SWITCHING USE FLAT-BASE TYPE INSULATED TYPE 1 2 3 4 5 Mitsubishi Electric Semiconductor
CM30TF-24HMEDIUM POWER SWITCHING USE INSULATED TYPE 1 2 3 4 Mitsubishi Electric Semiconductor
CM50MD1-12HMEDIUM POWER SWITCHING USE FLAT-BASE TYPE INSULATED TYPE 1 2 3 4 5 Mitsubishi Electric Semiconductor
QM30TX-HMEDIUM POWER SWITCHING USE INSULATED TYPE 1 2 3 4 5 Mitsubishi Electric Semiconductor
QM50HA-HBMEDIUM POWER SWITCHING USE INSULATED TYPE 1 2 3 4 5 Mitsubishi Electric Semiconductor
CM15MD-24HMEDIUM POWER SWITCHING USE INSULATED TYPE 1 2 3 4 5 Mitsubishi Electric Semiconductor
CM20TF-12HMEDIUM POWER SWITCHING USE INSULATED TYPE 1 2 3 4 Mitsubishi Electric Semiconductor
CM50TF-12HMEDIUM POWER SWITCHING USE INSULATED TYPE 1 2 3 4 Mitsubishi Electric Semiconductor
QM30TX-HBMEDIUM POWER SWITCHING USE INSULATED TYPE 1 2 3 4 5 Mitsubishi Electric Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn