Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S6045-02 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # S6045-02
Description  Low temperature coefficient type APD for 800 nm band
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S6045-02 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  S6045-02 Datasheet HTML 1Page - Hamamatsu Corporation S6045-02 Datasheet HTML 2Page - Hamamatsu Corporation S6045-02 Datasheet HTML 3Page - Hamamatsu Corporation S6045-02 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Si APD
S6045 series
s Spectral response
s Quantum efficiency vs. wavelength
s Dark current vs. reverse voltage
s Gain vs. reverse voltage
WAVELENGTH (nm)
(Typ. Ta=25 ˚C,
λ=800 nm)
200
40
20
0
50
30
10
400
600
800
1000
M=100
M=50
WAVELENGTH (nm)
(Typ. Ta=25 ˚C)
200
400
600
800
1000
40
20
0
80
60
100
KAPDB0026EA
KAPDB0027EA
KAPDB0028EA
KAPDB0029EB
REVERSE VOLTAGE (V)
(Typ. Ta=25 ˚C)
0
50
100
150
200
10 nA
100 pA
1 pA
1 nA
10 pA
S6045-05
250
S6045-04
S6045-06
S6045-03
S6045-02
S6045-01
REVERSE VOLTAGE (V)
(Typ.
λ=800 nm)
160
200
220
240
102
100
101
260
104
103
180
-20 ˚C
0 ˚C
20 ˚C
40 ˚C
60 ˚C
2


Similar Part No. - S6045-02

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S6045 HAMAMATSU-S6045_15 Datasheet
333Kb / 5P
   鵝롦릇佯╊퓗?겹궭?ㅳ깤??800 nm躍?뵪APD
More results

Similar Description - S6045-02

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S2381 HAMAMATSU-S2381 Datasheet
152Kb / 4P
   Si APD Low bias operation, for 800 nm band
S12053-02 HAMAMATSU-S12053-02_15 Datasheet
232Kb / 5P
   Short wavelength type APD, for 600 nm band
S4315-01 HAMAMATSU-S4315-01 Datasheet
148Kb / 4P
   Low bias operation, for 800 nm band
S12023 HAMAMATSU-S12023_15 Datasheet
271Kb / 6P
   Low bias operation, for 800 nm band
S10341 HAMAMATSU-S10341_15 Datasheet
292Kb / 4P
   Low bias operation, for 800 nm band
logo
TT Electronics.
LRK TTELEC-LRK Datasheet
144Kb / 2P
   Low temperature coefficient
logo
Mitsubishi Electric Sem...
FU-318AP-VM6 MITSUBISHI-FU-318AP-VM6 Datasheet
100Kb / 3P
   APD MODULE FOR LONG WAVELENGTH BAND
logo
Hamamatsu Corporation
S12426 HAMAMATSU-S12426_15 Datasheet
611Kb / 5P
   Low bias operation, high-speed Si APD for 900 nm
logo
Mitsubishi Electric Sem...
FU-318SAP-X2MX MITSUBISHI-FU-318SAP-X2MX Datasheet
109Kb / 6P
   APD MODULE FOR LONG WAVELENGTH BAND
FU-318AP-M6 MITSUBISHI-FU-318AP-M6 Datasheet
40Kb / 3P
   InGaAs APD MODULE FOR LONG WAVELENGTH BAND
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com