Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S5971 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # S5971
Description  High-speed photodiodes (S5973 series: 1.5 GHz)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S5971 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  S5971 Datasheet HTML 1Page - Hamamatsu Corporation S5971 Datasheet HTML 2Page - Hamamatsu Corporation S5971 Datasheet HTML 3Page - Hamamatsu Corporation S5971 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
S5971, S5972, S5973 series
S5971, S5972 and S5973 series are high-speed Si PIN photodiodes designed for visible to near infrared light detection. These photodiodes
provide wideband characteristics at a low bias, making them suitable for optical communications and other high-speed photometry. S5973 series
includes a mini-lens type (S5973-01) that can be efficiently coupled to an optical fiber and a violet sensitivity enhanced type (S5973-02) ideal for
violet laser detection.
Features
l High-speed response
S5971
: 100 MHz (VR=10 V)
S5972
: 500 MHz (VR=10 V)
S5973 series: 1 GHz (VR=3.3 V)
l Low price
l High sensitivity
S5973-02: 0.3 A/W, QE=91 % (
λ=410 nm)
l High reliability
Applications
l Optical fiber communications
l High-speed photometry
l Violet laser detection (S5973-02)
PHOTODIODE
Si PIN photodiode
High-speed photodiodes (S5973 series: 1.5 GHz)
s General ratings / Absolute maximum ratings
Absolute maximum ratings
Package
Active area
size
Effective
active area
Reverse
voltage
VR Max.
Power
dissipation
P
Operating
te m per atur e
Topr
Storage
te m per atur e
Tstg
Type No.
Dimensional
outline/
Window
material *
1
(mm)
(mm)
(mm
2)
(V)
(mW)
(°C)
(°C)
S5971
φ1.2
1.1
S5972
φ0.8
0.5
S5973
➀/K
S5973-01
➁/L
S5973-02
➂/K
TO-18
φ0.4
0.12
20
50
-40 to +100 -55 to +125
s Electrical and optical characteristics
Photo sensitivity
S
(A/W)
Spectral
response
range
λ
Peak
sensitivity
wavelength
λp
Short
circuit
current
Isc
100 lx
Dark
current
ID
Temp.
coefficient
of
ID
TCID
Cut-off
frequency
fc
Terminal
capacitance
Ct
f=1 MHz
NEP
VR=10 V
λ=λp
Type No.
(nm)
(nm)
λp
660
nm
780
nm
830
nm
(µA)
Typ.
(nA)
Max.
(nA) (ti mes/° C)
(GHz)
(pF)
(W/Hz
1/2)
S5971
320 to
1060
900
0.64
0.6
1.0
0.07 *3 1 *3
0.1 *
3
7.4 × 10
-15
S5972
800
0.57
0.55
0.55
0.42
0. 01 *3 0.5 *3
0.5 *
3
3 *
3
3.1 × 10
-15
S5973
0.09
S5973-01
0.52
0.44
0.51 0.47
0.42
1.1 × 10
-15 *4
S5973-02
320 to
1000
760
0.45 0.3 *
2
0.42 0.37
0.09
0.001 *4 0.1 *4
1.15
1.5 *
4
1.6 *
4
1.9 × 10-15 *2, *4
*1: Window material K: borosilicate glass, L: lens type borosilicate glass
*2:
λ=410 nm
*3: VR=10 V
*4: VR=3.3 V
1


Similar Part No. - S5971

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S5971 HAMAMATSU-S5971_15 Datasheet
816Kb / 5P
   Si PIN photodiodes
More results

Similar Description - S5971

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
PDT0313-FC-A HP-PDT0313-FC-A Datasheet
96Kb / 4P
   High Speed Receptacle Photodiodes
logo
PerkinElmer Optoelectro...
C30618 PERKINELMER-C30618 Datasheet
243Kb / 6P
   High-Speed InGaAs PIN Photodiodes
logo
Sharp Corporation
PD480PI SHARP-PD480PI Datasheet
45Kb / 3P
   High Speed, Narrow Acceptance Photodiodes
logo
Analog Devices
AD8000 AD-AD8000_15 Datasheet
611Kb / 21P
   1.5 GHz Ultrahigh Speed Op Amp
REV. B
AD8000 AD-AD8000 Datasheet
525Kb / 20P
   1.5 GHz Ultrahigh Speed Op Amp
REV. 0
logo
Espros Photonics corp
EPC200 EPC-EPC200 Datasheet
370Kb / 6P
   High sensitive photodiodes
EPC300 EPC-EPC300 Datasheet
379Kb / 10P
   High sensitive photodiodes
logo
BeRex Corporation
BLB02 BEREX-BLB02_18 Datasheet
991Kb / 15P
   1.5 ??2.7 GHz High Linearity LNA
BLB01 BEREX-BLB01_18 Datasheet
979Kb / 15P
   0.5 ??1.5 GHz High Linearity LNA
logo
Hamamatsu Corporation
S3071 HAMAMATSU-S3071 Datasheet
120Kb / 3P
   Si PIN photodiode Large area, high-speed Si PIN photodiodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com