Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S5345 Datasheet(PDF) 3 Page - Hamamatsu Corporation

Part # S5345
Description  Short wavelength type APD
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S5345 Datasheet(HTML) 3 Page - Hamamatsu Corporation

  S5345 Datasheet HTML 1Page - Hamamatsu Corporation S5345 Datasheet HTML 2Page - Hamamatsu Corporation S5345 Datasheet HTML 3Page - Hamamatsu Corporation S5345 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Si APD
S5343 to S5345, S9073 to S9075
s Terminal capacitance vs. reverse voltage
KAPDB0015EC
REVERSE VOLTAGE (V)
0
100
1 nF
200
100 pF
1 pF
50
10 pF
150
(Typ. Ta=25 ˚C, f=1 MHz)
S5345
S5344
S5343
S9075
S9074
S9073
s Excess noise figure vs. gain
KAPDB0013EA
GAIN
10
1
1
10
100
(Typ. Ta=25 ˚C, f=10 kHz, B=1 Hz)
M0.2
M0.5
M0.3
λ=650 nm
λ=800 nm
3


Similar Part No. - S5345

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
S5340 BOTHHAND-S5340 Datasheet
40Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMER
More results

Similar Description - S5345

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S8664 HAMAMATSU-S8664 Datasheet
110Kb / 3P
   Short wavelength type APD
S12053-02 HAMAMATSU-S12053-02_15 Datasheet
232Kb / 5P
   Short wavelength type APD, for 600 nm band
S8890 HAMAMATSU-S8890 Datasheet
142Kb / 3P
   Long wavelength type APD
S8890 HAMAMATSU-S8890_15 Datasheet
502Kb / 4P
   Long wavelength type APD
logo
Mitsubishi Electric Sem...
FU-318AP-VM6 MITSUBISHI-FU-318AP-VM6 Datasheet
100Kb / 3P
   APD MODULE FOR LONG WAVELENGTH BAND
FU-318SAP-X2MX MITSUBISHI-FU-318SAP-X2MX Datasheet
109Kb / 6P
   APD MODULE FOR LONG WAVELENGTH BAND
logo
Roithner LaserTechnik G...
RLT6405G ROITHNER-RLT6405G Datasheet
195Kb / 1P
   short wavelength laserdiode
logo
Mitsubishi Electric Sem...
FU-318AP-M6 MITSUBISHI-FU-318AP-M6 Datasheet
40Kb / 3P
   InGaAs APD MODULE FOR LONG WAVELENGTH BAND
FU-319SPA-X6M2X MITSUBISHI-FU-319SPA-X6M2X Datasheet
99Kb / 6P
   APD-TIA MODULE FOR LONG WAVELENGTH BAND
logo
Hamamatsu Corporation
S8550 HAMAMATSU-S8550 Datasheet
103Kb / 2P
   4 횞 8 element APD array with low noise and enhanced short-wavelength sensitivity
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com