Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S9073 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # S9073
Description  Short wavelength type APD
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S9073 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  S9073 Datasheet HTML 1Page - Hamamatsu Corporation S9073 Datasheet HTML 2Page - Hamamatsu Corporation S9073 Datasheet HTML 3Page - Hamamatsu Corporation S9073 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Si APD
S5343 to S5345, S9073 to S9075
s Spectral response
s Quantum efficiency vs. wavelength
s Dark current vs. reverse voltage
s Gain vs. reverse voltage
20
30
0
10
(Typ. Ta=25 ˚C)
WAVELENGTH (nm)
200
400
600
800
1000
M=10
M=20
M=50
0
20
40
60
80
100
(Typ. Ta=25 ˚C)
WAVELENGTH (nm)
200
400
600
800
1000
KAPDB0010ED
KAPDB0023EB
KAPDB0009ED
KAPDB0011EC
0
100
200
50
1 pA
10 pA
100 pA
1 nA
10 nA
150
REVERSE VOLTAGE (V)
S5344
S9075
S5343
S9074
S9073
S5345
(Typ. Ta=25 ˚C)
REVERSE VOLTAGE (V)
103
102
101
100
130
160
140
150
(Typ.
λ=650 nm)
-20 ˚C
0 ˚C
20 ˚C
40 ˚C
60 ˚C
2


Similar Part No. - S9073

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
S9000-ND TI-S9000-ND Datasheet
2Mb / 29P
[Old version datasheet]   The following sections describe the function of individual circuits.
logo
Analog Devices
S9001-ND AD-S9001-ND Datasheet
1Mb / 75P
   ADSP-BF506F EZ-KIT Lite짰 Evaluation System Manual
Revision 1.0 December2009
logo
Diodes Incorporated
S9004P2CT DIODES-S9004P2CT Datasheet
62Kb / 2P
   30A SCHOTTKY BARRIER RECTIFIER
DS23027 Rev. P-5
S9005P2CT DIODES-S9005P2CT Datasheet
62Kb / 2P
   20A SCHOTTKY BARRIER RECTIFIER
DS23028 Rev. P-5
logo
Shenzhen Luguang Electr...
S9011 LUGUANG-S9011 Datasheet
1Mb / 2P
   NPN Silicon Epitaxial Planar Transistor
More results

Similar Description - S9073

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S8664 HAMAMATSU-S8664 Datasheet
110Kb / 3P
   Short wavelength type APD
S12053-02 HAMAMATSU-S12053-02_15 Datasheet
232Kb / 5P
   Short wavelength type APD, for 600 nm band
S8890 HAMAMATSU-S8890 Datasheet
142Kb / 3P
   Long wavelength type APD
S8890 HAMAMATSU-S8890_15 Datasheet
502Kb / 4P
   Long wavelength type APD
logo
Mitsubishi Electric Sem...
FU-318AP-VM6 MITSUBISHI-FU-318AP-VM6 Datasheet
100Kb / 3P
   APD MODULE FOR LONG WAVELENGTH BAND
FU-318SAP-X2MX MITSUBISHI-FU-318SAP-X2MX Datasheet
109Kb / 6P
   APD MODULE FOR LONG WAVELENGTH BAND
logo
Roithner LaserTechnik G...
RLT6405G ROITHNER-RLT6405G Datasheet
195Kb / 1P
   short wavelength laserdiode
logo
Mitsubishi Electric Sem...
FU-318AP-M6 MITSUBISHI-FU-318AP-M6 Datasheet
40Kb / 3P
   InGaAs APD MODULE FOR LONG WAVELENGTH BAND
FU-319SPA-X6M2X MITSUBISHI-FU-319SPA-X6M2X Datasheet
99Kb / 6P
   APD-TIA MODULE FOR LONG WAVELENGTH BAND
logo
Hamamatsu Corporation
S8550 HAMAMATSU-S8550 Datasheet
103Kb / 2P
   4 횞 8 element APD array with low noise and enhanced short-wavelength sensitivity
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com