Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62148L-70SC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY62148L-70SC
Description  512K x 8 Static RAM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62148L-70SC Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY62148L-70SC Datasheet HTML 1Page - Cypress Semiconductor CY62148L-70SC Datasheet HTML 2Page - Cypress Semiconductor CY62148L-70SC Datasheet HTML 3Page - Cypress Semiconductor CY62148L-70SC Datasheet HTML 4Page - Cypress Semiconductor CY62148L-70SC Datasheet HTML 5Page - Cypress Semiconductor CY62148L-70SC Datasheet HTML 6Page - Cypress Semiconductor CY62148L-70SC Datasheet HTML 7Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
512K x 8 Static RAM
fax id: 1079
CY62148
PRELIMINARY
Cypress Semiconductor Corporation
3901 North First Street
San Jose
CA 95134
408-943-2600
December 1996 - Revised July 31, 1997
1CY 621 48
Features
• 4.5V
−5.5V operation
• CMOS for optimum speed/power
• Low active power
— 660 mW (max.)
• Low standby power (L version)
— 2.75 mW (max.)
• Automatic power-down when deselected
• TTL-compatible inputs and outputs
• Easy memory expansion with CE and OE options
Functional Description
The CY62148 is a high-performance CMOS static RAM orga-
nized as 524,288 words by 8 bits. Easy memory expansion is
provided by an active LOW chip enable (CE), an active LOW
output enable (OE), and three-state drivers. This device has
an automatic power-down feature that reduces power con-
sumption by more than 99% when deselected.
Writing to the device is accomplished by taking chip enable
one (CE) and write enable (WE) inputs LOW. Data on the eight
I/O pins (I/O0 through I/O7) is then written into the location
specified on the address pins (A0 through A18).
Reading from the device is accomplished by taking chip en-
able one (CE) and output enable (OE) LOW while forcing write
enable (WE). Under these conditions, the contents of the
memory location specified by the address pins will appear on
the I/O pins.
The eight input/output pins (I/O0 through I/O7) are placed in a
high-impedance state when the device is deselected (CE
HIGH), the outputs are disabled (OE HIGH), or during a write
operation (CE LOW, and WE LOW).
The CY62148 is available in a standard 450-mil-wide body
width SOIC package.
Selection Guide
CY62148–55
CY62148–70
Maximum Access Time (ns)
55
70
Maximum Operating Current
Commercial
120 mA
120 mA
Maximum CMOS Standby Current
Commercial
2 mA
2 mA
L
0.5 mA
0.5 mA
Shaded areas contain advance information
Logic Block Diagram
A1
A2
A3
A4
A5
A6
A7
A8
COLUMN
DECODER
INPUT BUFFER
POWER
DOWN
WE
OE
I/O0
I/O1
I/O2
I/O3
512K x 8
I/O7
I/O6
I/O5
I/O4
A0
A
10
CE
A9
62148-1
1
2
3
4
5
6
7
8
9
10
11
14
19
20
24
23
22
21
25
28
27
26
Top View
12
13
29
32
31
30
16
15
17
18
GND
A16
A14
A12
A7
A6
A5
A4
A3
WE
VCC
A15
A13
A8
A9
I/O7
I/O6
I/O5
I/O4
A2
I/O0
I/O1
I/O2
CE
OE
A10
I/O3
A1
A0
A11
A17
A18
SOIC
ARRAY
Pin Configuration


Similar Part No. - CY62148L-70SC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62148LL-70SC CYPRESS-CY62148LL-70SC Datasheet
189Kb / 11P
   512K x 8 MoBL Static RAM
More results

Similar Description - CY62148L-70SC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1049 CYPRESS-CY7C1049 Datasheet
128Kb / 10P
   512K x 8 Static RAM
CY7C1049BV33 CYPRESS-CY7C1049BV33 Datasheet
165Kb / 10P
   512K x 8 Static RAM
CY7C1049B CYPRESS-CY7C1049B Datasheet
132Kb / 10P
   512K x 8 Static RAM
logo
Weida Semiconductor, In...
WCFS4008V1C WEIDA-WCFS4008V1C Datasheet
201Kb / 9P
   512K x 8 Static RAM
logo
Cypress Semiconductor
CY7C1049BN CYPRESS-CY7C1049BN_09 Datasheet
443Kb / 10P
   512K x 8 Static RAM
CY7C1049BNV33 CYPRESS-CY7C1049BNV33 Datasheet
421Kb / 8P
   512K x 8 Static RAM
CY62148B CYPRESS-CY62148B Datasheet
189Kb / 11P
   512K x 8 Static RAM
logo
Honeywell Solid State E...
HX6408 HONEYWELL-HX6408 Datasheet
167Kb / 11P
   512k x 8 STATIC RAM
logo
Cypress Semiconductor
CY7C1049CV33 CYPRESS-CY7C1049CV33 Datasheet
195Kb / 9P
   512K x 8 Static RAM
logo
List of Unclassifed Man...
WCMA4008C1X ETC1-WCMA4008C1X Datasheet
176Kb / 10P
   512K x 8 Static RAM
logo
Cypress Semiconductor
CY7C1049BN CYPRESS-CY7C1049BN Datasheet
455Kb / 10P
   512K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com