Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C287-45 Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY7C287-45
Description  64K x 8 Reprogrammable Registered PROM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C287-45 Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY7C287-45 Datasheet HTML 1Page - Cypress Semiconductor CY7C287-45 Datasheet HTML 2Page - Cypress Semiconductor CY7C287-45 Datasheet HTML 3Page - Cypress Semiconductor CY7C287-45 Datasheet HTML 4Page - Cypress Semiconductor CY7C287-45 Datasheet HTML 5Page - Cypress Semiconductor CY7C287-45 Datasheet HTML 6Page - Cypress Semiconductor CY7C287-45 Datasheet HTML 7Page - Cypress Semiconductor CY7C287-45 Datasheet HTML 8Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
CY7C287
2
Maximum Ratings
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Storage Temperature
.....................................−65
°C to +150°C
Ambient Temperature with
Power Applied
..................................................−55
°C to +125°C
Supply Voltage to Ground Potential
.................−0.5V to +7.0V
DC Voltage Applied to Outputs
in High Z State
.....................................................−0.5V to +7.0V
DC Input Voltage
.................................................−3.0V to +7.0V
DC Program Voltage .....................................................13.0V
UV Exposure ................................................ 7258 Wsec/cm2
Static Discharge Voltage ........................................... >2001V
(per MIL-STD-883, Method 3015.2)
Latch-Up Current ..................................................... >200 mA
Selection Guide
7C287
−45
7C287
−55
7C287
−65
Maximum Set-Up Time (ns)
45
55
65
Maximum Clock to Output (ns)
15
20
25
Maximum Operating Current (mA)
Com’l
120
120
120
Mil
150
150
Operating Range
Range
Ambient
Temperature
VCC
Commercial
0
°C to +70°C
5V
± 10%
Industrial[1]
−40
°C to +85°C
5V
± 10%
Military[2]
−55
°C to +125°C
5V
± 10%
Electrical Characteristics Over the Operating Range[3]
Parameter
Description
Test Conditions
7C287
−45
7C287
−55
7C287
−65
Unit
Min.
Max.
Min.
Max.
Min.
Max.
VOH
Output HIGH Voltage
VCC = Min., IOH = −2.0 mA
2.4
2.4
2.4
V
VOL
Output LOW Voltage
VCC = Min., IOL = 8.0 mA Com’l
0.4
0.4
0.4
V
Mil
0.4
0.4
VIH
Input HIGH Voltage
Guaranteed Input Logical HIGH
Voltage for Inputs
2.0
VCC
2.0
VCC
2.0
VCC
V
VIL
Input LOW Voltage
Guaranteed Input Logical LOW
Voltage for Inputs
0.8
0.8
0.8
V
IIX
Input Load Current
GND < VIN < VCC
−10
+10
−10
+10
−10
+10
µA
VCD
Input Diode Clamp Voltage
Note 4
IOZ
Output Leakage Current
GND < VOUT < VCC,
Output Disabled
−40
+40
−40
+40
−40
+40
µA
IOS
Output Short Circuit Current
VCC = Max., VOUT = GND
[5]
−20
−90
−20
−90
−20
−90
mA
ICC
VCC Operating
Supply Current
VCC = Max.,
IOUT = 0 mA
Com’l
120
120
120
mA
Mil
150
150
VPP
Programming Supply Voltage
12
13
12
13
12
13
V
IPP
Programming Supply Current
50
50
50
mA
VIHP
Input HIGH Programming
Voltage
3.0
3.0
3.0
V
VILP
Input LOW Programming
Voltage
0.4
0.4
0.4
V
Notes:
1.
Contact a Cypress representative for industrial temperature range specifications.
2.
TA is the “instant on” case temperature.
3.
See the last page of this specification for Group A subgroup testing information.
4.
See Introduction to CMOS PROMs for general information on testing.
5.
Short circuit test should not exceed 30 seconds.


Similar Part No. - CY7C287-45

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C281A CYPRESS-CY7C281A Datasheet
137Kb / 8P
   1K x 8 PROM
CY7C281A CYPRESS-CY7C281A Datasheet
266Kb / 8P
   1K x 8 PROM
CY7C281A-25JC CYPRESS-CY7C281A-25JC Datasheet
137Kb / 8P
   1K x 8 PROM
CY7C281A-25JC CYPRESS-CY7C281A-25JC Datasheet
266Kb / 8P
   1K x 8 PROM
CY7C281A-25PC CYPRESS-CY7C281A-25PC Datasheet
137Kb / 8P
   1K x 8 PROM
More results

Similar Description - CY7C287-45

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C245A CYPRESS-CY7C245A Datasheet
227Kb / 12P
   2K x 8 Reprogrammable Registered PROM
CY7C245A CYPRESS-CY7C245A_06 Datasheet
396Kb / 13P
   2K x 8 Reprogrammable Registered PROM
CY7C277 CYPRESS-CY7C277 Datasheet
431Kb / 13P
   32K x 8 Reprogrammable Registered PROM
CY7C291A-293A CYPRESS-CY7C291A-293A Datasheet
355Kb / 15P
   2K x 8 Reprogrammable PROM
logo
Pyramid Semiconductor C...
PY264 PYRAMID-PY264 Datasheet
135Kb / 8P
   8K X 8 REPROGRAMMABLE PROM
logo
Cypress Semiconductor
CY7C291A CYPRESS-CY7C291A Datasheet
275Kb / 12P
   2K x 8 Reprogrammable PROM
CY7C291A CYPRESS-CY7C291A_06 Datasheet
547Kb / 13P
   2K x 8 Reprogrammable PROM
logo
Pyramid Semiconductor C...
PY291A PYRAMID-PY291A Datasheet
100Kb / 9P
   2K X 8 REPROGRAMMABLE PROM
logo
Cypress Semiconductor
CY7C225 CYPRESS-CY7C225 Datasheet
186Kb / 9P
   512 x 8 Registered PROM
CY7C235A CYPRESS-CY7C235A Datasheet
211Kb / 10P
   1K x 8 Registered PROM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com