Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S3903 Datasheet(PDF) 3 Page - Hamamatsu Corporation

Part # S3903
Description  NMOS linear image sensor Current output, high UV sensitivity, excellent linearity, low power consumption
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S3903 Datasheet(HTML) 3 Page - Hamamatsu Corporation

  S3903 Datasheet HTML 1Page - Hamamatsu Corporation S3903 Datasheet HTML 2Page - Hamamatsu Corporation S3903 Datasheet HTML 3Page - Hamamatsu Corporation S3903 Datasheet HTML 4Page - Hamamatsu Corporation S3903 Datasheet HTML 5Page - Hamamatsu Corporation S3903 Datasheet HTML 6Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NMOS linear image sensor
S3902/S3903 series
Figure 3 Dimensional outlines (unit: mm)
S3902-128Q, S3903-256Q
S3902-256Q, S3903-512Q
0.51
25.4
2.54
31.75
3.2 ± 0.3
ACTIVE AREA
6.4 × 0.5
0.25
10.16
PHOTOSENSITIVE
SURFACE
* Optical distance from the outer surface
of the quartz window to the chip surface
0.51
25.4
2.54
ACTIVE AREA
12.8 × 0.5
6.4 ± 0.3
31.75
0.25
10.16
PHOTOSENSITIVE
SURFACE
* Optical distance from the outer surface
of the quartz window to the chip surface
KMPDA0108EA
KMPDA0109EA
S3902-512Q, S3903-1024Q
0.51
25.4
40.6
12.8 ± 0.3
ACTIVE AREA
25.6 × 0.5
0.25
10.16
PHOTOSENSITIVE
SURFACE
* Optical distance from the outer surface
of the quartz window to the chip surface
2.54
KMPDA0110EA
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
END OF SCAN
1
2
3
4
5
6
7
8
9
10
11
22
21
20
19
18
17
16
15
14
13
12
2
1
st
Vss
Vscg
NC
Vscd
Vss
ACTIVE VIDEO
DUMMY VIDEO
Vsub
Vss, Vsub and NC should be grounded.
KMPDC0056EA
Figure 4 Pin connection


Similar Part No. - S3903

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S3901 HAMAMATSU-S3901 Datasheet
240Kb / 6P
   NMOS Linear image sensor
S3901 HAMAMATSU-S3901 Datasheet
245Kb / 6P
   NMOS linear image sensor Current output, high UV sensitivity, excellent linearity, low power consumption
S3901 HAMAMATSU-S3901 Datasheet
196Kb / 4P
   NMOS linear image sensor
S3901-1024Q HAMAMATSU-S3901-1024Q Datasheet
122Kb / 4P
   NMOS Linear image sensor
S3901-1024Q HAMAMATSU-S3901-1024Q Datasheet
117Kb / 4P
   NMOS linear image sensor
More results

Similar Description - S3903

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S3901 HAMAMATSU-S3901_05 Datasheet
245Kb / 6P
   NMOS linear image sensor Current output, high UV sensitivity, excellent linearity, low power consumption
C3901 HAMAMATSU-C3901_10 Datasheet
209Kb / 6P
   Current output, high UV sensitivity, excellent linearity, low power consumption
S8380 HAMAMATSU-S8380 Datasheet
148Kb / 4P
   NMOS linear image sensor NMOS linear image sensors with high IR sensitivity
S3901-1024Q HAMAMATSU-S3901-1024Q_07 Datasheet
117Kb / 4P
   NMOS linear image sensor
S5930 HAMAMATSU-S5930_15 Datasheet
1Mb / 10P
   NMOS linear image sensor
S3922 HAMAMATSU-S3922_15 Datasheet
229Kb / 7P
   NMOS linear image sensor
S3904-F HAMAMATSU-S3904-F Datasheet
196Kb / 4P
   NMOS linear image sensor
S3901 HAMAMATSU-S3901 Datasheet
240Kb / 6P
   NMOS Linear image sensor
S3901-1024Q HAMAMATSU-S3901-1024Q Datasheet
122Kb / 4P
   NMOS Linear image sensor
S3904-1024F HAMAMATSU-S3904-1024F Datasheet
190Kb / 4P
   NMOS Linear image sensor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com