Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S6775 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # S6775
Description  Si PIN photodiode Plastic SIP (Single In-line Package)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S6775 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  S6775 Datasheet HTML 1Page - Hamamatsu Corporation S6775 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
HAMAMATSU PHOTONICS K.K., Solid State Division
1126-1 Ichino-cho, Higashi-ku, Hamamatsu City, 435-8558 Japan, Telephone: (81) 53-434-3311, Fax: (81) 53-434-5184, www.hamamatsu.com
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P.O.Box 6910, Bridgewater, N.J. 08807-0910, U.S.A., Telephone: (1) 908-231-0960, Fax: (1) 908-231-1218
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49) 08152-3750, Fax: (49) 08152-2658
France: Hamamatsu Photonics France S.A.R.L.: 19, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: 33-(1) 69 53 71 00, Fax: 33-(1) 69 53 71 10
United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road, Welwyn Garden City, Hertfordshire AL7 1BW, United Kingdom, Telephone: (44) 1707-294888, Fax: (44) 1707-325777
North Europe: Hamamatsu Photonics Norden AB: Smidesvägen 12, SE-171 41 Solna, Sweden, Telephone: (46) 8-509-031-00, Fax: (46) 8-509-031-01
Italy: Hamamatsu Photonics Italia S.R.L.: Strada della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39) 02-935-81-733, Fax: (39) 02-935-81-741
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions.
Specifications are subject to change without notice. No patent rights are granted to any of the circuits described herein. ©2006 Hamamatsu Photonics K.K.
Si PIN photodiode
S2506/S6775/S6967 series, S6786
Cat. No. KPIN1048E02
Jun. 2006 DN
s
s
s
s
s Dimensional outline (unit: mm, tolerance unless otherwise noted: ±0.1)
s Spectral response
AMBIENT TEMPERATURE (˚C)
1 pA
10 pA
100 pA
1 nA
10 nA
10 µA
-20
0
20
40
60
(Typ.)
80
100 nA
1 µA
S6786 (VR=10 V)
S2506-02/-04 (VR=12 V)
S6775/-01, S6967/-01 (VR=10 V)
S6786
S2506-02/-04
S6967/-01
S6775/-01
1 pF
10 pF
100 pF
1 nF
0.1
1
10
100
REVERSE VOLTAGE (V)
(Typ. Ta=25 ˚C, f=1 MHz)
1 pF
10 pF
100 pF
1 nF
0.1
1
10
100
(Typ. Ta=25 ˚C, f=1 MHz)
S6967/-01
S6775/-01
S2506-02/-04
S6786
1.0
0.5
3.5 ± 0.2
7.0 ± 0.2
5.08
(0.3)
(0.3)
(0.5)
(0.5)
(0.4)
(0.4)
(0.6)
(0.6)
1.0
1.0
CENTER OF
ACTIVE AREA
DETAILS OF LEAD ROOT
ACTIVE AREA
b
2.7 ± 0.2 0.2 MAX.
0.5
1.4
1.1
INCIDENT LIGHT
a
Type No.
3.65 ± 0.2
S6775/S6967
series
2.8 ± 0.2
b
5.5 × 4.8
2.77 × 2.77
S2506 series
S6786
s Dark current vs. ambient temperature s Terminal capacitance vs.
reverse voltage
KPINB0169EB
KPINB0170EB
KPINA0084EB
90˚
80˚
70˚
60˚
50˚
30˚
RELATIVE SENSITIVITY
40˚
20˚
10˚
10˚
20˚
90˚
80˚
70˚
60˚
50˚
30˚
40˚
80 %
100 %
20 %
40 %
60 %
(Typ. Ta=25 ˚C)
s Directivity (S2506-02)
KPINB0065EB
REVERSE VOLTAGE (V)
1 pA
10 pA
100 pA
1 nA
10 nA
0.01
0.1
1
10
100
(Typ. Ta=25 ˚C)
S6786
S6967/-01
S2506-02/-04
S6775/-01
s Dark current vs. reverse voltage
KPINB0168EB
WAVELENGTH (nm)
0
200
400
600
800
1000
+1.0
+0.5
(Typ.)
+1.5
-0.5
s Photo sensitivity temperature characteristic
(S2506-02)
KPINB0063EC
WAVELENGTH (nm)
0
0.1
0.2
0.3
0.4
0.8
0.7
200
400
600
800
1000
(Typ. Ta=25 ˚C)
0.5
0.6
S2506-04
S2506-02
S6786
QE=100 %
KPINB0348EA
WAVELENGTH (nm)
0
0.1
0.2
0.3
0.4
0.8
0.7
200
400
600
800
1000
(Typ. Ta=25 ˚C)
0.5
0.6
S6967
S6967-01
QE=100 %
S6775
S6775-01
KPINB0349EA
S2506 series, S6786
S6775/S6967 series
2


Similar Part No. - S6775

ManufacturerPart #DatasheetDescription
logo
Satco Products, Inc.
S6775 SATCO-S6775 Datasheet
125Kb / 1P
   24 watt; pin-based Compact Fluorescent; 4100K; 82 CRI; 2G10 base
More results

Similar Description - S6775

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S2721-02 HAMAMATSU-S2721-02 Datasheet
113Kb / 3P
   Si PIN photodiode Dual-element, plastic package photodiode
logo
SynQor Worldwide Headqu...
NQ04T33VKA10 SYNQOR-NQ04T33VKA10 Datasheet
798Kb / 18P
   SIP Single In-Line Package
logo
Hamamatsu Corporation
S6801 HAMAMATSU-S6801 Datasheet
101Kb / 2P
   Si PIN photodiode ?14 mm lens plastic package
S6036 HAMAMATSU-S6036 Datasheet
89Kb / 2P
   Si PIN photodiode 7 mm lens plastic package
S1787 HAMAMATSU-S1787 Datasheet
141Kb / 2P
   Si photodiode Plastic package photodiode with low dark current
S8650 HAMAMATSU-S8650_15 Datasheet
352Kb / 3P
   Si PIN photodiode
S5980 HAMAMATSU-S5980_15 Datasheet
329Kb / 2P
   Si PIN photodiode
S5821 HAMAMATSU-S5821_15 Datasheet
102Kb / 4P
   Si PIN photodiode
logo
Integral Corp.
IWPH01-02 INTEGRAL-IWPH01-02 Datasheet
152Kb / 3P
   SI PIN PHOTODIODE
logo
Hamamatsu Corporation
S7797 HAMAMATSU-S7797 Datasheet
142Kb / 2P
   Si PIN photodiode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com