Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S2384 Datasheet(PDF) 4 Page - Hamamatsu Corporation

Part # S2384
Description  Si APD Low bias operation, for 800 nm band
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S2384 Datasheet(HTML) 4 Page - Hamamatsu Corporation

  S2384 Datasheet HTML 1Page - Hamamatsu Corporation S2384 Datasheet HTML 2Page - Hamamatsu Corporation S2384 Datasheet HTML 3Page - Hamamatsu Corporation S2384 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Si APD
S2381 to S2385, S5139, S8611, S3884
HAMAMATSU PHOTONICS K.K., Solid State Division
1126-1 Ichino-cho, Higashi-ku, Hamamatsu City, 435-8558 Japan, Telephone: (81) 53-434-3311, Fax: (81) 53-434-5184, www.hamamatsu.com
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P.O.Box 6910, Bridgewater, N.J. 08807-0910, U.S.A., Telephone: (1) 908-231-0960, Fax: (1) 908-231-1218
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49) 08152-3750, Fax: (49) 08152-2658
France: Hamamatsu Photonics France S.A.R.L.: 19, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: 33-(1) 69 53 71 00, Fax: 33-(1) 69 53 71 10
United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road, Welwyn Garden City, Hertfordshire AL7 1BW, United Kingdom, Telephone: (44) 1707-294888, Fax: (44) 1707-325777
North Europe: Hamamatsu Photonics Norden AB: Smidesvägen 12, SE-171 41 Solna, Sweden, Telephone: (46) 8-509-031-00, Fax: (46) 8-509-031-01
Italy: Hamamatsu Photonics Italia S.R.L.: Strada della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39) 02-935-81-733, Fax: (39) 02-935-81-741
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions.
Specifications are subject to change without notice. No patent rights are granted to any of the circuits described herein. ©2006 Hamamatsu Photonics K.K.
Cat. No. KAPD1007E06
Oct. 2006 DN
WINDOW
10 ± 0.2
10.2 ± 0.2
14 ± 0.2
15.3 ± 0.2
0.45
LEAD
DETECTOR (ANODE)
DETECTOR (CATHODE)
COOLER (-)
COOLER (+)
THERMISTOR
PHOTOSENSITIVE
SURFACE
Parameter
Symbol
Condition
S4315
S4315-01
S4315-02
Unit
APD
-
S2381
S2382
S2383
-
Effective active area *
5
-
φ0.2
φ0.5
φ1.0
mm
Spectral response range
λ
400 to 1000
nm
Peak sensitivity wavelength
λp
M=100
800
nm
Cooling temperature
∆T
35
°C
Package
-
TO-8
-
*5: Active area in which a typical gain can be obtained.
We welcome your request for active areas different from those listed above.
KAPDA0020EA
s
s
s
s
s Dimensional outline (unit: mm)
TE-cooled type APD S4315 series
4
s Cooling characteristic of TE-cooler
KAPDB0098EA
20
0
0.4
0.8
1.2
1.6
CURRENT (A)
0
-40
-60
-20
40
(Typ. Ta=25 ˚C, thermal resistance of heatsink=3 ˚C/W)
s Current vs. voltage characteristic of TE-cooler
KAPDB0100EA
1.2
VOLTAGE (V)
1.0
0.6
0
0.8
1.4
1.6
(Typ. Ta=25 ˚C, Thermal resistance of heatsink=3 ˚C/W)
0.4
0.2
0
0.4
0.8
0.2
0.6
1.0
1.2
s Thermistor temperature characteristic
KIRDB0116EA
ELEMENT TEMPERATURE (˚C)
10
3
(Typ.)
10
4
10
5
10
6
-40
-20
0
20


Similar Part No. - S2384

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S2384 HAMAMATSU-S2384 Datasheet
148Kb / 4P
   Low bias operation, for 800 nm band
More results

Similar Description - S2384

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S4315-01 HAMAMATSU-S4315-01 Datasheet
148Kb / 4P
   Low bias operation, for 800 nm band
S12023 HAMAMATSU-S12023_15 Datasheet
271Kb / 6P
   Low bias operation, for 800 nm band
S10341 HAMAMATSU-S10341_15 Datasheet
292Kb / 4P
   Low bias operation, for 800 nm band
S12426 HAMAMATSU-S12426_15 Datasheet
611Kb / 5P
   Low bias operation, high-speed Si APD for 900 nm
S6045 HAMAMATSU-S6045 Datasheet
235Kb / 4P
   Low temperature coefficient type APD for 800 nm band
S12053-02 HAMAMATSU-S12053-02_15 Datasheet
232Kb / 5P
   Short wavelength type APD, for 600 nm band
S4402 HAMAMATSU-S4402 Datasheet
82Kb / 2P
   Si APD ?1 mm quadrant APD
logo
Linear Technology
LT3571 LINER-LT3571_15 Datasheet
225Kb / 16P
   75V DC/DC Converter for APD Bias
logo
Mitsubishi Electric Sem...
FU-318AP-VM6 MITSUBISHI-FU-318AP-VM6 Datasheet
100Kb / 3P
   APD MODULE FOR LONG WAVELENGTH BAND
FU-318SAP-X2MX MITSUBISHI-FU-318SAP-X2MX Datasheet
109Kb / 6P
   APD MODULE FOR LONG WAVELENGTH BAND
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com