Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S2383 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # S2383
Description  Si APD Low bias operation, for 800 nm band
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S2383 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  S2383 Datasheet HTML 1Page - Hamamatsu Corporation S2383 Datasheet HTML 2Page - Hamamatsu Corporation S2383 Datasheet HTML 3Page - Hamamatsu Corporation S2383 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
S2381 to S2385, S5139, S8611, S3884
Features
l Stable operation at low bias
l High-speed response
l High sensitivity and low noise
Applications
l Spatial light transmission
l Rangefinder
PHOTODIODE
Si APD
Low bias operation, for 800 nm band
1
s General ratings / Absolute maximum ratings
Absolute maximum ratings
Active area *
2
size
Effective active
area
Operating
temperature
Topr
Storage
temperature
Tstg
Type No.
Dimensional
outline/
Window
material *
1
Package
(mm)
(mm
2)
(°C)
(°C)
S2381
φ0.2
0.03
S2382
➀/K
S5139
➁/L
S8611
➂/L
φ0.5
0.19
S2383
S2383-10 *
3
➀/K
TO-18
φ1.0
0.78
S3884
➃/K
φ1.5
1.77
S2384
➄/K
TO-5
φ3.0
7.0
S2385
➅/K
TO-8
φ5.0
19.6
-20 to +85
-55 to +125
s Electrical and optical characteristics (Typ. Ta=25 °C, unless otherwise noted)
Br eak do w n
voltage
VBR
ID=100 µA
Dark
current *
4
ID
Spectral
response
range
λ
Peak *4
sensitivity
w avelength
λp
Photo
sensitivity
S
M=1
λ=800 nm
Quantum
efficiency
QE
M=1
λ=800 nm
Temp.
coefficient
of
VBR
Cut-off *4
frequency
fc
RL=50
Ter minal *4
capacitance
Ct
Excess
Noise
figure *
4
x
λ=800 nm
Gain
M
λ=800 nm
Type No.
(nm)
(nm)
(A/W )
(%)
Typ.
(V)
Max.
(V)
(V/°C)
Typ.
(nA)
Max.
(nA)
(MHz)
(pF)
S2381
0.05 0.5
1000
1.5
S2382
S5139
S8611
0.1
1
900
3
S2383
S2383-10 *
3
0.2
2
600
6
S3884
0.5
5
400
10
100
S2384
1
10
120
40
60
S2385
400 to 1000
800
0.5
75
150 200
0.65
330
40
95
0.3
40
*1: W indow material K: borosilicate glass, L: lens type borosilicate glass
*2: Active area in which a typical gain can be obtained
*3: This is a variant of S2383 in which the device chip is light-shielded by aluminum coating except for the active area
*4: Measured under conditions that the device is operated at the gain listed in the specification table
Note) The following different breakdown voltage ranges are available.
S2381, S2382, S5139, S8611, S3884: -01 (80 to 120 V), -02 (120 to 160 V), -03 (160 to 200 V)
S2381-10: -10A (80 to 120 V), -10B (120 to 160 V), -10C (160 to 200 V)


Similar Part No. - S2383

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S2383 HAMAMATSU-S2383 Datasheet
148Kb / 4P
   Low bias operation, for 800 nm band
S2383-10 HAMAMATSU-S2383-10 Datasheet
148Kb / 4P
   Low bias operation, for 800 nm band
More results

Similar Description - S2383

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S4315-01 HAMAMATSU-S4315-01 Datasheet
148Kb / 4P
   Low bias operation, for 800 nm band
S12023 HAMAMATSU-S12023_15 Datasheet
271Kb / 6P
   Low bias operation, for 800 nm band
S10341 HAMAMATSU-S10341_15 Datasheet
292Kb / 4P
   Low bias operation, for 800 nm band
S12426 HAMAMATSU-S12426_15 Datasheet
611Kb / 5P
   Low bias operation, high-speed Si APD for 900 nm
S6045 HAMAMATSU-S6045 Datasheet
235Kb / 4P
   Low temperature coefficient type APD for 800 nm band
S12053-02 HAMAMATSU-S12053-02_15 Datasheet
232Kb / 5P
   Short wavelength type APD, for 600 nm band
S4402 HAMAMATSU-S4402 Datasheet
82Kb / 2P
   Si APD ?1 mm quadrant APD
logo
Linear Technology
LT3571 LINER-LT3571_15 Datasheet
225Kb / 16P
   75V DC/DC Converter for APD Bias
logo
Mitsubishi Electric Sem...
FU-318AP-VM6 MITSUBISHI-FU-318AP-VM6 Datasheet
100Kb / 3P
   APD MODULE FOR LONG WAVELENGTH BAND
FU-318SAP-X2MX MITSUBISHI-FU-318SAP-X2MX Datasheet
109Kb / 6P
   APD MODULE FOR LONG WAVELENGTH BAND
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com