Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JZC-32FCS5DC18V0.2 Datasheet(PDF) 1 Page - DB Lectro Inc

Part # JZC-32FCS5DC18V0.2
Description  5A 10A switching capabilities
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

JZC-32FCS5DC18V0.2 Datasheet(HTML) 1 Page - DB Lectro Inc

  JZC-32FCS5DC18V0.2 Datasheet HTML 1Page - DB Lectro Inc JZC-32FCS5DC18V0.2 Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Présente / Presents:
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com


Similar Part No. - JZC-32FCS5DC18V0.2

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
JZC-32FC HUAXINAN-JZC-32FC Datasheet
422Kb / 1P
   5A 10A switching capabilities
More results

Similar Description - JZC-32FCS5DC18V0.2

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
JZC-33FC HUAXINAN-JZC-33FC Datasheet
411Kb / 1P
   5A 10A switching capabilities
JZC-32FLC HUAXINAN-JZC-32FLC Datasheet
422Kb / 1P
   5A 10A switching capabilities
JZC-32FC HUAXINAN-JZC-32FC Datasheet
422Kb / 1P
   5A 10A switching capabilities
JZC-33FA HUAXINAN-JZC-33FA Datasheet
411Kb / 1P
   5A 10A switching capabilities
JZC-32FA HUAXINAN-JZC-32FA Datasheet
422Kb / 1P
   5A 10A switching capabilities.
JZC-32FLA HUAXINAN-JZC-32FLA Datasheet
422Kb / 1P
   5A 10A switching capabilities.
logo
Power-One
FC100V5A-G POWER-ONE-FC100V5A-G Datasheet
357Kb / 2P
   FC SERIES - 5A, 10A, 20A, FILTER
FC100V5A POWER-ONE-FC100V5A Datasheet
357Kb / 2P
   FC SERIES - 5A, 10A, 20A, FILTER
logo
Rohm
2SK2793 ROHM-2SK2793 Datasheet
141Kb / 4P
   Switching (500V, 5A)
logo
STMicroelectronics
L4975A STMICROELECTRONICS-L4975A Datasheet
359Kb / 21P
   5A SWITCHING REGULATOR
June 2000
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com