Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AQ533 Datasheet(PDF) 4 Page - Acutechnology Semiconductor

Part # AQ533
Description  Ultra-Low Dropout 500mA Voltage Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACUTECH [Acutechnology Semiconductor]
Direct Link  
Logo ACUTECH - Acutechnology Semiconductor

AQ533 Datasheet(HTML) 4 Page - Acutechnology Semiconductor

  AQ533 Datasheet HTML 1Page - Acutechnology Semiconductor AQ533 Datasheet HTML 2Page - Acutechnology Semiconductor AQ533 Datasheet HTML 3Page - Acutechnology Semiconductor AQ533 Datasheet HTML 4Page - Acutechnology Semiconductor AQ533 Datasheet HTML 5Page - Acutechnology Semiconductor AQ533 Datasheet HTML 6Page - Acutechnology Semiconductor AQ533 Datasheet HTML 7Page - Acutechnology Semiconductor AQ533 Datasheet HTML 8Page - Acutechnology Semiconductor AQ533 Datasheet HTML 9Page - Acutechnology Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Acutechnology Semiconductor Inc.
AQ533
www.acutechnology.com
4
Rev. 1.7 September 13, 2006
Electrical Specifications
Electrical characteristics are guaranteed over the full temperature range 0ºC <Tj< 125ºC. Ambient temperature
must be de-rated based upon power dissipation and package thermal characteristics. Unless otherwise
specified: VENABLE = VIN = (VOUT + 1.5V), IOUT = 10 mA, Tj = 25C. Values in bold are over the full temperature
range.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
-1
VOUT
+1
%
VOUT
Output Voltage (1)
0
°C ≤Tj ≤ 125°C
-1.5
VOUT
+1.5
%
LNREG
Line Regulation (1)
∆VEN = VOUT + (1.5V to 10V)
0.035
0.2
%
LDREG
Load Regulation (1)
∆IOUT = (10mA to 500 mA)
0.2
0.4
%
IOUT = 100 mA
50
80
mV
IOUT = 250 mA
150
200
mV
VD
Dropout Voltage (1, 2)
IOUT = 500 mA
300
350
mV
ISC
Current Limit (1)
VEN-VOUT = 2V
600
800
mA
IGND
Ground Current ON
100
150
µA
IGND
Ground Current ON (5)
Adjustable version
65
80
µA
VIL
Enable Pin Voltage (OFF)
With respect to GND
0.25
0.45
V
VIH
Enable Pin Voltage (ON)
With respect to VOUT
0.92
0.95
V
IOUT = 10 mA
0.3
0.5
mA
IOUT = 250 mA
1.8
3.0
mA
IENON
Enable Current ON
IOUT = 500 mA
3.8
5.0
mA
Adjustable version only
1.208 1.220 1.232
V
VADJ
Reference Voltage
0
°C ≤Tj ≤ 125°C
1.202
1.238
V
IQMIN
Minimum Load Current (5)
To maintain regulation
0.5
2.0
mA
TC
Temperature Coefficient
0.005
%/
°C
TS
Temperature Stability
0.5
%/
°C
VN
RMS Output Noise (3)
0.003
%
VOUT
PSRR
Ripple Rejection Ratio (4)
Vin = 5V
60
72
dB
TSD
Thermal Shutdown
Junction Temperature
150
°C
TSDHYST
TSD Hysteresis
25
°C
Notes: (1) Low duty cycle pulse testing with Kelvin connections required.
(2) Measure (VIN - VOUT) when
∆VOUT, OR ∆VREF = 1%
(3) Bandwidth of 10Hz to 10kHz
(4) 120Hz input ripple
(5) Adjustable version only


Similar Part No. - AQ533

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AQ5 ETC-AQ5 Datasheet
596Kb / 5P
   Ultra-compact, wide angle system
logo
Acutechnology Semicondu...
AQ504FV-C3-07-TR ACUTECH-AQ504FV-C3-07-TR Datasheet
468Kb / 5P
   Current Regulator Diode SC70-3, SOT23-3, TO92-2 Packages
AQ504FV-C3-07-TRL ACUTECH-AQ504FV-C3-07-TRL Datasheet
468Kb / 5P
   Current Regulator Diode SC70-3, SOT23-3, TO92-2 Packages
AQ504FV-M3-07-TR ACUTECH-AQ504FV-M3-07-TR Datasheet
468Kb / 5P
   Current Regulator Diode SC70-3, SOT23-3, TO92-2 Packages
AQ504FV-M3-07-TRL ACUTECH-AQ504FV-M3-07-TRL Datasheet
468Kb / 5P
   Current Regulator Diode SC70-3, SOT23-3, TO92-2 Packages
More results

Similar Description - AQ533

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS2937CZ50 TSC-TS2937CZ50 Datasheet
247Kb / 10P
   500mA Ultra Low Dropout Voltage Regulator
TS2937 TSC-TS2937_08 Datasheet
568Kb / 10P
   500mA Ultra Low Dropout Voltage Regulator
TS2937 TSC-TS2937_13 Datasheet
318Kb / 10P
   500mA Ultra Low Dropout Voltage Regulator
TS2937 TSC-TS2937_07 Datasheet
443Kb / 10P
   500mA Ultra Low Dropout Voltage Regulator
TS2937 TSC-TS2937 Datasheet
152Kb / 6P
   500mA Ultra Low Dropout Fixed Positive Voltage Regulator
logo
Acutechnology Semicondu...
AQ8211 ACUTECH-AQ8211 Datasheet
631Kb / 10P
   Ultra-Low Dropout 500mA Voltage Regulator with Enable
logo
Taiwan Semiconductor Co...
TS2937A TSC-TS2937A Datasheet
151Kb / 6P
   500mA Ultra Low Dropout Fixed Positive Voltage Regulator
logo
New Japan Radio
NJU7223 NJRC-NJU7223 Datasheet
127Kb / 5P
   500mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS3107 ADMOS-AMS3107 Datasheet
82Kb / 9P
   500mA LOW DROPOUT VOLTAGE REGULATOR
AMS2907 ADMOS-AMS2907 Datasheet
80Kb / 8P
   500mA LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com