Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R6355 Datasheet(PDF) 6 Page - Hamamatsu Corporation

Part # R6355
Description  13 mm Dia. SIDE-ON COMPACT TYPE PHOTOMULTIPLIER TUBE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

R6355 Datasheet(HTML) 6 Page - Hamamatsu Corporation

  R6355 Datasheet HTML 1Page - Hamamatsu Corporation R6355 Datasheet HTML 2Page - Hamamatsu Corporation R6355 Datasheet HTML 3Page - Hamamatsu Corporation R6355 Datasheet HTML 4Page - Hamamatsu Corporation R6355 Datasheet HTML 5Page - Hamamatsu Corporation R6355 Datasheet HTML 6Page - Hamamatsu Corporation R6355 Datasheet HTML 7Page - Hamamatsu Corporation R6355 Datasheet HTML 8Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
13 mm Dia. SIDE-ON COMPACT TYPE
PHOTOMULTIPLIER TUBE SERIES
Figure 9: Dimensional Outline and Basing Diagram (Unit: mm)
TPMSA0034EB
TACCA0181EB
PHOTO-
CATHODE
4 MIN.
13.5
± 0.8
UV WINDOW
4 MIN.
13.5
± 0.8
FUSED SILICA WINDOW
PHOTO-
CATHODE
BOTTOM VIEW
1
2
3
5
4
6
8
7
9
10
11
K
DY1
DY2
DY3
DY4
DY5
DY6
DY7
DY8
DY9
P
DIRECTION OF LIGHT
Outline No.1
Outline No.2
Socket
E678-11U
TACCA0161EB
E678-11T (Sold Separately):
For direct soldering to PC board
5.5
18
13
11
24
12.4
5.5
30°
12.4
0.5
11
DIRECTION
OF LIGHT


Similar Part No. - R6355

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R6355 HAMAMATSU-R6355 Datasheet
81Kb / 6P
   NEW COMPACT TYPE PMT SERIES
logo
Harwin Plc
R6355-02 HARWIN-R6355-02 Datasheet
400Kb / 2P
   THRADED SPACER-ROUND
More results

Similar Description - R6355

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R3810P HAMAMATSU-R3810P Datasheet
21Kb / 2P
   SUPER COMPACT PHOTOMULTIPLIER TUBE
R9876 HAMAMATSU-R9876 Datasheet
241Kb / 4P
   PHOTOMULTIPLIER TUBE 28 mm (1-1/8 Inch) Diameter, 9-Stage, Side-On Type
R5108 HAMAMATSU-R5108_03 Datasheet
205Kb / 4P
   PHOTOMULTIPLIER TUBE 28 mm (1-1/8 Inch) Transmission Mode S-1 Photocathode, Side-on Type
R1477-06 HAMAMATSU-R1477-06 Datasheet
76Kb / 4P
   PHOTOMULTIPLIER TUBE
R374 HAMAMATSU-R374 Datasheet
28Kb / 2P
   PHOTOMULTIPLIER TUBE
R943-02 HAMAMATSU-R943-02 Datasheet
167Kb / 4P
   PHOTOMULTIPLIER TUBE
R1250 HAMAMATSU-R1250 Datasheet
23Kb / 2P
   PHOTOMULTIPLIER TUBE
R1893 HAMAMATSU-R1893 Datasheet
33Kb / 2P
   PHOTOMULTIPLIER TUBE
R1464 HAMAMATSU-R1464 Datasheet
40Kb / 4P
   PHOTOMULTIPLIER TUBE
R2078 HAMAMATSU-R2078_07 Datasheet
96Kb / 2P
   PHOTOMULTIPLIER TUBE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com