Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5916U-51 Datasheet(PDF) 5 Page - Hamamatsu Corporation

Part # R5916U-51
Description  GATED MICROCHANNEL PLATE PHOTOMULTIPLIER TUBE (MCP-PMTs)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

R5916U-51 Datasheet(HTML) 5 Page - Hamamatsu Corporation

  R5916U-51 Datasheet HTML 1Page - Hamamatsu Corporation R5916U-51 Datasheet HTML 2Page - Hamamatsu Corporation R5916U-51 Datasheet HTML 3Page - Hamamatsu Corporation R5916U-51 Datasheet HTML 4Page - Hamamatsu Corporation R5916U-51 Datasheet HTML 5Page - Hamamatsu Corporation R5916U-51 Datasheet HTML 6Page - Hamamatsu Corporation R5916U-51 Datasheet HTML 7Page - Hamamatsu Corporation R5916U-51 Datasheet HTML 8Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Figure 12: Dimensional Outline (Umit: mm)
Figure 13: Voltage Divider and Gate Circuit
FUNDAMENTAL OPERATING PROCEDURE
TPMHA0348ED
TPMHC0090EC
TPMHC0096EA
PHOTOCATHODE
SHV-R CONNECTOR
-HV INPUT
SMA-R CONNECTOR
ANODE OUTPUT
SMA-R CONNECTOR
GATE PULSE INPUT
4.6
± 0.1
7.9
7
WINDOW
FACE PLATE
EFFECTIVE
PHOTOCATHODE
DIAMETER
10 MIN.
3.0
± 0.2
53.8
± 0.3
71.5
± 0.3
1) A general set-up for R5916U-50 is shown at right.
This is to perform a photon counting with gating function
and to detect weak light generated from the samples by the
laser excitation.
2) The pulse generator used in this set-up produce an output
having +10 V in height and adjustable width which you re-
quire. It also produces a trigger signal synchronyzing an
output pulse to the laser output. The R5916U-50 is in gate
off mode in the beginning to prevent unwanted signals
caused by the laser light or some scattered light which may
strike the photocathode directly.
3) The pulse generator required for gating function is very
simple. The required specifications for the pulse generator
is as follows:
a. Output voltage is +10 V to +15 V.
b. Pulse width is just what you require (between 5 ns and
10 ms).
LASER
EMISSIONS
HIGH VOLTAGE
POWER SUPPLY
C4840
PULSE
GENERATOR
R5916U-50
COUNTER
DISCRI-
MINATOR
AMP
C5594
SAMPLE
OUTPUT FOR GATING
TRIGGER
OUTPUT
6 M
24 M
12 M
33 k
100 k
330 pF
1000 pF
1000 pF
450 pF
330 pF
330 pF
10 k
GND
GND
MCP
ANODE
ANODE OUTPUT
SMA-R
CATHODE
50
-HV
SHV-R
GATE SIGNAL
INPUT SMA-R
Some of the values indicated in this circuit may be different from
actual values to meet the specifications.
GATE
330 pF


Similar Part No. - R5916U-51

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R591 ETC-R591 Datasheet
1Mb / 8P
   COAXIAL SUBMINIATURE MULTIPORT SWITCHES
logo
Hamamatsu Corporation
R5912 HAMAMATSU-R5912 Datasheet
31Kb / 4P
   PHOTOMULTIPLIER TUBE
R5912 HAMAMATSU-R5912 Datasheet
321Kb / 8P
   LARGE PHOTOCATHODE AREA PHOTOMULTIPLIER TUBES
R5912-02 HAMAMATSU-R5912-02 Datasheet
321Kb / 8P
   LARGE PHOTOCATHODE AREA PHOTOMULTIPLIER TUBES
R5912 HAMAMATSU-R5912_10 Datasheet
321Kb / 8P
   LARGE PHOTOCATHODE AREA PHOTOMULTIPLIER TUBES
More results

Similar Description - R5916U-51

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R10754-07-M16 HAMAMATSU-R10754-07-M16 Datasheet
165Kb / 2P
   MICROCHANNEL PLATE PHOTOMULTIPLIER TUBE
R3809U-50 HAMAMATSU-R3809U-50 Datasheet
497Kb / 8P
   MICROCHANNEL PLATE-PHOTOMULTIPLIER TUBE
R3809U-61 HAMAMATSU-R3809U-61 Datasheet
286Kb / 4P
   MICROCHANNEL PLATE-PHOTOMULTIPLIER TUBE
R3809U-61 HAMAMATSU-R3809U-61_15 Datasheet
442Kb / 4P
   MICROCHANNEL PLATE-PHOTOMULTIPLIER
R10110U-03 HAMAMATSU-R10110U-03_15 Datasheet
217Kb / 4P
   MICROCHANNEL PLATE-PHOTOMULTIPLIER
R3809U-68 HAMAMATSU-R3809U-68 Datasheet
177Kb / 4P
   NEAR INFRARED MICROCHANNEL PLATE-PHOTOMULTIPLIER TUBE WITH COOLER
R3809U-61 HAMAMATSU-R3809U-61_10 Datasheet
279Kb / 4P
   MICROCHANNEL PLATEPHOTOMULTIPLIER TUBE
F6492 HAMAMATSU-F6492 Datasheet
43Kb / 2P
   LONG SCALE MICROCHANNEL PLATE
logo
List of Unclassifed Man...
MCP3301 ETC-MCP3301 Datasheet
127Kb / 2P
   Matched Microchannel Plate Set
logo
Hamamatsu Corporation
R1477-06 HAMAMATSU-R1477-06 Datasheet
76Kb / 4P
   PHOTOMULTIPLIER TUBE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com