Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S29GL032M10BFIR22 Datasheet(PDF) 2 Page - SPANSION

Part # S29GL032M10BFIR22
Description  3.0 Volt-only Page Mode Flash Memory featuring 0.23 um MirrorBit process technology
Download  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL032M10BFIR22 Datasheet(HTML) 2 Page - SPANSION

  S29GL032M10BFIR22 Datasheet HTML 1Page - SPANSION S29GL032M10BFIR22 Datasheet HTML 2Page - SPANSION S29GL032M10BFIR22 Datasheet HTML 3Page - SPANSION S29GL032M10BFIR22 Datasheet HTML 4Page - SPANSION S29GL032M10BFIR22 Datasheet HTML 5Page - SPANSION S29GL032M10BFIR22 Datasheet HTML 6Page - SPANSION S29GL032M10BFIR22 Datasheet HTML 7Page - SPANSION S29GL032M10BFIR22 Datasheet HTML 8Page - SPANSION S29GL032M10BFIR22 Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 160 page
background image
2
S29GLxxxM MirrorBitTM Flash Family
S29GLxxxM_00A5 April 30, 2004
Pr e l i m i n a r y
General Description
The S29GL256/128/064/032M family of devices are 3.0 V single power Flash
memory manufactured using 0.23 um MirrorBit technology. The S29GL256M is a
256 Mbit, organized as 16,777,216 words or 33,554,432 bytes. The S29GL128M
is a 128 Mbit, organized as 8,388,608 words or 16,777,216 bytes. The
S29GL064M is a 64 Mbit, organized as 4,194,304 words or 8,388,608 bytes. The
S29GL032M is a 32 Mbit, organized as 2,097,152 words or 4,194,304 bytes. De-
pending on the model number, the devices have an 8-bit wide data bus only, 16-
bit wide data bus only, or a 16-bit wide data bus that can also function as an 8-
bit wide data bus by using the BYTE# input. The devices can be programmed ei-
ther in the host system or in standard EPROM programmers.
Access times as fast as 90 ns (S29GL128M, S29GL064M, S29GL032M) or 100 ns
(S29GL256M) are available. Note that each access time has a specific operating
voltage range (VCC) as specified in the Product Selector Guide and the Ordering
Information sections. Package offerings include 40-pin TSOP, 48-pin TSOP, 56-pin
TSOP, 48-ball fine-pitch BGA, 63-ball fine-pitch BGA and 64-ball Fortified BGA,
depending on model number. Each device has separate chip enable (CE#), write
enable (WE#) and output enable (OE#) controls.
Each device requires only a single 3.0 volt power supply for both read and
write functions. In addition to a VCC input, a high-voltage accelerated program
(ACC) feature provides shorter programming times through increased current on
the WP#/ACC input. This feature is intended to facilitate factory throughput dur-
ing system production, but may also be used in the field if desired.
The device is entirely command set compatible with the JEDEC single-power-
supply Flash standard. Commands are written to the device using standard mi-
croprocessor write timing. Write cycles also internally latch addresses and data
needed for the programming and erase operations.
The sector erase architecture allows memory sectors to be erased and repro-
grammed without affecting the data contents of other sectors. The device is fully
erased when shipped from the factory.
Device programming and erasure are initiated through command sequences.
Once a program or erase operation has begun, the host system need only poll the
DQ7 (Data# Polling) or DQ6 (toggle) status bits or monitor the Ready/Busy#
(RY/BY#) output to determine whether the operation is complete. To facilitate
programming, an Unlock Bypass mode reduces command sequence overhead
by requiring only two write cycles to program data instead of four.
Hardware data protection measures include a low VCC detector that automat-
ically inhibits write operations during power transitions. The hardware sector
protection feature disables both program and erase operations in any combina-
tion of sectors of memory. This can be achieved in-system or via programming
equipment.
The Erase Suspend/Erase Resume feature allows the host system to pause an
erase operation in a given sector to read or program any other sector and then
complete the erase operation. The Program Suspend/Program Resume fea-
ture enables the host system to pause a program operation in a given sector to
read any other sector and then complete the program operation.
The hardware RESET# pin terminates any operation in progress and resets the
device, after which it is then ready for a new operation. The RESET# pin may be
tied to the system reset circuitry. A system reset would thus also reset the device,


Similar Part No. - S29GL032M10BFIR22

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29GL032M10BFIR22 SPANSION-S29GL032M10BFIR22 Datasheet
4Mb / 116P
   256,128,64,32,Megabit 3.0 Volt-only Page Mode Flash Memory featuring 0.23 關m MirrorBit Process Technology
More results

Similar Description - S29GL032M10BFIR22

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29GL-M SPANSION-S29GL-M Datasheet
4Mb / 116P
   256,128,64,32,Megabit 3.0 Volt-only Page Mode Flash Memory featuring 0.23 關m MirrorBit Process Technology
S29GL-N SPANSION-S29GL-N Datasheet
2Mb / 100P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
S29GL-P SPANSION-S29GL-P_07 Datasheet
2Mb / 77P
   3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL-P SPANSION-S29GL-P Datasheet
1Mb / 71P
   3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S70GL01GN00 SPANSION-S70GL01GN00 Datasheet
1Mb / 83P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
S70GL-P SPANSION-S70GL-P Datasheet
455Kb / 13P
   2 Gigabit, 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S70GL01GN00 SPANSION-S70GL01GN00_07 Datasheet
1Mb / 83P
   1024 Megabit, 3.0 Volt-only Page Mode Flash Memory Featuring 110 nm MirrorBit??Process Technology
S70GL02GP SPANSION-S70GL02GP Datasheet
313Kb / 14P
   2 Gigabit, 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL-N SPANSION-S29GL-N_07 Datasheet
3Mb / 79P
   64 Megabit, 32 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 110 nm MirrorBit Process Technology
S29GL032A SPANSION-S29GL032A_07 Datasheet
3Mb / 95P
   64 Megabit, 32 Megabit, and 16 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 200 nm MirrorBit Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com