Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R3809U-58 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # R3809U-58
Description  MICROCHANNEL PLATE-PHOTOMULTIPLIER TUBE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

R3809U-58 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  R3809U-58 Datasheet HTML 1Page - Hamamatsu Corporation R3809U-58 Datasheet HTML 2Page - Hamamatsu Corporation R3809U-58 Datasheet HTML 3Page - Hamamatsu Corporation R3809U-58 Datasheet HTML 4Page - Hamamatsu Corporation R3809U-58 Datasheet HTML 5Page - Hamamatsu Corporation R3809U-58 Datasheet HTML 6Page - Hamamatsu Corporation R3809U-58 Datasheet HTML 7Page - Hamamatsu Corporation R3809U-58 Datasheet HTML 8Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Compact MCP-PMT Series Featuring
Variety of Spectral Response with Fast Time Response
GMolecular Science
Analysis of Molecular Structure
GMedical Science
Optical Computer Tomography
GBiochemistry
Fast Gene Sequencing
GMaterial Engineering
Semiconductor Analysis
Crystal Research
MICROCHANNEL PLATE-
PHOTOMULTIPLIER TUBE (MCP-PMTs)
R3809U-50 SERIES
GHigh Speed
Rise Time: 150 ps
TTS (Transit Time Spread) A:
25 ps (FWHM)
GLow Noise
GCompact Profile
Useful Photocathode: 11 mm diameter
(Overall length: 70.2 mm Outer diameter: 45.0 mm)
Figure 1: Spectral Response Characteristics
TPMHB0771EA
100 200
400
600
800
300
500
700
900 1000 1100
10-2
10-1
100
101
102
103
WAVELENGTH (nm)
-58
-53, -57
-50, -52, -53
-57
-50, -58
QE=10 %
-51
-52
QE=0.1 %
QE=1 %
QE=25 %
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions. Specifications are
subject to change without notice. No patent rights are granted to any of the circuits described herein. ©2007 Hamamatsu Photonics K.K.
Subject to local technical requirements and regulations, availability of products included in this promotional material may vary. Please consult with our sales office.
FEATURES
APPLICATIONS
Figure 3: Block Diagram of TTS Mesuring System
Figure 2: Transit Time Spread
TPMHB0178EB
TPMHC0078ED
102
104
101
103
0
200
TIME (ps)
600
800
-200
400
PMT
SUPPLY VOLTAGE
LASER PULSE
WAVELENGTH
: R3809U-50
: -3000 V
: 5 ps (FWHM)
: 596 nm
FWHM 25 ps
FWTM 65 ps
MODE LOCKED Nd-YAG LASER
PULSE
COMPRESSOR
DYE
JET
CAVITY
DUMPER
TRIGGER
CIRCUIT
DELAY
CFD
COMPUTER
MCA
TAC
CFD
AMP
POWER
SUPPLY
MONOCHRO-
METER
LASER PULSE WIDTH: 5 ps (FWHM)
FILTER
BS
MIRROR
MIRROR
START
STOP
TENNELEC
TC-454 (=CANBERRA 454)
HAMAMATSU
PD S5973
HAMAMATSU
C4840
HAMAMATSU
C5594
ORTEC 457
R3809U-50


Similar Part No. - R3809U-58

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R3809U-61 HAMAMATSU-R3809U-61 Datasheet
286Kb / 4P
   MICROCHANNEL PLATE-PHOTOMULTIPLIER TUBE
R3809U-61 HAMAMATSU-R3809U-61 Datasheet
279Kb / 4P
   MICROCHANNEL PLATEPHOTOMULTIPLIER TUBE
R3809U-61 HAMAMATSU-R3809U-61_10 Datasheet
279Kb / 4P
   MICROCHANNEL PLATEPHOTOMULTIPLIER TUBE
R3809U-61 HAMAMATSU-R3809U-61_15 Datasheet
442Kb / 4P
   MICROCHANNEL PLATE-PHOTOMULTIPLIER
R3809U-63 HAMAMATSU-R3809U-63 Datasheet
286Kb / 4P
   MICROCHANNEL PLATE-PHOTOMULTIPLIER TUBE
More results

Similar Description - R3809U-58

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R10754-07-M16 HAMAMATSU-R10754-07-M16 Datasheet
165Kb / 2P
   MICROCHANNEL PLATE PHOTOMULTIPLIER TUBE
R3809U-61 HAMAMATSU-R3809U-61 Datasheet
286Kb / 4P
   MICROCHANNEL PLATE-PHOTOMULTIPLIER TUBE
R3809U-61 HAMAMATSU-R3809U-61_15 Datasheet
442Kb / 4P
   MICROCHANNEL PLATE-PHOTOMULTIPLIER
R10110U-03 HAMAMATSU-R10110U-03_15 Datasheet
217Kb / 4P
   MICROCHANNEL PLATE-PHOTOMULTIPLIER
R5916U-50 HAMAMATSU-R5916U-50 Datasheet
371Kb / 8P
   GATED MICROCHANNEL PLATE PHOTOMULTIPLIER TUBE (MCP-PMTs)
R3809U-68 HAMAMATSU-R3809U-68 Datasheet
177Kb / 4P
   NEAR INFRARED MICROCHANNEL PLATE-PHOTOMULTIPLIER TUBE WITH COOLER
R3809U-61 HAMAMATSU-R3809U-61_10 Datasheet
279Kb / 4P
   MICROCHANNEL PLATEPHOTOMULTIPLIER TUBE
F6492 HAMAMATSU-F6492 Datasheet
43Kb / 2P
   LONG SCALE MICROCHANNEL PLATE
logo
List of Unclassifed Man...
MCP3301 ETC-MCP3301 Datasheet
127Kb / 2P
   Matched Microchannel Plate Set
logo
Hamamatsu Corporation
R1477-06 HAMAMATSU-R1477-06 Datasheet
76Kb / 4P
   PHOTOMULTIPLIER TUBE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com