Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R3809U-52 Datasheet(PDF) 7 Page - Hamamatsu Corporation

Part # R3809U-52
Description  MICROCHANNEL PLATE-PHOTOMULTIPLIER TUBE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

R3809U-52 Datasheet(HTML) 7 Page - Hamamatsu Corporation

  R3809U-52 Datasheet HTML 1Page - Hamamatsu Corporation R3809U-52 Datasheet HTML 2Page - Hamamatsu Corporation R3809U-52 Datasheet HTML 3Page - Hamamatsu Corporation R3809U-52 Datasheet HTML 4Page - Hamamatsu Corporation R3809U-52 Datasheet HTML 5Page - Hamamatsu Corporation R3809U-52 Datasheet HTML 6Page - Hamamatsu Corporation R3809U-52 Datasheet HTML 7Page - Hamamatsu Corporation R3809U-52 Datasheet HTML 8Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
ACCESSORIES
THERMOELECTRIC COOLING UNIT C10373
HOLDER E3059-500
SMA Plug (male)
SMA Receptacle (female)
BNC Plug (male)
BNC Receptacle (female)
Input Connectors
Suffix numbers and input / output connectors
Output Connectors
SMA Jack
C5594-12
C5594-22
C5594-32
C5594-42
BNC Jack
C5594-14
C5594-24
C5594-34
C5594-44
Frequency Response Range
Gain
Input / Output Impedance
Noise Figure (NF)
Recommend Input Voltage
Supply Current
Absolute
Maximum Ratings
Supply Voltage
Input Power
Typ.
Typ.
Typ.
Specifications
Description / Value
Parameters
50 kHz to 1.5 GHz
36 dB
50
5 dB
+12 V to 16 V
95 mA
+17 V
+10 mW
HIGH SPEED AMPLIFIER C5594 Series
BENCH-TOP HIGH VOLTAGE POWER SUPPLY C4840 Series
Specifications
Output Voltage
Maximum Output Current
Line Regulation Against
±10 % Line Voltage Change AB
Load Regulation Against
0 % to 100 % Load Change A
Ripple / Noise (p-p) AB
Drift (after 1 h Warm-up) AB
Temperature Coefficient AB
AC Input Voltage
Power Consumption AB
Operating Ambient
Temperature / Humidity C
Storage Temperature / Humidity C
Max.
Max.
Max.
Max.
Max.
C4840-01
C4840-02
Parameter
Description / Value
0 V to
±3000 V
10 mA
±(0.005 % + 10 mV)
±(0.01 % + 50 mV)
0.0007 %
±(0.02 % + 10 mV)/8 h
±0.01 % / °C
120 V (
±10 %) (50 / 60 Hz)
230 V (
±10 %) (50 / 60 Hz)
Approx. 100 V·A
0
°C to +40 °C / below 80 %
-20
°C to +50 °C / below 85 %
NOTE: AAt maximum output voltage
BAt maximum output current
CNo condensation
Left: Power Supply Right: Cooled PMT Housing
Parameter
Description / Value
Cooling Methode
Heat Exchange Medium
Amount of Cooling Water
Cooling Temperature (with cooling water at +20
°C)
Temperature Controllable Range (with cooling water at +20
°C)
Cooling Time
Optical Window Material
Operating Ambient Temperature A
Storage Temperature A
Weight
Thermoelectric cooling using peltier module
Water
1 L/min to 3 L/min (water pressure: below 0.3 MPa)
Approx. -30
°C
-30
°C to 0 °C (continuously adjustable)
Approx. 120 min
Evacuated double-pane synthetic silica window with heater (185 nm to 2200 nm)
+5
°C to +40 °C / Below 75 %
-15
°C to +50 °C / Below 80 %
5.5 kg
NOTE: ANo condensation


Similar Part No. - R3809U-52

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R3809U-61 HAMAMATSU-R3809U-61 Datasheet
286Kb / 4P
   MICROCHANNEL PLATE-PHOTOMULTIPLIER TUBE
R3809U-61 HAMAMATSU-R3809U-61 Datasheet
279Kb / 4P
   MICROCHANNEL PLATEPHOTOMULTIPLIER TUBE
R3809U-61 HAMAMATSU-R3809U-61_10 Datasheet
279Kb / 4P
   MICROCHANNEL PLATEPHOTOMULTIPLIER TUBE
R3809U-61 HAMAMATSU-R3809U-61_15 Datasheet
442Kb / 4P
   MICROCHANNEL PLATE-PHOTOMULTIPLIER
R3809U-63 HAMAMATSU-R3809U-63 Datasheet
286Kb / 4P
   MICROCHANNEL PLATE-PHOTOMULTIPLIER TUBE
More results

Similar Description - R3809U-52

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R10754-07-M16 HAMAMATSU-R10754-07-M16 Datasheet
165Kb / 2P
   MICROCHANNEL PLATE PHOTOMULTIPLIER TUBE
R3809U-61 HAMAMATSU-R3809U-61 Datasheet
286Kb / 4P
   MICROCHANNEL PLATE-PHOTOMULTIPLIER TUBE
R3809U-61 HAMAMATSU-R3809U-61_15 Datasheet
442Kb / 4P
   MICROCHANNEL PLATE-PHOTOMULTIPLIER
R10110U-03 HAMAMATSU-R10110U-03_15 Datasheet
217Kb / 4P
   MICROCHANNEL PLATE-PHOTOMULTIPLIER
R5916U-50 HAMAMATSU-R5916U-50 Datasheet
371Kb / 8P
   GATED MICROCHANNEL PLATE PHOTOMULTIPLIER TUBE (MCP-PMTs)
R3809U-68 HAMAMATSU-R3809U-68 Datasheet
177Kb / 4P
   NEAR INFRARED MICROCHANNEL PLATE-PHOTOMULTIPLIER TUBE WITH COOLER
R3809U-61 HAMAMATSU-R3809U-61_10 Datasheet
279Kb / 4P
   MICROCHANNEL PLATEPHOTOMULTIPLIER TUBE
F6492 HAMAMATSU-F6492 Datasheet
43Kb / 2P
   LONG SCALE MICROCHANNEL PLATE
logo
List of Unclassifed Man...
MCP3301 ETC-MCP3301 Datasheet
127Kb / 2P
   Matched Microchannel Plate Set
logo
Hamamatsu Corporation
R1477-06 HAMAMATSU-R1477-06 Datasheet
76Kb / 4P
   PHOTOMULTIPLIER TUBE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com