Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R3809U-61 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # R3809U-61
Description  MICROCHANNEL PLATE-PHOTOMULTIPLIER TUBE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

R3809U-61 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  R3809U-61 Datasheet HTML 1Page - Hamamatsu Corporation R3809U-61 Datasheet HTML 2Page - Hamamatsu Corporation R3809U-61 Datasheet HTML 3Page - Hamamatsu Corporation R3809U-61 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GMolecular Science
Analysis of Molecular Structure
GMedical Science
Optical Computer Tomography
GBiochemistry
Fast Gene Sequencing
GMaterial Engineering
Semiconductor Analysis
Crystal Research
GLidar
GHigh Sensitivity
QE: 12 % (-61), 36 % (-63), 40 % (-64)
GHigh Speed
Rise Time: 200 ps (-61), 180 ps (-63/-64)
IRF A (Instrument Response Function): 150 ps at FWHM: (-61)
60 ps at FWHM: (-63/-64)
GCompact Profile
Effective Photocathode: 10 mm diameter
(Overall length: 70.2 mm, Outer diameter: 45.0 mm)
MICROCHANNEL PLATE-
PHOTOMULTIPLIER TUBE
R3809U-61/-63/-64
Figure 1: Spectral Response
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions. Specifications are
subject to change without notice. No patent rights are granted to any of the circuits described herein. ©2007 Hamamatsu Photonics K.K.
Subject to local technical requirements and regulations, availability of products included in this promotional material may vary. Please consult with our sales office.
-2.0
-2.2
-2.4
-2.6
-2.8
-3.0
-3.2
-3.4
102
103
SUPPLY VOLTAGE (kV)
104
105
106
107
TPMHB0179EA
TPMHB0756EA
Figure 2: Typical Gain
200
400
600
800
700
1000
300
500
900
0.01
0.1
WAVELENGTH (nm)
1
10
100
1000
R3809U-64
R3809U-61
R3809U-63
FEATURES
APPLICATIONS
Compact High Sensitivity MCP-PMT Series
Featuring with Fast Time Response


Similar Part No. - R3809U-61

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R3809U-61 HAMAMATSU-R3809U-61 Datasheet
279Kb / 4P
   MICROCHANNEL PLATEPHOTOMULTIPLIER TUBE
R3809U-61 HAMAMATSU-R3809U-61_10 Datasheet
279Kb / 4P
   MICROCHANNEL PLATEPHOTOMULTIPLIER TUBE
R3809U-61 HAMAMATSU-R3809U-61_15 Datasheet
442Kb / 4P
   MICROCHANNEL PLATE-PHOTOMULTIPLIER
More results

Similar Description - R3809U-61

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R10754-07-M16 HAMAMATSU-R10754-07-M16 Datasheet
165Kb / 2P
   MICROCHANNEL PLATE PHOTOMULTIPLIER TUBE
R3809U-50 HAMAMATSU-R3809U-50 Datasheet
497Kb / 8P
   MICROCHANNEL PLATE-PHOTOMULTIPLIER TUBE
R3809U-61 HAMAMATSU-R3809U-61_15 Datasheet
442Kb / 4P
   MICROCHANNEL PLATE-PHOTOMULTIPLIER
R10110U-03 HAMAMATSU-R10110U-03_15 Datasheet
217Kb / 4P
   MICROCHANNEL PLATE-PHOTOMULTIPLIER
R5916U-50 HAMAMATSU-R5916U-50 Datasheet
371Kb / 8P
   GATED MICROCHANNEL PLATE PHOTOMULTIPLIER TUBE (MCP-PMTs)
R3809U-68 HAMAMATSU-R3809U-68 Datasheet
177Kb / 4P
   NEAR INFRARED MICROCHANNEL PLATE-PHOTOMULTIPLIER TUBE WITH COOLER
R3809U-61 HAMAMATSU-R3809U-61_10 Datasheet
279Kb / 4P
   MICROCHANNEL PLATEPHOTOMULTIPLIER TUBE
F6492 HAMAMATSU-F6492 Datasheet
43Kb / 2P
   LONG SCALE MICROCHANNEL PLATE
logo
List of Unclassifed Man...
MCP3301 ETC-MCP3301 Datasheet
127Kb / 2P
   Matched Microchannel Plate Set
logo
Hamamatsu Corporation
R1477-06 HAMAMATSU-R1477-06 Datasheet
76Kb / 4P
   PHOTOMULTIPLIER TUBE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com