Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JQX-54W Datasheet(PDF) 2 Page - DB Lectro Inc

Part # JQX-54W
Description  Used in household appliances like air conditioning , heater and instruments etc
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

JQX-54W Datasheet(HTML) 2 Page - DB Lectro Inc

  JQX-54W Datasheet HTML 1Page - DB Lectro Inc JQX-54W Datasheet HTML 2Page - DB Lectro Inc JQX-54W Datasheet HTML 3Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
30.4
28.5
18.5
Can be welded directly onto PCB.
Compact high capacity relay for inductive load, rushing current of 80A and
current of 25A.
Used in household appliances like air conditioning , heater and instruments etc.
steady-state
Ordering Information
JQX-54W A 25
DC12V
B
1
2
3
4
5
6
C
1 Part number
JQX-54W
2 Contact arrangement
A:1A
3 Contact rating
Resistive: 25A/277VAC 30VDC
Inductive:20A/250VAC cos
=0.7
Dash
numbers
Coil voltage
VDC
Coil
resistance
10%
Operate
Time
ms
Release
Time
ms
Coil Parameter
JQX- 54W
Contact Data
Contact Arrangement
1A SPSTNO
Contact Material
AgSnO
2
AgCdO
Contact Rating
Resistive: 25A/277VAC, 30VDC
Inductive :20A/250VAC,cos
=0.7
Max. Switching Power
6380VA 750W
Max. Switching Voltage
300VAC 30VDC
Max. Switching Current:25A rushing current:80A
Contact Resistance or Voltage drop
50m
Item 3.12 of IEC255-7
5
Operation
Electrical
10
Item 3.30 of IEC255-7
7
life
Mechanical
10
Item 3.31 of IEC255-7
Rated
Max
Pick up
voltage
VDC(max)
(75% of rated
voltage )
Release
voltage
VDC(min)
(10% of rated
voltage)
Coil power
consumption
W
4 Coil rated voltage(V)
DC:5,6,9,12,24,48,110
5
6 Resistance heat class
B:130
F:155
Contact material
C:AgCdO
NIL:AgSnO
2
on Pending
E160644
0.9
20
10
CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay.
2.Pickup and release voltage are for test purposes only and are not to be used as design criteria.
005-900
5
5.5
27.7
3.75
0.5
006-900
6
6.6
40
4.5
0.6
009-900
9
9.9
90
6.75
0.9
012-900
12
13.2
160
9.00
1.2
024-900
24
26.4
640
18.00
2.4
048-900
48
52.8
2560
36.00
4.8
110-900
110
121
13440
82.50
11.0
Features
1 2
1 HP 250VAC
TV-15
Operation condition
Insulation Resistance
1000M
min (at 500VDC)
Item 7 of IEC255-5
Dielectric Strength
Between contacts
50Hz 1200V
Item 6 of IEC255-5
Between contact and coil
50Hz 3600V
Item 6 of IEC255-5
surge voltage:10kV
Item 8 of IEC255-5
Dimensions
Dimensions
Wiring diagram(Bottom view)
Mounting (Bottom view)
Qualification inspection:
Perform the qualification test as specified in the table
of IEC255-19-1 and minimum sample size 24.
NOTES 1).Dimensions are in millimeters.
2).Inch equivalents are given for general information only.
Safety approvals
Safety approval
UL&CUR
Load
25A/277VAC
HP250VAC 1HP125VAC
2
Shock resistance
Functional:100m/s
11ms
2
Survival:1000 m/s
11ms
Vibration resistance
10~55Hz
double amplitude Functional 1.0mm
IEC68-2-6 Test Fc
double amplitude Survival 2.0mm
IEC68-2-6 Test Fc
Terminals strength
10N 8N
IEC68-2-21 Test Ua1 and Ua2
Solderability
235
2
3
0.5s
IEC68-2-20 Test Ta method 1
Ambient Temperature
-40~85
Relative Humidity
20~85%
IEC68-2-3Test Ca
Mass
31.5g
IEC68-2-27 Test Ea
112
JQX- 54W
1 2
1
15
6.3
4.9
20
22
30.4max.
2-0.3
1.4
0.8
6.8
2.5
2.1
24.5
28.5max.
2-0.8
1.5
20
22
4.9
4- 1.8
R
C
US
04001010696
CQC
25A/250VAC
0.031
0.059
1.122max.
0.965
0.098
0.083
0.012
0.055
0.031
0.268
0.248
0.591
0.787
0.866
0.197max.
0.193
0.787
0.193
0.866
0.071
mm /inch
Ningbo Forward Relay Corporation LTD.
NHG RELAYS


Similar Part No. - JQX-54W

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JQX-54FE ETC1-JQX-54FE Datasheet
404Kb / 2P
   MINIATURE HIGH POWER RELAY
logo
DB Lectro Inc
JQX-54FE DBLECTRO-JQX-54FE Datasheet
402Kb / 3P
   Compact high capacity relay for inductive load, rushing current of 70A and steady-state current of 20A.
logo
List of Unclassifed Man...
JQX-54FE/12H3NIL ETC1-JQX-54FE/12H3NIL Datasheet
404Kb / 2P
   MINIATURE HIGH POWER RELAY
JQX-54FE/12H3T ETC1-JQX-54FE/12H3T Datasheet
404Kb / 2P
   MINIATURE HIGH POWER RELAY
JQX-54FE/24H3NIL ETC1-JQX-54FE/24H3NIL Datasheet
404Kb / 2P
   MINIATURE HIGH POWER RELAY
More results

Similar Description - JQX-54W

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
JQX-102F DBLECTRO-JQX-102F_05 Datasheet
418Kb / 3P
   Used in household appliances like air conditioning , heater and instruments etc
JQX-62F DBLECTRO-JQX-62F Datasheet
361Kb / 3P
   Used in household appliances like air conditioning , heater and instruments etc.
JQX-102F DBLECTRO-JQX-102F Datasheet
140Kb / 2P
   Used in household appliance like air conditioning , heater and instruments etc.
NG4U DBLECTRO-NG4U_05 Datasheet
290Kb / 2P
   Used in household appliances like air conditioning
logo
List of Unclassifed Man...
G903AD-DC110 ETC1-G903AD-DC110 Datasheet
40Kb / 2P
   Electric Heater,Air Conditioning, Automotive, Refrigeration Refrigeration, Appliances, Ventilator
logo
Renesas Technology Corp
R8CL35A RENESAS-R8CL35A_09 Datasheet
1Mb / 89P
   Household appliances, office equipment, audio equipment, consumer products, etc.
logo
NF Forward USA Inc
NF75 NFFORWARD-NF75 Datasheet
2Mb / 3P
   Household electrical appliances
Ver. 2209-1
logo
Toshiba Semiconductor
TLP785GBFC TOSHIBA-TLP785GBFC Datasheet
374Kb / 16P
   Office Equipment Household Appliances
logo
DB Lectro Inc
NT90T DBLECTRO-NT90T_05 Datasheet
1Mb / 5P
   Suitable for automobile, machine, electronic equipment, air conditioner and household appliances applications
logo
HuaXinAn Electronics CO...
NT90TP-A HUAXINAN-NT90TP-A Datasheet
1Mb / 2P
   Suitable for automobile, machine, electronic equipment, air conditioner and household appliances applications.
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com