Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KB4313 Datasheet(PDF) 6 Page - Kingbor Technology Co

Part # KB4313
Description  High Efficiency, Constant Current 12 Watt Boost White-LED Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBOR [Kingbor Technology Co]
Direct Link  http://www.kingbor.com
Logo KINGBOR - Kingbor Technology Co

KB4313 Datasheet(HTML) 6 Page - Kingbor Technology Co

Back Button KB4313 Datasheet HTML 2Page - Kingbor Technology Co KB4313 Datasheet HTML 3Page - Kingbor Technology Co KB4313 Datasheet HTML 4Page - Kingbor Technology Co KB4313 Datasheet HTML 5Page - Kingbor Technology Co KB4313 Datasheet HTML 6Page - Kingbor Technology Co KB4313 Datasheet HTML 7Page - Kingbor Technology Co KB4313 Datasheet HTML 8Page - Kingbor Technology Co KB4313 Datasheet HTML 9Page - Kingbor Technology Co KB4313 Datasheet HTML 10Page - Kingbor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
LX
GND
OVP
FB
VIN
1N5817
10uH
2.2uF
VIN
3.4V to 6.0V
KB4313
1.2
EN
OFF
ON
PWM
Signal
LED1
LED60
TBD
High Efficiency, Constant Current
6
KB4313
Kingbor Technology Co.,Ltd
TEL:(86)0755-26508846 FAX:(86)0755-26509052
APPLICATION CIRCUIT
Figure 1c. kB4313 for 8
Panel LED Back light unit .
Figure 1d. kB4313 Typical Application Circuit with
Output .
up to 60 LEDs
+15V -10V
1uF
5.1V
BAT54S
Tan CAP
-10V 50mA
+15V 200mA
750K
10K
VIN
2.4V to 6.0V
EN
Signal
22uF
+
+
X15
+
REV: 2.0
12 Watt Boost White-LED Driver


Similar Part No. - KB4313

ManufacturerPart #DatasheetDescription
logo
Kingbor Technology Co
KB4312 KINGBOR-KB4312 Datasheet
181Kb / 9P
   Tiny Package, High Performance, Constant Current Switching Regulator for White LED
KB4312A-GRE KINGBOR-KB4312A-GRE Datasheet
181Kb / 9P
   Tiny Package, High Performance, Constant Current Switching Regulator for White LED
KB4312B-GRE KINGBOR-KB4312B-GRE Datasheet
181Kb / 9P
   Tiny Package, High Performance, Constant Current Switching Regulator for White LED
KB4314 KINGBOR-KB4314 Datasheet
150Kb / 9P
   High Efficiency, Constant Current 1 Watt Boost White-LED Driver
KB4314GRE KINGBOR-KB4314GRE Datasheet
150Kb / 9P
   High Efficiency, Constant Current 1 Watt Boost White-LED Driver
More results

Similar Description - KB4313

ManufacturerPart #DatasheetDescription
logo
Kingbor Technology Co
KB4314 KINGBOR-KB4314 Datasheet
150Kb / 9P
   High Efficiency, Constant Current 1 Watt Boost White-LED Driver
KB4317 KINGBOR-KB4317 Datasheet
146Kb / 9P
   High Efficiency, Constant Current 2 Watt Boost White-LED Driver
logo
Aimtron Technology
AT1313 AIMTRON-AT1313 Datasheet
195Kb / 12P
   High Efficiency, Constant Current White-LED Driver
logo
Shenzhen Huazhimei Semi...
HM3344 HMSEMI-HM3344 Datasheet
581Kb / 9P
   Precision, high efficiency buck-boost LED constant current driver
HM3341 HMSEMI-HM3341 Datasheet
679Kb / 9P
   High-precision, high-efficiency buck-boost LED constant current driver
logo
Aimtron Technology
AT1312 AIMTRON-AT1312 Datasheet
408Kb / 16P
   High Efficiency, Constant Current White-LEDs Driver
logo
Shenzhen Huazhimei Semi...
HM9284 HMSEMI-HM9284 Datasheet
1Mb / 9P
   1.2MHz, High Efficiency Boost White LED Driver
HM5305 HMSEMI-HM5305 Datasheet
423Kb / 9P
   Boost high-power LED constant current driver
logo
Global Mixed-mode Techn...
G2619 GMT-G2619 Datasheet
109Kb / 1P
   High Efficiency, Constant Current 20V White- LEDs Driver
AT1316A GMT-AT1316A Datasheet
101Kb / 1P
   High Efficiency, Constant Current 20V White-LEDs Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com