Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RMR-12 Datasheet(PDF) 2 Page - DB Lectro Inc

Part # RMR-12
Description  Surface Mouting Type Dip Swith
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

RMR-12 Datasheet(HTML) 2 Page - DB Lectro Inc

  RMR-12 Datasheet HTML 1Page - DB Lectro Inc RMR-12 Datasheet HTML 2Page - DB Lectro Inc RMR-12 Datasheet HTML 3Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MODEL
PROD NO.
NO. OF POS
DIM A
RM/RMR-01
01
3.48
0.137
RM/RMR-02
02
6.02
0.237
RM/RMR-03
03
8.56
0.337
RM/RMR-04
04
11.1
0.437
RM/RMR-05
05
13.64
0.537
RM/RMR-06
06
16.18
0.637
RM/RMR-07
07
18.72
0.737
RM/RMR-08
08
21.26
0.837
RM/RMR-09
09
23.8
0.937
RM/RMR-10
10
26.34
1.037
RM/RMR-12
12
31.42
1.237
HOW TO ORDER
Example: RMR-08G-T is a surface mounting Type Dip Switch,
Recessed Actuator 8 position, with, top tape sealed.
TERMINAL TYPE
Tape & reel packing (Per EIA standards)
For packing details, please refer to pages 13
SPECIFICATION
ELECTRICAL
Electrical life: 2000 operation cycles per switch 24VDC, 25mA.
Non-Switching Rating: 100mA, 50 VDC
Switching Rating: 25mA, 24VCD.
Contact resistance: (a) 50mΩ max. at initial
(b) 100mΩ max. after life test.
Insulation resistance: 100MΩ min. (at 500VDC)
Dielectric Strength: 500VAC/1 minute.
Capacitance: 5pF max.
Circuit: Single pole single throw
MECHANICAL
Mechanical life: 2000 operations per cycle switch
Operation Force: 600gf max.
Stroke: 0.9mm
Operation Temp: -25° C to +70° C
Storage Temp: -40° C to +85° C
Vibration Test: MIL-STD-202F METHOD 201A
Frequency: 10-55-10Hz/1 min
Directions: X, Y, Z, three mutually
perpendicular directions.
Time: 2 hours each direction.
High reliability.
Shock Test: MIL-STD-202F METHOD 213B.
CONDITION A
GRAVITY: 50G (peak value), 11 m/sec.
Direction and times: 6 sides and three times in
each direction. High reliability.
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com


Similar Part No. - RMR-12

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
RMR-12 DBLECTRO-RMR-12 Datasheet
655Kb / 2P
   SURFACE MOUNTING TYPE DIP SWITCH
RMR-12-R DBLECTRO-RMR-12-R Datasheet
655Kb / 2P
   SURFACE MOUNTING TYPE DIP SWITCH
RMR-12-T DBLECTRO-RMR-12-T Datasheet
655Kb / 2P
   SURFACE MOUNTING TYPE DIP SWITCH
RMR-12-T-R DBLECTRO-RMR-12-T-R Datasheet
655Kb / 2P
   SURFACE MOUNTING TYPE DIP SWITCH
More results

Similar Description - RMR-12

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
V7-7B17D8 HONEYWELL-V7-7B17D8 Datasheet
97Kb / 1P
   SWITH-BASIC
logo
DB Lectro Inc
RM-01 DBLECTRO-RM-01 Datasheet
655Kb / 2P
   SURFACE MOUNTING TYPE DIP SWITCH
logo
DDK Ltd.
17JE DDK-17JE Datasheet
300Kb / 5P
   Straight DIP Type
logo
Oscilent Corporation
712-M07B-1 OSCILENT-712-M07B-1 Datasheet
141Kb / 3P
   Monolithic Dip Type
715-M07A-1 OSCILENT-715-M07A-1 Datasheet
145Kb / 3P
   Monolithic Dip Type
logo
Omron Electronics LLC
A6RS OMRON-A6RS Datasheet
832Kb / 4P
   Surface-mounting Rotary DIP
logo
Grayhill, Inc
97C06SRTRT GRAYHILL-97C06SRTRT Datasheet
351Kb / 1P
   Surface Mount DIP Switches
90HBW02PRT GRAYHILL-90HBW02PRT Datasheet
445Kb / 2P
   Surface Mount DIP Switches
76HPSB02GWRT GRAYHILL-76HPSB02GWRT Datasheet
219Kb / 1P
   Surface Mount DIP Switches
logo
Bourns Electronic Solut...
SDM BOURNS-SDM Datasheet
245Kb / 1P
   Surface Mount DIP Switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com