Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RMR-09 Datasheet(PDF) 3 Page - DB Lectro Inc

Part # RMR-09
Description  Surface Mouting Type Dip Swith
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

RMR-09 Datasheet(HTML) 3 Page - DB Lectro Inc

  RMR-09 Datasheet HTML 1Page - DB Lectro Inc RMR-09 Datasheet HTML 2Page - DB Lectro Inc RMR-09 Datasheet HTML 3Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PACKING All DIP switches are shipped in standard IC tubes or
Tape & Reel Package with all poles in the "OFF"
position.
CARRIER TAPE PACKING
PART NO.
NO. OF POS
A
B
C
Q'TY/REEL
RMR-02G-T-R
02
6.50
5.5
16
800 pcs
RMR-03G-T-R
03
9.00
7.5
16
800 pcs
RMR-04G-T-R
04
11.50 11.5 24
800 pcs
RMR-05G-T-R
05
14.10 11.5 24
800 pcs
RMR-06G-T-R
06
16.60 14.2 32
800 pcs
RMR-07G-T-R
07
19.10 14.2 32
800 pcs
RMR-08G-T-R
08
21.70 14.2 32
800 pcs
RMR-09G-T-R
09
24.20 20.2 44
800 pcs
RMR-10G-T-R
10
26.70 20.2 44
800 pcs
RMR-12G-T-R
12
31.90 20.2 44
800 pcs
For best results, please follow these recommendations: Keep all
switch contacts in their "OFF" position for all operations.
Soldering: vapor phase & IR-reflow soldering can be applied.
CLEANING PROCESS: Flux clean using force rinse, high agitation
or triple bath cleaning method. Freon TF
or TE give excellent results. When vapor
methods are used, do not subject the
switch to solvents at temperatures above
125 F (51° C).
Reflow Temperature Profile. (reference)
CARRIER TAPE PACKING
SOLDERING AND CLEANING PROCESSES
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com


Similar Part No. - RMR-09

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
RMR-09 DBLECTRO-RMR-09 Datasheet
655Kb / 2P
   SURFACE MOUNTING TYPE DIP SWITCH
RMR-09-R DBLECTRO-RMR-09-R Datasheet
655Kb / 2P
   SURFACE MOUNTING TYPE DIP SWITCH
RMR-09-T DBLECTRO-RMR-09-T Datasheet
655Kb / 2P
   SURFACE MOUNTING TYPE DIP SWITCH
RMR-09-T-R DBLECTRO-RMR-09-T-R Datasheet
655Kb / 2P
   SURFACE MOUNTING TYPE DIP SWITCH
More results

Similar Description - RMR-09

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
V7-7B17D8 HONEYWELL-V7-7B17D8 Datasheet
97Kb / 1P
   SWITH-BASIC
logo
DB Lectro Inc
RM-01 DBLECTRO-RM-01 Datasheet
655Kb / 2P
   SURFACE MOUNTING TYPE DIP SWITCH
logo
DDK Ltd.
17JE DDK-17JE Datasheet
300Kb / 5P
   Straight DIP Type
logo
Oscilent Corporation
712-M07B-1 OSCILENT-712-M07B-1 Datasheet
141Kb / 3P
   Monolithic Dip Type
715-M07A-1 OSCILENT-715-M07A-1 Datasheet
145Kb / 3P
   Monolithic Dip Type
logo
Omron Electronics LLC
A6RS OMRON-A6RS Datasheet
832Kb / 4P
   Surface-mounting Rotary DIP
logo
Grayhill, Inc
97C06SRTRT GRAYHILL-97C06SRTRT Datasheet
351Kb / 1P
   Surface Mount DIP Switches
90HBW02PRT GRAYHILL-90HBW02PRT Datasheet
445Kb / 2P
   Surface Mount DIP Switches
76HPSB02GWRT GRAYHILL-76HPSB02GWRT Datasheet
219Kb / 1P
   Surface Mount DIP Switches
logo
Bourns Electronic Solut...
SDM BOURNS-SDM Datasheet
245Kb / 1P
   Surface Mount DIP Switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com