Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S29GL032M10BAIR20 Datasheet(PDF) 1 Page - SPANSION

Part # S29GL032M10BAIR20
Description  3.0 Volt-only Page Mode Flash Memory featuring 0.23 um MirrorBit process technology
Download  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL032M10BAIR20 Datasheet(HTML) 1 Page - SPANSION

  S29GL032M10BAIR20 Datasheet HTML 1Page - SPANSION S29GL032M10BAIR20 Datasheet HTML 2Page - SPANSION S29GL032M10BAIR20 Datasheet HTML 3Page - SPANSION S29GL032M10BAIR20 Datasheet HTML 4Page - SPANSION S29GL032M10BAIR20 Datasheet HTML 5Page - SPANSION S29GL032M10BAIR20 Datasheet HTML 6Page - SPANSION S29GL032M10BAIR20 Datasheet HTML 7Page - SPANSION S29GL032M10BAIR20 Datasheet HTML 8Page - SPANSION S29GL032M10BAIR20 Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 160 page
background image
Publication Number S29GLxxxM_00
Revision A Amendment 5 Issue Date April 30, 2004
PRELIMINARY
S29GLxxxM MirrorBitTM Flash Family
S29GL256M, S29GL128M, S29GL064M, S29GL032M
256 Megabit, 128 Megabit, 64 Megabit, and 32Megabit,
3.0 Volt-only Page Mode Flash Memory featuring
0.23 um MirrorBit process technology
Datasheet
Distinctive Characteristics
Architectural Advantages
Single power supply operation
— 3 volt read, erase, and program operations
Manufactured on 0.23 um MirrorBit process
technology
SecSi™ (Secured Silicon) Sector region
— 128-word/256-byte sector for permanent, secure
identification through an 8-word/16-byte random
Electronic Serial Number, accessible through a
command sequence
— May be programmed and locked at the factory or by
the customer
Flexible sector architecture
— 256Mb: 512 32 Kword (64 Kbyte) sectors
— 128Mb: 256 32 Kword (64 Kbyte) sectors
— 64Mb (uniform sector models): 128 32 Kword (64
Kbyte) sectors or 128 32 Kword sectors
— 64Mb (boot sector models): 127 32 Kword (64 Kbyte)
sectors + 8 4Kword (8Kbyte) boot sectors
— 32Mb (uniform sector models): 64 32Kword (64
Kbyte) sectors of 64 32Kword sectors
— 32Mb (boot sector models): 63 32Kword (64 Kbyte)
sectors + 8 4Kword (8Kbyte) boot sectors
Compatibility with JEDEC standards
— Provides pinout and software compatibility for single-
power supply flash, and superior inadvertent write
protection
100,000 erase cycles typical per sector
20-year data retention typical
Performance Characteristics
High performance
— 90 ns access time (128Mb, 64Mb, 32Mb),
100 ns access time (256Mb)
— 4-word/8-byte page read buffer
— 25 ns page read times (128Mb, 64Mb, 32Mb)
— 30 ns page read times (256Mb)
— 16-word/32-byte write buffer
— 16-word/32-byte write buffer reduces overall
programming time for multiple-word updates
Low power consumption (typical values at 3.0 V, 5
MHz)
— 18 mA typical active read current (64 Mb, 32 Mb)
— 25 mA typical active read current (256 Mb, 128 Mb)
— 50 mA typical erase/program current
— 1 µA typical standby mode current
Package options
— 40-pin TSOP
— 48-pin TSOP
— 56-pin TSOP
— 64-ball Fortified BGA
— 48-ball fine-pitch BGA
— 63-ball fine-pitch BGA
Software & Hardware Features
Software features
— Program Suspend & Resume: read other sectors
before programming operation is completed
— Erase Suspend & Resume: read/program other
sectors before an erase operation is completed
— Data# polling & toggle bits provide status
— CFI (Common Flash Interface) compliant: allows host
system to identify and accommodate multiple flash
devices
— Unlock Bypass Program command reduces overall
multiple-word programming time
Hardware features
— Sector Group Protection: hardware-level method of
preventing write operations within a sector group
— Temporary Sector Unprotect: VID-level method of
charging code in locked sectors
— WP#/ACC input accelerates programming time
(when high voltage is applied) for greater throughput
during system production. Protects first or last sector
regardless of sector protection settings on uniform
sector models
— Hardware reset input (RESET#) resets device
— Ready/Busy# output (RY/BY#) detects program or
erase cycle completion


Similar Part No. - S29GL032M10BAIR20

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29GL032M10BAIR20 SPANSION-S29GL032M10BAIR20 Datasheet
4Mb / 116P
   256,128,64,32,Megabit 3.0 Volt-only Page Mode Flash Memory featuring 0.23 關m MirrorBit Process Technology
More results

Similar Description - S29GL032M10BAIR20

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29GL-M SPANSION-S29GL-M Datasheet
4Mb / 116P
   256,128,64,32,Megabit 3.0 Volt-only Page Mode Flash Memory featuring 0.23 關m MirrorBit Process Technology
S29GL-N SPANSION-S29GL-N Datasheet
2Mb / 100P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
S29GL-P SPANSION-S29GL-P_07 Datasheet
2Mb / 77P
   3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL-P SPANSION-S29GL-P Datasheet
1Mb / 71P
   3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S70GL01GN00 SPANSION-S70GL01GN00 Datasheet
1Mb / 83P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
S70GL-P SPANSION-S70GL-P Datasheet
455Kb / 13P
   2 Gigabit, 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S70GL01GN00 SPANSION-S70GL01GN00_07 Datasheet
1Mb / 83P
   1024 Megabit, 3.0 Volt-only Page Mode Flash Memory Featuring 110 nm MirrorBit??Process Technology
S70GL02GP SPANSION-S70GL02GP Datasheet
313Kb / 14P
   2 Gigabit, 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL-N SPANSION-S29GL-N_07 Datasheet
3Mb / 79P
   64 Megabit, 32 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 110 nm MirrorBit Process Technology
S29GL032A SPANSION-S29GL032A_07 Datasheet
3Mb / 95P
   64 Megabit, 32 Megabit, and 16 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 200 nm MirrorBit Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com