Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMP92CD54I Datasheet(PDF) 27 Page - Toshiba Semiconductor

Part # TMP92CD54I
Description  32-bit Micro-controller
Download  343 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP92CD54I Datasheet(HTML) 27 Page - Toshiba Semiconductor

Back Button TMP92CD54I Datasheet HTML 23Page - Toshiba Semiconductor TMP92CD54I Datasheet HTML 24Page - Toshiba Semiconductor TMP92CD54I Datasheet HTML 25Page - Toshiba Semiconductor TMP92CD54I Datasheet HTML 26Page - Toshiba Semiconductor TMP92CD54I Datasheet HTML 27Page - Toshiba Semiconductor TMP92CD54I Datasheet HTML 28Page - Toshiba Semiconductor TMP92CD54I Datasheet HTML 29Page - Toshiba Semiconductor TMP92CD54I Datasheet HTML 30Page - Toshiba Semiconductor TMP92CD54I Datasheet HTML 31Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 343 page
background image
2006-01-27
92CD54I-27
TMP92CD54I
Since a transfer counter is a 16-bit counter, up to 65536 micro DMA processing operations
can be performed per interrupt source (provided that the transfer counter for the source is
initially set to 0000H).
Micro DMA processing can be initiated by any one of 43 different interrupts – the 42
interrupts shown in the micro DMA start vectors in Table 3.4.1 and a micro DMA soft start.
Figure 3.4.2 shows a 2-byte transfer carried out using a micro DMA cycle in Transfer
Destination Address INC Mode (micro DMA transfers are the same in every mode except
Counter Mode). (The conditions for this cycle are as follows: external 8-bit bus, 0 waits, and
even-numbered transfer source and transfer destination addresses).
src
One state
CLK
A0
∼23
1
2
3
4
5
dst
Figure 3.4.2 Timing for micro DMA cycle
States 1, 2
:
Instruction fefetch cycle (pretches the next instruction code)
State 3
:
Micro DMA read cycle
State 4
:
Micro DMA write cycle
State 5:
(The same as in state 1, 2)
(2) Micro DMA operation
TMP92CD54I can initiate micro DMA either with an interrupt or by using the micro DMA
soft start function, in which micro DMA is initiated by a Write cycle which writes to the
register DMAR.
Writing 1 to any bit of the register DMAR causes micro DMA to be performed once. On
completion of the transfer, the bits of DMAR which support the end channel are automatically
cleared to 0.
When a burst is specified by the register DMAB, data is transferred continuously from the
initiation of micro DMA until the value in the micro DMA transfer counter is 0.
Symbol
NAME
Address
7
6
5
4
3
2
1
0
DREQ7
DREQ6
DREQ5
DREQ4
DREQ3
DREQ2
DREQ1
DREQ0
R/W
DMAR
DMA
Request
109h
(no RMW)
0
0
0
0
0
0
0
0


Similar Part No. - TMP92CD54I

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP92C820FG TOSHIBA-TMP92C820FG Datasheet
2Mb / 382P
   Original CMOS 16-Bit Microcontroller
TMP92CA25FG TOSHIBA-TMP92CA25FG Datasheet
2Mb / 426P
   Original CMOS 32-Bit Microcontroller
TMP92CF26AXBG TOSHIBA-TMP92CF26AXBG Datasheet
4Mb / 767P
   Original CMOS 32-Bit Microcontroller
TMP92CH21FG TOSHIBA-TMP92CH21FG Datasheet
3Mb / 540P
   CMOS 32-Bit Microcontroller
TMP92CM22FG TOSHIBA-TMP92CM22FG Datasheet
1Mb / 260P
   CMOS 32-Bit Microcontroller
More results

Similar Description - TMP92CD54I

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP92FD54AI TOSHIBA-TMP92FD54AI Datasheet
788Kb / 84P
   CMOS 32-bit Micro-controller
logo
RDC Semiconductor
R8610 RDC-R8610 Datasheet
92Kb / 6P
   32 Bit RISC Micro Controller
logo
Winbond
W90N740 WINBOND-W90N740 Datasheet
414Kb / 39P
   32-Bit ARM7TDMI-Based Micro-Controller
W90N740CD WINBOND-W90N740CD Datasheet
1Mb / 198P
   32-BIT ARM7TDMI-BASED MICRO-CONTROLLER
logo
Fujitsu Component Limit...
MB86831 FUJITSU-MB86831 Datasheet
1Mb / 82P
   32-bit Embedded Controller
logo
Infineon Technologies A...
SLE88CF4000P INFINEON-SLE88CF4000P Datasheet
129Kb / 9P
   32-Bit Security Controller
12.2009
logo
Mosel Vitelic, Corp
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
   8-Bit Micro-controller
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
   8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
   8-Bit Micro-controller
logo
Micon Design Technology...
MDT10P57 MDTIC-MDT10P57 Datasheet
156Kb / 13P
   8-bit micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com