Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMP92CD54I Datasheet(PDF) 95 Page - Toshiba Semiconductor

Part # TMP92CD54I
Description  32-bit Micro-controller
Download  343 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP92CD54I Datasheet(HTML) 95 Page - Toshiba Semiconductor

Back Button TMP92CD54I Datasheet HTML 91Page - Toshiba Semiconductor TMP92CD54I Datasheet HTML 92Page - Toshiba Semiconductor TMP92CD54I Datasheet HTML 93Page - Toshiba Semiconductor TMP92CD54I Datasheet HTML 94Page - Toshiba Semiconductor TMP92CD54I Datasheet HTML 95Page - Toshiba Semiconductor TMP92CD54I Datasheet HTML 96Page - Toshiba Semiconductor TMP92CD54I Datasheet HTML 97Page - Toshiba Semiconductor TMP92CD54I Datasheet HTML 98Page - Toshiba Semiconductor TMP92CD54I Datasheet HTML 99Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 343 page
background image
2006-01-27
92CD54I-95
TMP92CD54I
Setting example: To generate an INTT1 interrupt every 0.4 seconds at fc = 20 MHz, set the timer
registers TREG0 and TREG1 as follows:
If
φT16 (6.4 µs at 20 MHz) is used as the input clock for counting, set the following value
in the registers: 0.4 s
÷ 6.4 µs = 62500 = F424H; i.e. set TREG1 to F4H and TREG0 to 24H.
The comparator match signal is output from timer 0 each time the up-counter UC0
matches TREG0, where the up-counter UC0 is not cleared.
In the case of the timer 1 comparator, the match detect signal is output on each
comparator pulse on which the values in the up-counter UC1 and TREG1 match.
When the match detect signal is output simultaneously from both the comparators
timer 0 and timer 1, the up-counters UC0 and UC1 are cleared to 0 and the interrupt
INTT1 is generated. Also, if inversion is enabled, the value of the timer flip-flop TFF1 is
inverted.
Example:
When TREG1 = 04H and TREG0 = 80H
Figure 3.7.20 Timer output by 16-Bit Interval Timer Mode
(3) 8-Bit Programmable Pulse Generation(PPG) Output Mode
Square wave pulses can be generated at any frequency and duty ratio by timer 0. The
output pulses may be active-Low or active-High. In this mode timer 1 cannot be used.
Timer 0 outputs pulses on the TO1 pin (which can also be used as PC1).
Figure 3.7.21 8 bit PPG output waveforms
0080H
0180H
0280H
0380H
0480H
Value of up-counter(UC1, UC0):
UC0 & TREG0
match detect signal
0000H
Inversion
Interrupt INTT1
Timer output TO1
UC1 & TREG1
match detect signal
t
tH
tL
TREG0 and UC0 match
(Interrupt INTT0)
TREG0
TREG1
TREG1 and UC0 match
(Interruput INTT1)
TO1
Duty cycle
Period


Similar Part No. - TMP92CD54I

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP92C820FG TOSHIBA-TMP92C820FG Datasheet
2Mb / 382P
   Original CMOS 16-Bit Microcontroller
TMP92CA25FG TOSHIBA-TMP92CA25FG Datasheet
2Mb / 426P
   Original CMOS 32-Bit Microcontroller
TMP92CF26AXBG TOSHIBA-TMP92CF26AXBG Datasheet
4Mb / 767P
   Original CMOS 32-Bit Microcontroller
TMP92CH21FG TOSHIBA-TMP92CH21FG Datasheet
3Mb / 540P
   CMOS 32-Bit Microcontroller
TMP92CM22FG TOSHIBA-TMP92CM22FG Datasheet
1Mb / 260P
   CMOS 32-Bit Microcontroller
More results

Similar Description - TMP92CD54I

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP92FD54AI TOSHIBA-TMP92FD54AI Datasheet
788Kb / 84P
   CMOS 32-bit Micro-controller
logo
RDC Semiconductor
R8610 RDC-R8610 Datasheet
92Kb / 6P
   32 Bit RISC Micro Controller
logo
Winbond
W90N740 WINBOND-W90N740 Datasheet
414Kb / 39P
   32-Bit ARM7TDMI-Based Micro-Controller
W90N740CD WINBOND-W90N740CD Datasheet
1Mb / 198P
   32-BIT ARM7TDMI-BASED MICRO-CONTROLLER
logo
Fujitsu Component Limit...
MB86831 FUJITSU-MB86831 Datasheet
1Mb / 82P
   32-bit Embedded Controller
logo
Infineon Technologies A...
SLE88CF4000P INFINEON-SLE88CF4000P Datasheet
129Kb / 9P
   32-Bit Security Controller
12.2009
logo
Mosel Vitelic, Corp
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
   8-Bit Micro-controller
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
   8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
   8-Bit Micro-controller
logo
Micon Design Technology...
MDT10P57 MDTIC-MDT10P57 Datasheet
156Kb / 13P
   8-bit micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com