Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP-04 Datasheet(PDF) 2 Page - DB Lectro Inc

Part # RP-04
Description  Piano Type Dip Switch
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

RP-04 Datasheet(HTML) 2 Page - DB Lectro Inc

  RP-04 Datasheet HTML 1Page - DB Lectro Inc RP-04 Datasheet HTML 2Page - DB Lectro Inc RP-04 Datasheet HTML 3Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MODEL
PROD NO.
NO. OF POS
DIM A
RPL/RP-02
02
6.26
0.246
RPL/RP-03
03
9.06
0.357
RPL/RP-04
04
11.34
0.446
RPL/RP-05
05
13.88
0.546
RPL/RP-06
06
16.42
0.646
RPL/RP-08
08
21.5
0.846
RPL/RP-10
10
26.58
1.046
RPL/RP-12
12
31.60
1.244
HOW TO ORDER
Example: RPL-08-B-T is a Piano Type Dip Switch, Long key, 8
position with top tape sealed.
PACKING All Dip Switches are shipped in standard IC tubes with
all poles in "OFF" position.
CIRCUIT DIAGRAM
TERMINAL TYPE
SPECIFICATION
ELECTRICAL
Electrical life: 2000 operation cycles per switch 24VDC, 25mA.
Non-Switching Rating: 100mA, 50 VDC
Switching Rating: 25mA, 24VCD.
Contact resistance: (a) 50mΩ max. at initial
(b) 100mΩ max. after life test.
Insulation resistance: 100MΩ min. (at 500VDC)
Dielectric Strength: 500VAC/1 minute.
Capacitance: 5pF max.
Circuit: Single pole single throw.
MECHANICAL
Mechanical life: 2000 operations per cycle switch
Operation Force: 400gf max.
Stroke: 2.0mm
Operation Temp: -25° C to +70° C
Storage Temp: -40° C to +85° C
Vibration Test: MIL-STD-202F METHOD 201A
Frequency: 10-55-10Hz/1 min
Directions: X, Y, Z, three mutually
perpendicular directions.
Time: 2 hours each direction.
High reliability.
Shock Test: MIL-STD-202F METHOD 213B.
CONDITION A
GRAVITY: 50G (peak value), 11 m/sec.
Direction and times: 6 sides and three times in
each direction. High reliability.
SOLDERING AND CLEANING PROCESSES
For best results, please follow these recommendations: Keep all
switch contacts in their "OFF" position for all operations.
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com


Similar Part No. - RP-04

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
RP-04-B DBLECTRO-RP-04-B Datasheet
314Kb / 2P
   PIANO TYPE DIP SWITCH
RP-04-B-T DBLECTRO-RP-04-B-T Datasheet
314Kb / 2P
   PIANO TYPE DIP SWITCH
RP-04-K DBLECTRO-RP-04-K Datasheet
314Kb / 2P
   PIANO TYPE DIP SWITCH
RP-04-K-T DBLECTRO-RP-04-K-T Datasheet
314Kb / 2P
   PIANO TYPE DIP SWITCH
RP-04-R DBLECTRO-RP-04-R Datasheet
314Kb / 2P
   PIANO TYPE DIP SWITCH
More results

Similar Description - RP-04

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
RP-02 DBLECTRO-RP-02 Datasheet
314Kb / 2P
   PIANO TYPE DIP SWITCH
logo
Adam Technologies, Inc.
SW-DP-XX-SPST-V-T-P-L ADAM-TECH-SW-DP-XX-SPST-V-T-P-L Datasheet
80Kb / 1P
   PIANO TYPE DIP SWITCH
logo
Omron Electronics LLC
A6SR OMRON-A6SR Datasheet
403Kb / 4P
   DIP Switch (Piano Type)
A6TR OMRON-A6TR Datasheet
334Kb / 4P
   DIP Switch (Piano Type)
logo
GREATECS
DX516 GREATECS-DX516 Datasheet
259Kb / 1P
   End Stackable Piano Type DIP Switch
logo
OEN India Limited
OEN27 OENINDIA-OEN27 Datasheet
372Kb / 1P
   SLIDE & PIANO TYPE DIP SWITCHES
27S-024S OENINDIA-27S-024S Datasheet
372Kb / 1P
   SLIDE&PIANO TYPE DIP SWITCHES
logo
Omron Electronics LLC
A6HR OMRON-A6HR Datasheet
230Kb / 2P
   Piano DIP Switch (SMT Half-pitch)
logo
E-SWITCH
KAR E-SWITCH-KAR Datasheet
542Kb / 3P
   PIANO DIP SWITCHES
KAP E-SWITCH-KAP Datasheet
139Kb / 2P
   PIANO DIP SWITCHES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com