Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC16F628AIML Datasheet(PDF) 3 Page - Microchip Technology

Part # PIC16F628AIML
Description  Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
Download  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F628AIML Datasheet(HTML) 3 Page - Microchip Technology

  PIC16F628AIML Datasheet HTML 1Page - Microchip Technology PIC16F628AIML Datasheet HTML 2Page - Microchip Technology PIC16F628AIML Datasheet HTML 3Page - Microchip Technology PIC16F628AIML Datasheet HTML 4Page - Microchip Technology PIC16F628AIML Datasheet HTML 5Page - Microchip Technology PIC16F628AIML Datasheet HTML 6Page - Microchip Technology PIC16F628AIML Datasheet HTML 7Page - Microchip Technology PIC16F628AIML Datasheet HTML 8Page - Microchip Technology PIC16F628AIML Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 180 page
background image
© 2005 Microchip Technology Inc.
DS40044D-page 1
PIC16F627A/628A/648A
High-Performance RISC CPU:
• Operating speeds from DC – 20 MHz
• Interrupt capability
• 8-level deep hardware stack
• Direct, Indirect and Relative Addressing modes
• 35 single-word instructions:
- All instructions single cycle except branches
Special Microcontroller Features:
• Internal and external oscillator options:
- Precision internal 4 MHz oscillator factory
calibrated to ±1%
- Low-power internal 48 kHz oscillator
- External Oscillator support for crystals and
resonators
• Power-saving Sleep mode
• Programmable weak pull-ups on PORTB
• Multiplexed Master Clear/Input-pin
• Watchdog Timer with independent oscillator for
reliable operation
• Low-voltage programming
• In-Circuit Serial Programming™ (via two pins)
• Programmable code protection
• Brown-out Reset
• Power-on Reset
• Power-up Timer and Oscillator Start-up Timer
• Wide operating voltage range (2.0-5.5V)
• Industrial and extended temperature range
• High-Endurance Flash/EEPROM cell:
- 100,000 write Flash endurance
- 1,000,000 write EEPROM endurance
- 40 year data retention
Low-Power Features:
• Standby Current:
- 100 nA @ 2.0V, typical
• Operating Current:
-12
μA @ 32 kHz, 2.0V, typical
-120
μA @ 1 MHz, 2.0V, typical
• Watchdog Timer Current:
-1
μA @ 2.0V, typical
• Timer1 Oscillator Current:
-1.2
μA @ 32 kHz, 2.0V, typical
• Dual-speed Internal Oscillator:
- Run-time selectable between 4 MHz and
48 kHz
-4
μs wake-up from Sleep, 3.0V, typical
Peripheral Features:
• 16 I/O pins with individual direction control
• High current sink/source for direct LED drive
• Analog comparator module with:
- Two analog comparators
- Programmable on-chip voltage reference
(VREF) module
- Selectable internal or external reference
- Comparator outputs are externally accessible
• Timer0: 8-bit timer/counter with 8-bit
programmable prescaler
• Timer1: 16-bit timer/counter with external crystal/
clock capability
• Timer2: 8-bit timer/counter with 8-bit period
register, prescaler and postscaler
• Capture, Compare, PWM module:
- 16-bit Capture/Compare
-10-bit PWM
• Addressable Universal Synchronous/Asynchronous
Receiver/Transmitter USART/SCI
Device
Program
Memory
Data Memory
I/O
CCP
(PWM)
USART
Comparators
Timers
8/16-bit
Flash
(words)
SRAM
(bytes)
EEPROM
(bytes)
PIC16F627A
1024
224
128
16
1
Y
2
2/1
PIC16F628A
2048
224
128
16
1
Y
2
2/1
PIC16F648A
4096
256
256
16
1
Y
2
2/1
18-pin Flash-Based, 8-Bit CMOS Microcontrollers
with nanoWatt Technology


Similar Part No. - PIC16F628AIML

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16F628A MICROCHIP-PIC16F628A Datasheet
3Mb / 168P
   FLASH-Based 8-Bit CMOS Microcontrollers
2002
PIC16F628A MICROCHIP-PIC16F628A Datasheet
2Mb / 178P
   Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
2007
PIC16F628A MICROCHIP-PIC16F628A Datasheet
3Mb / 180P
   Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
2009
PIC16F628A MICROCHIP-PIC16F628A Datasheet
3Mb / 180P
   Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
03/26/09
PIC16F628A-E/ML MICROCHIP-PIC16F628A-E/ML Datasheet
3Mb / 168P
   FLASH-Based 8-Bit CMOS Microcontrollers
2002
More results

Similar Description - PIC16F628AIML

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16F628A-IP MICROCHIP-PIC16F628A-IP Datasheet
3Mb / 180P
   Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
03/26/09
PIC16F627A MICROCHIP-PIC16F627A_07 Datasheet
2Mb / 178P
   Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
2007
PIC16F627A MICROCHIP-PIC16F627A_09 Datasheet
3Mb / 180P
   Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
2009
PIC12F683 MICROCHIP-PIC12F683 Datasheet
2Mb / 148P
   8-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
2004
PIC12F683 MICROCHIP-PIC12F683_07 Datasheet
3Mb / 176P
   8-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
2007
PIC16F684 MICROCHIP-PIC16F684_07 Datasheet
3Mb / 192P
   14-Pin, Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
2007
PIC16F688-I MICROCHIP-PIC16F688-I Datasheet
3Mb / 204P
   14-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
03/26/09
PIC16F688 MICROCHIP-PIC16F688_07 Datasheet
3Mb / 202P
   14-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
2007
PIC16F636T-I MICROCHIP-PIC16F636T-I Datasheet
2Mb / 234P
   8/14-Pin, Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
12/08/06
PIC16F631 MICROCHIP-PIC16F631 Datasheet
5Mb / 294P
   20-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com