Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMP91FY28 Datasheet(PDF) 18 Page - Toshiba Semiconductor

Part # TMP91FY28
Description  Original CMOS 16-Bit Microcontroller
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP91FY28 Datasheet(HTML) 18 Page - Toshiba Semiconductor

Back Button TMP91FY28 Datasheet HTML 14Page - Toshiba Semiconductor TMP91FY28 Datasheet HTML 15Page - Toshiba Semiconductor TMP91FY28 Datasheet HTML 16Page - Toshiba Semiconductor TMP91FY28 Datasheet HTML 17Page - Toshiba Semiconductor TMP91FY28 Datasheet HTML 18Page - Toshiba Semiconductor TMP91FY28 Datasheet HTML 19Page - Toshiba Semiconductor TMP91FY28 Datasheet HTML 20Page - Toshiba Semiconductor TMP91FY28 Datasheet HTML 21Page - Toshiba Semiconductor TMP91FY28 Datasheet HTML 22Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 60 page
background image
TMP91FY28
2004-02-12
91FY28-16
Under development
(7) Write operation status
As shown in Table “Write status flags”, the flash memory provides several flag bits to
determine the status of an embedded operation: DQ7, DQ6, DQ5 and DQ3. These status
bits can be read during an embedded operation using the same timing as for read mode.
The flash memory automatically returns to read mode when an embedded operation
completes.
The system can determine the operating status by referencing write status flags during
an embedded operation. Once an embedded operation has completed, the system can
determine the status by checking whether the data it has read matches the cell data.
1.
DQ7 (Data polling)
The data polling bit, DQ7, indicates to the host system the status of the embedded
operation. Data polling is valid at the completion of the final bus cycle of a command
sequence.
When the embedded program algorithm is in progress, an attempt to read the flash
memory will produce the complement of the data last written to DQ7. Upon completion
of the embedded program algorithm, an attempt to read the flash memory will produce
the true data last written to DQ7. Therefore, the system can use DQ7 to determine
whether the embedded program algorithm is in progress or completed.
When the embedded erase algorithm is in progress, an attempt to read the flash
memory will produce a 0 at the DQ7 output. Upon completion of the embedded erase
algorithm, the flash memory will produce a 1 at the DQ7 output.
If there is a failure during an embedded operation, DQ7 continues to drive out the
same value.
The flash memory disables address latching when an embedded operation is
complete. Data polling must be performed with a valid programmed address or an
address within any of the non-protected blocks selected for erasure.
2.
DQ6 (Toggle bit)
The toggle bit, DQ6, also indicates to the host system the status of the embedded
operation.
Toggle bit is valid at the completion of the final bus cycle of a command sequence.
Note that the erase operation will begin after the time-out has expired. When the
embedded program algorithm is in progress, successive read cycles to any address
cause DQ6 to toggle. If DQ6 is a 1 in the first read cycle, it will be a 0 in the next. Upon
completion of the embedded program algorithm, DQ6 stops toggling and an attempt to
read the flash memory will produce the data last written to DQ6. If there is a failure
during an embedded operation, DQ6 still toggles.


Similar Part No. - TMP91FY28

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP91FY22F TOSHIBA-TMP91FY22F Datasheet
390Kb / 48P
   Quality And Reliability Assurance / Handling Precautions
More results

Similar Description - TMP91FY28

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP91FY42FG TOSHIBA-TMP91FY42FG Datasheet
2Mb / 332P
   Original CMOS 16-Bit Microcontroller
TMP92C820FG TOSHIBA-TMP92C820FG Datasheet
2Mb / 382P
   Original CMOS 16-Bit Microcontroller
TMP91C829 TOSHIBA-TMP91C829 Datasheet
1Mb / 204P
   Original CMOS 16-Bit Microcontroller
TMP91CW12A TOSHIBA-TMP91CW12A Datasheet
357Kb / 28P
   Original CMOS 16-Bit Microcontroller
TMP91CY22IFG TOSHIBA-TMP91CY22IFG Datasheet
340Kb / 24P
   Original CMOS 16-Bit Microcontroller
TMP91C025FG TOSHIBA-TMP91C025FG Datasheet
1Mb / 260P
   Original CMOS 16-Bit Microcontroller
TMP91CW28 TOSHIBA-TMP91CW28 Datasheet
2Mb / 286P
   Original CMOS 16-Bit Microcontroller
TMP91C820A TOSHIBA-TMP91C820A Datasheet
2Mb / 360P
   Original CMOS 16-Bit Microcontroller
TMP91CP27 TOSHIBA-TMP91CP27 Datasheet
1Mb / 246P
   Original CMOS 16-Bit Microcontroller
TMP91CY28 TOSHIBA-TMP91CY28 Datasheet
189Kb / 22P
   Original CMOS 16-Bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com