Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMP91CW28 Datasheet(PDF) 81 Page - Toshiba Semiconductor

Part # TMP91CW28
Description  Original CMOS 16-Bit Microcontroller
Download  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP91CW28 Datasheet(HTML) 81 Page - Toshiba Semiconductor

Back Button TMP91CW28 Datasheet HTML 77Page - Toshiba Semiconductor TMP91CW28 Datasheet HTML 78Page - Toshiba Semiconductor TMP91CW28 Datasheet HTML 79Page - Toshiba Semiconductor TMP91CW28 Datasheet HTML 80Page - Toshiba Semiconductor TMP91CW28 Datasheet HTML 81Page - Toshiba Semiconductor TMP91CW28 Datasheet HTML 82Page - Toshiba Semiconductor TMP91CW28 Datasheet HTML 83Page - Toshiba Semiconductor TMP91CW28 Datasheet HTML 84Page - Toshiba Semiconductor TMP91CW28 Datasheet HTML 85Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 286 page
background image
TMP91CW28
2006-03-24
91CW28-79
Note 1:
P9CR and P9FC do not support
read-modify-write operation.
Note 2:
When a port 9 pin is used in input mode,
the P9 register controls the on-chip pull-up
resistor. A read-modify-write instruction
cannot be executed if at least one pin of
port 9 is placed in input mode. A
read-modify-write instruction may modify
the on-chip pull-up setting for an input pin
depending on the current pin status.
Note 3:
To specify the TXD pin as an open-drain
output, write a 1 to bit1 (for the TXD pin) of
the ODE register. The P94/RXD pin does
not have a register bit for selecting the port
or timer function. The input to the
P94/RXD pin is always directed to the SIO
as serial receive data even when the pin is
used as a general-purpose input pin.
Port 9 Register
7
6
5
4
3
2
1
0
Bit symbol
P96
P95
P94
P93
P92
P91
P90
Read/Write
R/W
Reset value
Data from external port (Output latch register is set to 1)
Function
0 (Output latch register)
: Pull-up resistor disabled
1 (Output latch register)
: Pull-up resistor enabled
Port 9 Control Register
7
6
5
4
3
2
1
0
Bit symbol
P96C
P95C
P94C
P93C
P92C
P91C
P90C
Read/Write
W
Reset value
0
0
0
0
0
0
0
Function
0: Input
1: Output
Port 9 direction settings
0
Input port
1
Output port
Port 9 Function Register
7
6
5
4
3
2
1
0
Bit symbol
P95F
P93F
P92F
P91F
P90F
Read/Write
W
W
W
W
W
Reset value
0
0
0
0
0
Function
0: Port
1: SCLK
output
0: Port
1: TXD
0: Port
1: SCL1
output
0: Port
1: SDA1/SO1
output
0: Port
1: SCK1
output
Figure 3.5.32 Port 9 Registers
P9
(0019H)
P9CR
(001CH)
SCK1 output settings for P90
TXD output settings for P93
P9FC.P93F
1
P9CR.P93C
1
SCLK output settings for P95
P9FC.P95F
1
P9CR.P95C
1
P9FC.P90F
1
P9CR.P90C
1
SDA1/SO1 output settings for P91
P9FC.P91F
1
P9CR.P91C
1
SCL1 output settings for P92
P9FC.P92F
1
P9CR.P92C
1
P9FC
(001DH)


Similar Part No. - TMP91CW28

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP91CW11F TOSHIBA-TMP91CW11F Datasheet
390Kb / 48P
   Quality And Reliability Assurance / Handling Precautions
TMP91CW12A TOSHIBA-TMP91CW12A Datasheet
357Kb / 28P
   Original CMOS 16-Bit Microcontroller
TMP91CW12AF TOSHIBA-TMP91CW12AF Datasheet
390Kb / 48P
   Quality And Reliability Assurance / Handling Precautions
TMP91CW12F TOSHIBA-TMP91CW12F Datasheet
390Kb / 48P
   Quality And Reliability Assurance / Handling Precautions
TMP91CW12F TOSHIBA-TMP91CW12F Datasheet
1,001Kb / 21P
   CMOS 16-BIT MiCROCONTROLLERS
More results

Similar Description - TMP91CW28

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP91FY42FG TOSHIBA-TMP91FY42FG Datasheet
2Mb / 332P
   Original CMOS 16-Bit Microcontroller
TMP92C820FG TOSHIBA-TMP92C820FG Datasheet
2Mb / 382P
   Original CMOS 16-Bit Microcontroller
TMP91C829 TOSHIBA-TMP91C829 Datasheet
1Mb / 204P
   Original CMOS 16-Bit Microcontroller
TMP91CW12A TOSHIBA-TMP91CW12A Datasheet
357Kb / 28P
   Original CMOS 16-Bit Microcontroller
TMP91CY22IFG TOSHIBA-TMP91CY22IFG Datasheet
340Kb / 24P
   Original CMOS 16-Bit Microcontroller
TMP91FY28 TOSHIBA-TMP91FY28 Datasheet
441Kb / 60P
   Original CMOS 16-Bit Microcontroller
TMP91C025FG TOSHIBA-TMP91C025FG Datasheet
1Mb / 260P
   Original CMOS 16-Bit Microcontroller
TMP91C820A TOSHIBA-TMP91C820A Datasheet
2Mb / 360P
   Original CMOS 16-Bit Microcontroller
TMP91CP27 TOSHIBA-TMP91CP27 Datasheet
1Mb / 246P
   Original CMOS 16-Bit Microcontroller
TMP91CY28 TOSHIBA-TMP91CY28 Datasheet
189Kb / 22P
   Original CMOS 16-Bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com