Electronic Components Datasheet Search |
|
TLV2262AIPWG4 Datasheet(PDF) 10 Page - Texas Instruments |
|
TLV2262AIPWG4 Datasheet(HTML) 10 Page - Texas Instruments |
10 / 58 page TLV226x, TLV226xA Advanced LinCMOS RAILTORAIL OPERATIONAL AMPLIFIERS SLOS186C − FEBRUARY 1997 − REVISED AUGUST 2006 10 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TLV2264I electrical characteristics at specified free-air temperature, VDD = 3 V (unless otherwise noted) PARAMETER TEST CONDITIONS TA† TLV2264I TLV2264AI UNIT PARAMETER TEST CONDITIONS TA† MIN TYP MAX MIN TYP MAX UNIT VIO Input offset voltage 25 °C 300 2500 300 950 µV VIO Input offset voltage Full range 3000 1500 µV αVIO Temperature coefficient 25 °C 2 2 µV/°C αVIO Temperature coefficient of input offset voltage 25 C to 85 °C 2 2 µV/°C Input offset voltage long-term drift (see Note 4) VDD ± = ±1.5 V, VIC = 0, V = 0, 25 °C 0.003 0.003 µV/mo VIC = 0, VO = 0, RS= 50 Ω 25 °C 0.5 60 0.5 60 IIO Input offset current O RS= 50 Ω 85 °C 150 150 pA IIO Input offset current Full range 800 800 pA 25 °C 1 60 1 60 IIB Input bias current 85 °C 150 150 pA IIB Input bias current Full range 800 800 pA 0 − 0.3 0 − 0.3 25 °C 0 to − 0.3 to 0 to − 0.3 to VICR Common-mode input RS = 50 Ω |VIO |≤5 mV 25 C to 2 to 2.2 to 2 to 2.2 V VICR Common-mode input voltage range RS = 50 Ω, |VIO | ≤5 mV 0 0 V voltage range Full range 0 to 0 to Full range to 1.7 to 1.7 IOH = − 20 µA 25 °C 2.99 2.99 High-level output IOH = − 100 µA 25 °C 2.85 2.85 VOH High-level output voltage IOH = − 100 µA Full range 2.825 2.825 V VOH voltage IOH = − 400 µA 25 °C 2.7 2.7 V IOH = − 400 µA Full range 2.65 2.65 VIC = 1.5 V, IOL = 50 µA 25 °C 10 10 VIC = 1.5 V, IOL = 500 µA 25 °C 100 100 VOL Low-level output voltage VIC = 1.5 V, IOL = 500 µA Full range 150 150 mV VOL Low-level output voltage VIC = 1.5 V, IOL = 1 mA 25 °C 200 200 mV VIC = 1.5 V, IOL = 1 mA Full range 300 300 Large-signal differential V = 1.5 V, RL = 50 kΩ‡ 25 °C 60 100 60 100 AVD Large-signal differential voltage amplification VIC = 1.5 V, VO = 1 to 2 V RL = 50 kΩ‡ Full range 30 30 V/mV AVD voltage amplification IC VO = 1 to 2 V RL = 1 MΩ‡ 25 °C 100 100 V/mV ri(d) Differential input resistance 25 °C 1012 1012 Ω ri(c) Common-mode input resistance 25 °C 1012 1012 Ω ci(c) Common-mode input capacitance f = 10 kHz, N package 25 °C 8 8 pF zo Closed-loop output impedance f = 100 kHz, AV = 10 25 °C 270 270 Ω CMRR Common-mode VIC = 0 to 1.7 V, 25 °C 65 75 65 77 dB CMRR Common-mode rejection ratio VO = 1.5 V, RS = 50 Ω Full range 60 60 dB kSVR Supply voltage rejection ratio ( V/ V) VDD = 2.7 V to 8 V, 25 °C 80 95 80 100 dB kSVR Supply voltage rejection ratio ( ∆VDD/∆VIO) VIC = VDD /2, No load Full range 80 80 dB † Full range is − 40°C to 125°C. ‡ Referenced to 1.5 V NOTE 4: Typical values are based on the input offset voltage shift observed through 500 hours of operating life test at TA = 150°C extrapolated to TA = 25°C using the Arrhenius equation and assuming an activation energy of 0.96 eV. |
Similar Part No. - TLV2262AIPWG4 |
|
Similar Description - TLV2262AIPWG4 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |