Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVCR16245ADGGRE4 Datasheet(PDF) 9 Page - Texas Instruments

Part # 74LVCR16245ADGGRE4
Description  16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74LVCR16245ADGGRE4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button 74LVCR16245ADGGRE4 Datasheet HTML 5Page - Texas Instruments 74LVCR16245ADGGRE4 Datasheet HTML 6Page - Texas Instruments 74LVCR16245ADGGRE4 Datasheet HTML 7Page - Texas Instruments 74LVCR16245ADGGRE4 Datasheet HTML 8Page - Texas Instruments 74LVCR16245ADGGRE4 Datasheet HTML 9Page - Texas Instruments 74LVCR16245ADGGRE4 Datasheet HTML 10Page - Texas Instruments 74LVCR16245ADGGRE4 Datasheet HTML 11Page - Texas Instruments 74LVCR16245ADGGRE4 Datasheet HTML 12Page - Texas Instruments 74LVCR16245ADGGRE4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
TAPE AND REEL BOX INFORMATION
Device
Package Pins
Site
Reel
Diameter
(mm)
Reel
Width
(mm)
A0 (mm)
B0 (mm)
K0 (mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
SN74LVCR16245ADGGR
DGG
48
SITE 41
330
24
8.6
15.8
1.8
12
24
Q1
SN74LVCR16245ADGVR
DGV
48
SITE 41
330
24
6.8
10.1
1.6
12
24
Q1
SN74LVCR16245ADLR
DL
48
SITE 41
330
32
11.35
16.2
3.1
16
32
Q1
SN74LVCR16245AGQLR
GQL
56
SITE 32
330
16
4.8
7.3
1.45
8
16
Q1
SN74LVCR16245AGQLR
GQL
56
SITE 60
330
16
4.8
7.3
1.5
8
16
Q1
SN74LVCR16245AZQLR
ZQL
56
SITE 32
330
16
4.8
7.3
1.45
8
16
Q1
SN74LVCR16245AZQLR
ZQL
56
SITE 60
330
16
4.8
7.3
1.5
8
16
Q1
PACKAGE MATERIALS INFORMATION
www.ti.com
4-Oct-2007
Pack Materials-Page 1


Similar Part No. - 74LVCR16245ADGGRE4

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
74LVCR162245APAG IDT-74LVCR162245APAG Datasheet
119Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER
74LVCR162245APAG8 IDT-74LVCR162245APAG8 Datasheet
119Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER
74LVCR162245APVG IDT-74LVCR162245APVG Datasheet
119Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER
74LVCR162245APVG8 IDT-74LVCR162245APVG8 Datasheet
119Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER
logo
Texas Instruments
74LVCR162245DGGRE4 TI-74LVCR162245DGGRE4 Datasheet
308Kb / 12P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results

Similar Description - 74LVCR16245ADGGRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC16245A TI-SN74LVC16245A Datasheet
473Kb / 14P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC16245 TI1-SN74ALVC16245_13 Datasheet
203Kb / 10P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC16245 TI1-SN74LVC16245 Datasheet
161Kb / 9P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCHR16245A TI1-SN74LVCHR16245A_16 Datasheet
1Mb / 28P
[Old version datasheet]   16-Bit Bus Transceiver With 3-State Outputs
SN74LVCR162245 TI-SN74LVCR162245_06 Datasheet
308Kb / 12P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCZ16245A TI-SN74LVCZ16245A Datasheet
190Kb / 11P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16245-EP TI1-SN74ALVCH16245-EP Datasheet
292Kb / 11P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16245 TI-SN74ALVCH16245 Datasheet
465Kb / 17P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74AVC16245 TI-SN74AVC16245 Datasheet
169Kb / 11P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
CABT16245AMDLREP TI1-CABT16245AMDLREP Datasheet
548Kb / 11P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCH16245A TI-SN74LVCH16245A_06 Datasheet
464Kb / 17P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com