Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMP91C025FG Datasheet(PDF) 25 Page - Toshiba Semiconductor

Part # TMP91C025FG
Description  Original CMOS 16-Bit Microcontroller
Download  260 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP91C025FG Datasheet(HTML) 25 Page - Toshiba Semiconductor

Back Button TMP91C025FG Datasheet HTML 21Page - Toshiba Semiconductor TMP91C025FG Datasheet HTML 22Page - Toshiba Semiconductor TMP91C025FG Datasheet HTML 23Page - Toshiba Semiconductor TMP91C025FG Datasheet HTML 24Page - Toshiba Semiconductor TMP91C025FG Datasheet HTML 25Page - Toshiba Semiconductor TMP91C025FG Datasheet HTML 26Page - Toshiba Semiconductor TMP91C025FG Datasheet HTML 27Page - Toshiba Semiconductor TMP91C025FG Datasheet HTML 28Page - Toshiba Semiconductor TMP91C025FG Datasheet HTML 29Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 260 page
background image
TMP91C025
2007-02-28
91C025-23
3.3.4
Prescaler Clock Controller
For the internal I/O (TMRA01 to TMRA23, SIO0 to SIO1) there is a prescaler which can
divide the clock.
The
φT0 clock input to the prescaler is either the clock fFPH divided by 4 or the clock fc/16
divided by 4. The setting of the SYSCR0<PRCK0:1> register determines which clock signal
is input.
3.3.5
Clock Doubler (DFM)
DFM outputs the fDFM clock signal, which is four times as fast as fOSCH. It can use the
low-frequency oscillator, even though the internal clock is high frequency .
A reset initializes DFM to stop status, setting to DFMCR0-register is needed before use.
Like an oscillator, this circuit requires time to stabilize. This is called the lock up time.
The following example shows how DFM is used.
DFMCR0
EQU
00E8H
DFMCR1
EQU
00E9H
LD
(DFMCR1), 00001011B
DFM parameter setting.
LD
(DFMCR0), 01X0XXXXB
;
Set lock up time to 2
12/4 MHz.
Enables DFM operation and starts lock up.
LUP:
BIT
5, (DFMCR0)
;
JR
NZ, LUP
;
Detects end of lock up.
LD
(DFMCR0), 10X0XXXXB
;
Changes fc from 4 MHz to 16 MHz.
(Changes fSYS from 2 MHz to 8 MHz.)
X: Don't care
Note: Input frequency limitation and correction for DFM
Recommend to use Input frequency (High-speed oscillation) for DFM in the following condition.
• fOSCH = 4 to 9 MHz (Vcc = 3.0 to 3.6 V): Write 0BH to DFMCR1
• fOSCH = 4 to 6.75 MHz (Vcc = 2.7 to 3.6 V): Write 0BH to DFMCR1
10
01
Counts up by fOSCH
During lock up
<ACT1:0>
DFM output: fDFM
Lock up timer
<DLUPFG>
System clock fSYS
Starts DFM operation.
Starts lock up.
Ends of lock up.
Changes from 4 MHz to 16 MHz.
After lock up


Similar Part No. - TMP91C025FG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP91C025F TOSHIBA-TMP91C025F Datasheet
390Kb / 48P
   Quality And Reliability Assurance / Handling Precautions
More results

Similar Description - TMP91C025FG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP91FY42FG TOSHIBA-TMP91FY42FG Datasheet
2Mb / 332P
   Original CMOS 16-Bit Microcontroller
TMP92C820FG TOSHIBA-TMP92C820FG Datasheet
2Mb / 382P
   Original CMOS 16-Bit Microcontroller
TMP91C829 TOSHIBA-TMP91C829 Datasheet
1Mb / 204P
   Original CMOS 16-Bit Microcontroller
TMP91CW12A TOSHIBA-TMP91CW12A Datasheet
357Kb / 28P
   Original CMOS 16-Bit Microcontroller
TMP91CY22IFG TOSHIBA-TMP91CY22IFG Datasheet
340Kb / 24P
   Original CMOS 16-Bit Microcontroller
TMP91FY28 TOSHIBA-TMP91FY28 Datasheet
441Kb / 60P
   Original CMOS 16-Bit Microcontroller
TMP91CW28 TOSHIBA-TMP91CW28 Datasheet
2Mb / 286P
   Original CMOS 16-Bit Microcontroller
TMP91C820A TOSHIBA-TMP91C820A Datasheet
2Mb / 360P
   Original CMOS 16-Bit Microcontroller
TMP91CP27 TOSHIBA-TMP91CP27 Datasheet
1Mb / 246P
   Original CMOS 16-Bit Microcontroller
TMP91CY28 TOSHIBA-TMP91CY28 Datasheet
189Kb / 22P
   Original CMOS 16-Bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com