Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMP91C025FG Datasheet(PDF) 18 Page - Toshiba Semiconductor

Part # TMP91C025FG
Description  Original CMOS 16-Bit Microcontroller
Download  260 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP91C025FG Datasheet(HTML) 18 Page - Toshiba Semiconductor

Back Button TMP91C025FG Datasheet HTML 14Page - Toshiba Semiconductor TMP91C025FG Datasheet HTML 15Page - Toshiba Semiconductor TMP91C025FG Datasheet HTML 16Page - Toshiba Semiconductor TMP91C025FG Datasheet HTML 17Page - Toshiba Semiconductor TMP91C025FG Datasheet HTML 18Page - Toshiba Semiconductor TMP91C025FG Datasheet HTML 19Page - Toshiba Semiconductor TMP91C025FG Datasheet HTML 20Page - Toshiba Semiconductor TMP91C025FG Datasheet HTML 21Page - Toshiba Semiconductor TMP91C025FG Datasheet HTML 22Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 260 page
background image
TMP91C025
2007-02-28
91C025-16
3.3.2
SFRs
7
6
5
4
3
2
1
0
Bit symbol
XEN
XTEN
RXEN
RXTEN
RSYSCK
WUEF
PRCK1
PRCK0
Read/Write
R/W
After reset
1
1
1
0
0
0
0
0
Function
High-
frequency
oscillator (fc)
0: Stop
1: Oscillation
Low-
frequency
oscillator (fs)
0: Stop
1: Oscillation
(Note 1)
High-
frequency
oscillator (fc)
after release
of STOP
mode
0: Stop
1: Oscillation
Low-
frequency
oscillator (fs)
after release
of STOP
mode
0: Stop
1: Oscillation
Selects
clock after
release of
STOP mode
0: fc
1: fs
Warm-up
timer
0: Write
Don’t care
1: Write
start timer
0: Read
end
warm-up
1:Read
do not end
warm-up
Select prescaler clock
00: fFPH
01: Reserved
10: fc/16
11: Reserved
7
6
5
4
3
2
1
0
Bit symbol
SYSCK
GEAR2
GEAR1
GEAR0
Read/Write
R/W
After reset
0
1
0
0
Function
Select
system
clock
0: fc
1: fs
Select gear value of high-frequency (fc)
000: fc
001: fc/2
010: fc/4
011: fc/8
100: fc/16
101: (Reserved)
110: (Reserved)
111: (Reserved)
7
6
5
4
3
2
1
0
Bit symbol
PSENV
WUPTM1
WUPTM0
HALTM1
HALTM0
SELDRV
DRVE
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
After reset
0
1
0
1
1
0
0
Function
0: Power
save
mode
enable
1: Disable
(Note 2)
Warm-up timer
00: Reserved
01: 2
8/inputted frequency
10: 2
14
11: 2
16
HALT mode
00: Reserved
01: STOP mode
10: IDLE1 mode
11: IDLE2 mode
<DRVE>
mode
select
0: IDLE1
1: STOP
(Note 3)
Pin state
control in
STOP/IDLE1
mode
0: I/O off
1: Remains
the state
before
halt
Note 1:
By reset, low-frequency oscillator is enabled.
Note 2:
When hard ware standby mode is entered, the meaning of SYSCR2<HALTM1:0>
= 11 shows IDLE1 mode.
Note 3:
“0” means IDLE1 and “1” means STOP. Please be carefull because this setting is sometimes different from
others.
Figure 3.3.3 SFRs for System Clock
SYSCR0
(00E0H)
SYSCR2
(00E2H)
SYSCR1
(00E1H)


Similar Part No. - TMP91C025FG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP91C025F TOSHIBA-TMP91C025F Datasheet
390Kb / 48P
   Quality And Reliability Assurance / Handling Precautions
More results

Similar Description - TMP91C025FG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP91FY42FG TOSHIBA-TMP91FY42FG Datasheet
2Mb / 332P
   Original CMOS 16-Bit Microcontroller
TMP92C820FG TOSHIBA-TMP92C820FG Datasheet
2Mb / 382P
   Original CMOS 16-Bit Microcontroller
TMP91C829 TOSHIBA-TMP91C829 Datasheet
1Mb / 204P
   Original CMOS 16-Bit Microcontroller
TMP91CW12A TOSHIBA-TMP91CW12A Datasheet
357Kb / 28P
   Original CMOS 16-Bit Microcontroller
TMP91CY22IFG TOSHIBA-TMP91CY22IFG Datasheet
340Kb / 24P
   Original CMOS 16-Bit Microcontroller
TMP91FY28 TOSHIBA-TMP91FY28 Datasheet
441Kb / 60P
   Original CMOS 16-Bit Microcontroller
TMP91CW28 TOSHIBA-TMP91CW28 Datasheet
2Mb / 286P
   Original CMOS 16-Bit Microcontroller
TMP91C820A TOSHIBA-TMP91C820A Datasheet
2Mb / 360P
   Original CMOS 16-Bit Microcontroller
TMP91CP27 TOSHIBA-TMP91CP27 Datasheet
1Mb / 246P
   Original CMOS 16-Bit Microcontroller
TMP91CY28 TOSHIBA-TMP91CY28 Datasheet
189Kb / 22P
   Original CMOS 16-Bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com